Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZS30-12C Datasheet(PDF) 1 Page - Frontier Electronics.

Part # ZS30-12C
Description  3WATT SURFACE MOUNT ZENER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

ZS30-12C Datasheet(HTML) 1 Page - Frontier Electronics.

  ZS30-12C Datasheet HTML 1Page - Frontier Electronics. ZS30-12C Datasheet HTML 2Page - Frontier Electronics. ZS30-12C Datasheet HTML 3Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ZS30-10C THRU ZS30-270
Page: 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
3WATT SURFACE MOUNT ZENER DIODE
ZS30-10C THRU ZS30-270C
FEATURES
PLASTIC PACKAGE HAS UNDERWRITERS LABORATORY
FLAMMABILITY CLASSIFICATION 94V-0
LOW ZENER IMPEDANCE
EXCELLENT CLAMPING CAPABILITY
MECHANICAL DATA
CASE: MOLDED PLASTIC, DO-214AC (SMA),
DIMENSIONS IN INCHES AND (MILLIMETERS)
TERMINALS: SOLDER PLATED
POLARITY: INDICATED BY CATHODE BAND
WEIGHT: 0.064 GRAMS
ABSOLUTE MAXIMUM RATINGS
Tamb = 25ºC, UNLESS OTHERWISE SPECIFIED
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
RthJA<25K/W, Tamb = 100℃
Pdiss
3
W
POWER DISSIPATION
RthJA<100K/W, Tamb = 50℃
Pdiss
1.25
W
NON REPETITIVE PEAK SURGE
POWER DISSIPATION
Tp = 100us sq.pulse , Jj = 25
Prior to surge
Pzsm
600
W
JUNCTION TEMPERATURE
Tj
150
ºC
STORAGE TEMPERATURE RANGE
Tstg
-55TO + 150
ºC
THERMAL CHARACTERISTICS
Tamb = 25ºC, UNLESS OTHERWISE SPECIFIED
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
JUNCTION LEAD
RthJL
25
K/W
Mounted on epoxy-glass hard tissue , Fig.1a
RthJA
150
K/W
Mounted on epoxy-glass hard tissue , Fig.1b
RthJA
125
K/W
JUNCTION AMBIENT
Mounted on Al-oxid-ceramic(Al2o3) , Fig.1b
RthJA
100
K/W
ELECTRICAL CHARACTERISTICS
Tamb = 25ºC, UNLESS OTHERWISE SPECIFIED
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
FORWARD VOLTAGE
IF = 0.5A
VF
1.2
V
.220(5.6)
.192(4.9)
.190(4.8)
.157(4.0)
.071(1.8)
.035(0.9)
.110(2.8)
.090(2.3)
.080(2.0)
.100(2.6)
.080(2.0)
.065(1.65)
.040(1.25)
CATHODE
.177(4.5)
.071(1.8)
.087(2.2)
SOLDERING PAD


Similar Part No. - ZS30-12C

ManufacturerPart #DatasheetDescription
logo
Formosa MS
ZS300 FORMOSA-ZS300 Datasheet
59Kb / 2P
   1WATT SURFACE MOUNT ZENER DIODE
ZS300-BL FORMOSA-ZS300-BL Datasheet
66Kb / 2P
   1 W Surface Mount Zener Diode - Zener diodes
logo
Frontier Electronics.
ZS300-LFR FRONTIER-ZS300-LFR Datasheet
121Kb / 2P
   1WATT SURFACE MOUNT ZENER DIODE
logo
Formosa MS
ZS300B FORMOSA-ZS300B Datasheet
66Kb / 2P
   1 W Surface Mount Zener Diode - Zener diodes
logo
CHENG-YI ELECTRONIC CO....
ZS300BL CHENG-YI-ZS300BL Datasheet
131Kb / 2P
   1WATT SURFACE MOUNT ZENER DIODE
More results

Similar Description - ZS30-12C

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BZX84C3V3 RECTRON-BZX84C3V3 Datasheet
20Kb / 2P
   SURFACE MOUNT ZENER DIODE
logo
Comchip Technology
CZRM27C3V6P COMCHIP-CZRM27C3V6P Datasheet
88Kb / 3P
   Surface Mount Zener Diode
CZRA3011 COMCHIP-CZRA3011 Datasheet
118Kb / 5P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C2V0S DIODES-BZT52C2V0S Datasheet
54Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS30093 Rev. 9 - 2
logo
Bruckewell Technology L...
BZT52C2V0S BWTECH-BZT52C2V0S Datasheet
480Kb / 4P
   Surface mount zener diode
logo
Galaxy Semi-Conductor H...
SMBJ5913B BILIN-SMBJ5913B Datasheet
243Kb / 5P
   Surface mount zener diode
logo
Microdiode Electronics ...
BZT52C2V0 CHENDA-BZT52C2V0 Datasheet
1Mb / 4P
   Surface mount zener diode
logo
SeCoS Halbleitertechnol...
MMSZ5221BS SECOS-MMSZ5221BS Datasheet
166Kb / 3P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C5V1LP DIODES-BZT52C5V1LP Datasheet
274Kb / 4P
   SURFACE MOUNT ZENER DIODE
DS30506 Rev. 11 - 2
logo
Taiwan Semiconductor Co...
MMSZ5221B TSC-MMSZ5221B Datasheet
59Kb / 3P
   Surface Mount Zener Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com