Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z10-180 Datasheet(PDF) 1 Page - Frontier Electronics.

Part # Z10-180
Description  1 WATT ZENER DIODE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

Z10-180 Datasheet(HTML) 1 Page - Frontier Electronics.

  Z10-180 Datasheet HTML 1Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Z10-100 THRU Z10-330
Page: 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
1 WATT ZENER DIODE
Z10-100 THRU Z10-330
FEATURES
PLASTIC PACKAGE HAS UNDERWRITERS LABORATORY
FLAMMABILITY CLASSIFICATION 94V-0
LOW ZENER IMPEDANCE
EXCELLENT CLAMPING CAPABILITY
MECHANICAL DATA
CASE: MOLDED PLASTIC, DO41,
DIMENSIONS IN INCHES AND (MILLIMETERS)
TERMINALS: AXIAL LEADS, SOLDERABLE PER
MIL-STD-202, METHOD 208
POLARITY: COLOR BAND DENOTES CATHODE
WEIGHT: 0.34 GRAMS
MOUNTING POSITION: ANY
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
RATINGS AT 25
°C AMBIENT TEMPERATURE UNLESS OTHERWISE
SPECIFIED STORAGE AND OPERATING TEMPERATURE RANGE -55
°C TO + 150°C
ELECTRICAL CHARACTERISTICS (TA=25
℃UNLESS OTHERWISE NOTED) VF=1.2V MAX, IF = 200mA FOR ALL TYPES
ZENER
BREAKDOWN
VOLTAGE
DYNAMIC IMPEDANCES
25
℃TA
MAXIMUM REVERSE
CURRENT
@ MEASUREMENT
VOLTAGE AND 25
℃TA
VZ
IZT
ZZT
IZK
ZZK
VR
IR
TYPE
V
mA
ohms
mA
ohms
V
μA
Z10-100
Z10-110
Z10-115
Z10-120
Z10-130
Z10-140
Z10-150
Z10-160
Z10-170
Z10-180
Z10-190
Z10-200
Z10-210
Z10-220
Z10-230
Z10-240
Z10-250
Z10-260
Z10-270
Z10-280
Z10-290
Z10-300
Z10-310
Z10-320
Z10-330
100
110
115
120
130
140
150
160
170
180
190
200
210
220
230
240
250
260
270
280
290
300
310
320
330
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
750
750
750
850
1000
1200
1300
1500
2200
2200
2500
2500
5000
5000
5000
5000
5000
5000
5000
5000
5000
5000
5000
5000
5000
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
5000
5000
5000
5000
5000
5000
5000
5000
5000
5000
5000
8000
9000
9000
9000
9000
9000
9000
9000
9000
9000
9000
9500
9500
9500
75
80
85
90
95
105
110
120
130
140
150
165
165
170
175
180
190
195
200
210
215
220
225
233
240
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
NOTE
︰STANDARD±20%, SUFFIX〝A〞±10%,SUFFIX〝B〞±5% ,SUFFIX〝T〞±10V
.205(5.2)
.166(4.2)
1.0(25.4)
MIN
.034(0.9)
.028(0.7)
1.0(25.4)
MIN
.107(2.7)
.080(2.0)


Similar Part No. - Z10-180

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
Z10-180 FCI-Z10-180 Datasheet
257Kb / 3P
   1 Watt ZENER DIODES (110V to 390V) Excellent Clamping Capability
logo
Frontier Electronics.
Z10-180-LFR FRONTIER-Z10-180-LFR Datasheet
120Kb / 2P
   1 WATT ZENER DIODE
Z10-180B FRONTIER-Z10-180B Datasheet
469Kb / 3P
   1W AXIAL LEAD ZENER DIODES, 100V ??330V
More results

Similar Description - Z10-180

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Frontier Electronics.
Z10-100-LFR FRONTIER-Z10-100-LFR Datasheet
120Kb / 2P
   1 WATT ZENER DIODE
ZTL50-X FRONTIER-ZTL50-X Datasheet
120Kb / 2P
   1 WATT ZENER DIODE
logo
Compensated Deuices Inc...
1N3821A CDI-DIODE-1N3821A Datasheet
43Kb / 2P
   1 WATT ZENER DIODE
logo
Frontier Electronics.
1N4736A-LFR FRONTIER-1N4736A-LFR Datasheet
127Kb / 2P
   1 WATT ZENER DIODE
logo
Microsemi Corporation
1EZ110D5 MICROSEMI-1EZ110D5 Datasheet
169Kb / 3P
   Silicon 1 Watt Zener Diode
logo
Frontier Electronics.
ZM200-X FRONTIER-ZM200-X Datasheet
120Kb / 2P
   1 WATT SURFACE MOUNT ZENER DIODE
logo
NTE Electronics
NTE5061A NTE-NTE5061A Datasheet
30Kb / 3P
   Zener Diode, 1 Watt 짹5% Tolerance
logo
Micro Commercial Compon...
SMAZ20-TP MCC-SMAZ20-TP Datasheet
311Kb / 4P
   1 Watt Zener Diode 5.1V - 39V Volts
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com