Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ITO-220AC Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # ITO-220AC
Description  Super Fast Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

ITO-220AC Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  ITO-220AC Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd ITO-220AC Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
2
PIN
10.2± 0.2
4.0± 0.3
5.0± 0.1
1.4± 0.1
0.6± 0.1
4.5± 0.2
3.1
+0.2
-0.1
2.6± 0.2
0.6± 0.1
Low cost
Diffused junction
Glass passivated junction
Low forward voltage drop
High current capability
Case:JEDEC ITO-220AC
Polarity: Color band denotes cathode
Weight: 0.064 ounces,1.81 gram
Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase,half wave,60 Hz,resistive or inductive load. For capacitive load,derate by 20%.
SF
810F
SF
820F
SF
830F
SF
840F
SF
860F
Maximum recurrent peak reverse voltage
VRRM
100
200
300
400
500
600
V
Maximum RMS voltage
VRMS
70
140
210
280
350
420
V
Maximum DC blocking voltage
VDC
100
200
300
400
500
600
V
Maximum average forward rectified current
total device (rated VR),TC=100℃
Peak forward surge current
8.3ms single half-sine-wave
superimposed on rated load
Maximum instantaneous
@IF=8.0A
forward voltage (Note1)
VF
1.3
1.7
V
Maximum reverse current
@Tj=25℃
at rated DC blocking voltage
@Tj=125℃
Maximum reverse recovery time (Note2)
Typical thermal resistance junction to case
RθjC
℃/W
Operating junction temperature range
Tj
Storage temperature range
TSTG
NOTE:1.Pulse test:pulse width=300
µs,duty cycle≤2.0%
2. Measured with IF=0.5A, IR=1A, Irr=0.25 A.
ns
5.0
CURRENT: 8.0A
ITO-220AC
SF
805F
UNITS
- 55 ---- + 150
- 55 ---- + 150
A
µA
125
0.98
A
VOLTAGE RANGE: 50 --- 600V
Easily cleaned with Alcohol,Isopropanol and similar solvents
I(AV)
8.0
IFSM
50
IR
The plastic material carries U/L recognition 94V-0
35
50
10
500
trr
35
SF
850F
Dimensions in millimeters
SF805F-SF860F
Super Fast Rectifiers
Features
Mechanical Data
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - ITO-220AC

ManufacturerPart #DatasheetDescription
logo
YENYO TECHNOLOGY Co., L...
ITO-220AC YENYO-ITO-220AC Datasheet
388Kb / 1P
   Dimensions in inches and
logo
Shenzhen Luguang Electr...
ITO-220AC LUGUANG-ITO-220AC Datasheet
224Kb / 2P
   Super Fast Rectifiers
ITO-220AC LUGUANG-ITO-220AC Datasheet
251Kb / 2P
   Schottky Barrier Rectifiers
ITO-220AC LUGUANG-ITO-220AC Datasheet
179Kb / 2P
   Super Fast Rectifiers
ITO-220AC LUGUANG-ITO-220AC Datasheet
222Kb / 2P
   Super Fast Rectifiers
More results

Similar Description - ITO-220AC

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
31DF1 BILIN-31DF1 Datasheet
55Kb / 2P
   SUPER FAST RECTIFIERS
BYV26A BILIN-BYV26A Datasheet
54Kb / 2P
   SUPER FAST RECTIFIERS
RL4A BILIN-RL4A Datasheet
55Kb / 2P
   SUPER FAST RECTIFIERS
logo
HY ELECTRONIC CORP.
SF801 HY-SF801 Datasheet
94Kb / 2P
   SUPER FAST RECTIFIERS
logo
Bruckewell Technology L...
SF3060PT BWTECH-SF3060PT Datasheet
171Kb / 3P
   Super Fast Rectifiers
logo
Leshan Radio Company
SF14 LRC-SF14_15 Datasheet
201Kb / 7P
   Super Fast Rectifiers
SF21 LRC-SF21_15 Datasheet
207Kb / 7P
   Super Fast Rectifiers
SF27 LRC-SF27_15 Datasheet
208Kb / 7P
   Super Fast Rectifiers
logo
Shenzhen Luguang Electr...
USF1610C LUGUANG-USF1610C Datasheet
178Kb / 2P
   Super Fast Rectifiers
logo
SeCoS Halbleitertechnol...
SF11 SECOS-SF11_15 Datasheet
151Kb / 2P
   Super Fast Rectifiers
SF31 SECOS-SF31_15 Datasheet
151Kb / 2P
   Super Fast Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com