Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

US1A-LFR Datasheet(PDF) 2 Page - Frontier Electronics.

Part # US1A-LFR
Description  1A SURFACE MOUNT ULTRA FAST RECOVERY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

US1A-LFR Datasheet(HTML) 2 Page - Frontier Electronics.

  US1A-LFR Datasheet HTML 1Page - Frontier Electronics. US1A-LFR Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
US1A-LFR THRU US1M-LFR
Page: 2
RATINGS AND CHARACTERISTIC CURVE US1A-LFR THRU US1M-LFR
FIG. 6-TYPICAL JUNCTION CAPACITANCE
FIG. 5-MAXIMUM NON-REPETITIVE
FORWARD SURGE CURRENT
50
40
30
20
10
0
0
1
2
4 6
10
20
40
60
100
NUMBER OF CYCLES AT 60 Hz
.1
.2
.4
1.0 2
4
10
20
40
100
REVERSE VOLTAGE (V)
200
100
40
20
10
6
4
2
1
US1A-LF ~US1G-LF
US1J-LF
US1M LF
8.3 ms Single Half Sine Wave
(JEDEC Method)
TJ=25
oC
.2
.4
.6
.8
1.0
1.2 1.4 1.6 1.8
2.0
INSTANTANEOUS FORWARD VOLTAGE (V)
FIG. 4-TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 3-TYPICAL REVERSE CHARACTERISTICS
1000
100
10
1
0.1
TJ=25
oC
TJ=80
oC
TJ=100
oC
US1A-LF ~US1D-LF
US1J-LF ~US1M-LF
100
10
1
.1
.01
US1G-LF
SET TIME BASE
FOR 10/20 ns/cm
PULSE
GENERATOR
(NOTE 2)
(+)
25 Vdc
(approx)
(-)
D.U.T.
1
Ω
NON
INDUCTIVE
OSCILLOSCOPE
(NOTE 1)
50
Ω
NO INDUCTIVE
10
Ω
NO INDUCTIVE
(-)
(+)
NOTE: 1. RISE TIME=7ns MAX. INPUT
IMPEDANCE=1 MOhms 22PF
2. RISE TIME =10ns MAX. SOURCE
IMPEDANCE=50 OHMS
FIG. 1-TEST CIRCUIT DIAGRAM AND REVERSE
RECOVERY TIME CHARACTERISTIC
+0.5A
0
-0.25A
-1.0A
Trr
2.0
1.0
0
25 50
75
100 125
150 175
LEAD TEMPERATURE (
oC)
FIG. 2-TYPICAL FORWARD
CURRENT DERATING CURVE
Single Phase Half Wave
60 Hz Resistive or Inductive Load
1cm
P.C.B MOUNTED ON
0.3×0.3”(8.0×8.0mm)
COPPER PAD


Similar Part No. - US1A-LFR

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
US1A-13-F DIODES-US1A-13-F Datasheet
404Kb / 3P
   1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
DS16008 Rev. 7 - 2
logo
Jiangsu High diode Semi...
US1A-28J HDSEMI-US1A-28J Datasheet
1Mb / 4P
   SMAJ Plastic-Encapsulate Diodes
logo
Nanjing International G...
US1A-2C1A-2CDO-214AA DGNJDZ-US1A-2C1A-2CDO-214AA Datasheet
431Kb / 2P
   1.0 AMP SURFACE MOUNT HIGH EFFICENCY RECTIFIERS
US1A-2C1A-2CDO-214AC DGNJDZ-US1A-2C1A-2CDO-214AC Datasheet
185Kb / 2P
   1.0 AMP SURFACE MOUNT HIGH EFFICENCY RECTIFIERS
logo
Bruckewell Technology L...
US1A-M BWTECH-US1A-M Datasheet
406Kb / 4P
   SURFACE MOUNT ULTRAFAST EFFICIENT RECTIFIER
More results

Similar Description - US1A-LFR

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
HFM101M FRONTIER-HFM101M Datasheet
129Kb / 2P
   1A SURFACE MOUNT ULTRA FAST RECOVERY RECTIFIERS
US1A FRONTIER-US1A Datasheet
131Kb / 2P
   1A SURFACE MOUNT ULTRA FAST RECOVERY RECTIFIERS
RS4933 FRONTIER-RS4933 Datasheet
127Kb / 2P
   1A SURFACE MOUNT FAST RECOVERY RECTIFIERS
FFM101M-LFR FRONTIER-FFM101M-LFR Datasheet
126Kb / 2P
   1A SURFACE MOUNT FAST RECOVERY RECTIFIERS
SM4933 FRONTIER-SM4933 Datasheet
125Kb / 2P
   1A SURFACE MOUNT FAST RECOVERY RECTIFIERS
RS1A-LFR FRONTIER-RS1A-LFR Datasheet
128Kb / 2P
   1A SURFACE MOUNT FAST RECOVERY RECTIFIERS
SM4933-LFR FRONTIER-SM4933-LFR Datasheet
125Kb / 2P
   1A SURFACE MOUNT FAST RECOVERY RECTIFIERS
FSM10-005 FRONTIER-FSM10-005 Datasheet
128Kb / 2P
   1A SURFACE MOUNT FAST RECOVERY RECTIFIERS
RS4933-LFR FRONTIER-RS4933-LFR Datasheet
127Kb / 2P
   1A SURFACE MOUNT FAST RECOVERY RECTIFIERS
SFS1A FRONTIER-SFS1A Datasheet
132Kb / 2P
   1A SURFACE MOUNT SUPER FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com