Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UF4001G-LFR Datasheet(PDF) 1 Page - Frontier Electronics.

Part # UF4001G-LFR
Description  1A GLASS PASSIVATED ULTRA FAST RECOVERY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

UF4001G-LFR Datasheet(HTML) 1 Page - Frontier Electronics.

  UF4001G-LFR Datasheet HTML 1Page - Frontier Electronics. UF4001G-LFR Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UF4001G-LFR THRU UF4007G-LFR
Page: 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
1A GLASS PASSIVATED ULTRA FAST RECOVERY RECTIFIER
UF4001G-LFR THRU UF4007G-LFR
FEATURES
PLASTIC PACKAGE HAS UNDERWRITERS LABORATORY
FLAMMABILITY CLASSIFICATION 94V-0
GLASS PASSIVATED CHIP JUNCTION
ULTRA FAST RECOVERY TIMES FOR HIGH EFFICIENCY
LOW FORWARD VOLTAGE, HIGH CURRENT CAPABILITY
LOW LEAKAGE
HIGH SURGE CAPABILITY
HIGH TEMPERATURE SOLDERING GUARANTEED:
260°C/0.375” (9.5mm) LEAD LENGTHS FOR 10 SECONDS AT
5 LBS. (2.3KG) TENSION
ROHS
MECHANICAL DATA
CASE: MOLDED PLASTIC, DO41, DIMENSIONS
IN INCHES AND (MILLIMETERS)
TERMINALS: AXIAL LEADS SOLDERABLE PER MIL-STD-202, METHOD 208
POLARITY: COLOR BAND DENOTES CATHODE END
MOUNTING POSITION: ANY
WEIGHT: 0.34 GRAMS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS RATINGS AT 25
°C AMBIENT TEMPERATURE UNLESS OTHERWISE SPECIFIED
SINGLE PHASE, HALF WAVE, 60 HZ, RESISTIVE OR INDUCTIVE LOAD. FOR CAPACITIVE LOAD, DERATE CURRENT BY 20%
RATINGS
SYMBOL
UF
4001G-LFR
UF
4002G-LFR
UF
4003G-LFR
UF
4004G-LFR
UF
4005G-LFR
UF
4006G-LFR
UF
4007G-LFR
UNITS
MAXIMUM RECURRENT PEAK REVERSE VOLTAGE
VRRM
50
100
200
400
600
800
1000
V
MAXIMUM RMS VOLTAGE
VRMS
35
70
140
280
420
560
700
V
MAXIMUM DC BLOCKING VOLTAGE
VDC
50
100
200
400
600
800
1000
V
MAXIMUM AVERAGE FORWARD RECTIFIED CURRENT
0.375”(9.5mm) LEAD LENGTH AT TA=55
°C
IO
1.0
A
PEAK FORWARD SURGE CURRENT, 8.3ms SINGLE HALF
SINE-WAVE SUPERIMPOSED ON RATED LOAD
IFSM
30
A
TYPICAL JUNCTION CAPACITANCE (NOTE 1)
CJ
20
15
PF
TYPICAL THERMAL RESISTANCE (NOTE 2)
Rθjc
50
℃/W
STORAGE TEMPERATURE RANGE
TSTG
- 55 TO + 150
OPERATING TEMPERATURE RANGE
TOP
- 55 TO + 150
ELECTRICAL CHARACTERISTICS (AT TA =25°C UNLESS OTHERWISE NOTED)
CHARACTERISTICS
SYMBOL
UF
4001G-LFR
UF
4002G-LFR
UF
4003G-LFR
UF
4004G-LFR
UF
4005G-LFR
UF
4006G-LFR
UF
4007G-LFR
UNITS
MAXIMUM FORWARD VOLTAGE AT IO DC
VF
1.3
1.7
V
MAXIMUM DC REVERSE CURRENT AT TA=25
°C
IR
1
μA
MAXIMUM DC REVERSE CURRENT AT TA=100
°C
IR
10
μA
MAXIMUM REVERSE RECOVERY TIME (NOTE3)
TRR
50
75
nS
NOTE:
1. MEASURED AT 1 MHZ AND APPLIED REVERSE VOLTAGE 0F 4.0 VOLTS
2. BOTH LEADS ATTACHED TO HEAT SINK 20x20x1t(mm) COPPER PLATE AT LEAD LENGTH 5mm
3. REVERSE RECOVERY TEST CONDITIONS: IF=0.5A, IR=1.0A, IRR=0.25A
.205(5.2)
.166(4.2)
1.0(25.4)
MIN
.034(0.9)
.028(0.7)
1.0(25.4)
MIN
.107(2.7)
.080(2.0)


Similar Part No. - UF4001G-LFR

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
UF4001G-T3 WTE-UF4001G-T3 Datasheet
56Kb / 4P
   1.0A GLASS PASSIVATED ULTRAFAST DIODE
UF4001G-TB WTE-UF4001G-TB Datasheet
56Kb / 4P
   1.0A GLASS PASSIVATED ULTRAFAST DIODE
More results

Similar Description - UF4001G-LFR

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
UF4001G FRONTIER-UF4001G Datasheet
128Kb / 2P
   1A GLASS PASSIVATED ULTRA FAST RECOVERY RECTIFIER
1N4933G FRONTIER-1N4933G_16 Datasheet
947Kb / 2P
   1A FAST RECOVERY GLASS PASSIVATED RECTIFIER
FR10-005G FRONTIER-FR10-005G Datasheet
127Kb / 2P
   1A FAST RECOVERY GLASS PASSIVATED RECTIFIER
FR10-005G-LFR FRONTIER-FR10-005G-LFR Datasheet
126Kb / 2P
   1A FAST RECOVERY GLASS PASSIVATED RECTIFIER
FR10-005SG FRONTIER-FR10-005SG Datasheet
126Kb / 2P
   1A FAST RECOVERY GLASS PASSIVATED RECTIFIER
FR101G FRONTIER-FR101G Datasheet
1Mb / 2P
   1A FAST RECOVERY GLASS PASSIVATED RECTIFIER
1N4933G FRONTIER-1N4933G Datasheet
126Kb / 2P
   1A FAST RECOVERY GLASS PASSIVATED RECTIFIER
SF10-005G-LFR FRONTIER-SF10-005G-LFR Datasheet
128Kb / 2P
   1A GLASS PASSIVATED SUPER FAST RECOVERY RECTIFIER
SF10-005G FRONTIER-SF10-005G Datasheet
128Kb / 2P
   1A GLASS PASSIVATED SUPER FAST RECOVERY RECTIFIER
logo
Comchip Technology
UF16C01C-G COMCHIP-UF16C01C-G Datasheet
46Kb / 2P
   Glass Passivated Ultra Fast Recovery Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com