Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB2030FCT Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # SB2030FCT
Description  Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SB2030FCT Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SB2030FCT Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SB2030FCT Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O.
Flame Retardant Epoxy Molding Compound.
• Exceeds environmental standards of MIL-S-19500/228
• Low power loss, high efficiency.
• Low forward voltage, high current capability
• High surge capacity.
• For use in low voltage,high frequency inverters
free wheeling , and polarlity protection applications.
• In compliance with EU RoHS 2002/95/EC directives
VOLTAGE
20 to 60 Volts
20 Amperes
CURRENT
• Case: ITO-220AB full Molded plastic
• Terminals: Solder plated, solderable per MIL-STD-750, Method 2026
• Polarity: As marked.
• Standard packaging: Any
• Weight: 0.055 ounces, 1.5615 grams.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Note:
Both Bonding and Chip structure are available.
PA RA M E TE R
S YM B OL S B 2020F C T S B 2030F CT S B 2040FC T S B 2045FC T S B 2050F C T S B 2060F C T UNITS
Ma xi mum Re c ur r e nt P e a k Re ve r s e Vo lt a g e
V
RRM
20
30
4 0
45
50
6 0
V
Ma xi mum RMS Vo lt a g e
V
RMS
14
21
2 8
3 1
35
4 2
V
Ma xi mum D C B lo c k i ng Vo lt a g e
V
DC
20
30
4 0
45
50
6 0
V
M a xi m um A verage F o r wa r d Cur r e nt at
Tc = 7 5 OC
I
F(AV )
20. 0
A
P e ak Forwar d S urge Cur r e nt : 8 . 3m s s i ng l e half
s i ne- wave s upe r i m pos ed o n r a t ed l o ad
(J E D E C m e tho d )
I
FSM
200
A
M a xi m um F or war d Vol t ag e a t 10 A p er le g
V
F
0 . 55
0. 7 5
V
Ma xi mum D C Re ve r s e C ur r e nt a t
Rat e d D C B lo c k i ng Vo lt ag e
T
J =2 5
OC
T
J =1 0 0
OC
I
R
0. 2
50
mA
Typi c a l The r m a l Res i s t anc e pe r di o de
R
JC
2
OC / W
Op er a t i ng J unc t i o n Tem pe r at ur e Ra nge
T
J
- 5 5 t o + 1 25
- 5 5 t o + 1 5 0
OC
S t or a ge Te m p er a t ur e Range
T
STG
-55 t o + 1 50
OC
0.406(10.3)
0.381(9.7)
0.134(3.4)
0.118(3.0)
0.055(1.4)
0.039(1.0)
0.055(1.4)
0.039(1.0)
0.028(0.7)
0.019(0.5)
0.100(2.55)
0.100(2.55)
0.189(4.8)
0.165(4.2)
0.130(3.3)
0.114(2.9)
0.114(2.9)
0.098(2.5)
0.027(0.67)
0.022(0.57)
ITO-220AB
SB2020FCT Series
Schottky Barrier Rectifiers
Features
Mechanical Data
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - SB2030FCT

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB2030FCT PANJIT-SB2030FCT Datasheet
47Kb / 2P
   ISOLATION SCHOTTKY BARRIER RECTIFIERS(VOLTAGE- 20 to 100 Volts CURRENT - 20.0 Ampere)
logo
Won-Top Electronics
SB2030FCT WTE-SB2030FCT Datasheet
40Kb / 3P
   20A ISOLATION SCHOTTKY BARRIER RECTIFIER
SB2030FCT WTE-SB2030FCT Datasheet
50Kb / 4P
   20A DUAL SCHOTTKY BARRIER RECTIFIER
logo
PACELEADER INDUSTRIAL
SB2030FCT PACELEADER-SB2030FCT Datasheet
266Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB2030FCT PANJIT-SB2030FCT Datasheet
52Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SB2030FCT

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com