Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX4040B2M-2.5 Datasheet(PDF) 7 Page - Sipex Corporation

Part # SPX4040B2M-2.5
Description  Precision Micropower 2.5V Shunt Voltage Reference
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX4040B2M-2.5 Datasheet(HTML) 7 Page - Sipex Corporation

  SPX4040B2M-2.5 Datasheet HTML 1Page - Sipex Corporation SPX4040B2M-2.5 Datasheet HTML 2Page - Sipex Corporation SPX4040B2M-2.5 Datasheet HTML 3Page - Sipex Corporation SPX4040B2M-2.5 Datasheet HTML 4Page - Sipex Corporation SPX4040B2M-2.5 Datasheet HTML 5Page - Sipex Corporation SPX4040B2M-2.5 Datasheet HTML 6Page - Sipex Corporation SPX4040B2M-2.5 Datasheet HTML 7Page - Sipex Corporation SPX4040B2M-2.5 Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Rev. 10/25/00
SPX4040
PACKAGE DRAWING
TO-92 (N)
1
2
3
0.055 (1.397)
0.045 (1.143)
0.145 (3.683)
0.135 (3.429)
10° typ.
BOTTOM VIEW
0.185 (4.699)
0.045 (1.143)
0.185 (4.699)
0.175 (4.445)
0.085 (2.159) Diameter
0.090 (2.286) typ.
Seating Plane
0.016 (0.406)
0.014 (0.356)
0.055 (1.397)
0.045 (1.143)
0.105 (2.667)
0.095 (2.413)
0.500 (12.70) Min.
0.025 (0.635) Max
Uncontrolled
Lead Diameter
5° typ.
5° typ.
0.090 (2.286) Radius typ.
0.0155 (0.3937)
0.0145 (0.3683)


Similar Part No. - SPX4040B2M-2.5

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX4040 SIPEX-SPX4040 Datasheet
95Kb / 9P
   Precision Micropower 2.5V ShuntVoltage Reference
SPX4040AM-2.5 SIPEX-SPX4040AM-2.5 Datasheet
95Kb / 9P
   Precision Micropower 2.5V ShuntVoltage Reference
SPX4040AM-2.5/TR SIPEX-SPX4040AM-2.5/TR Datasheet
95Kb / 9P
   Precision Micropower 2.5V ShuntVoltage Reference
SPX4040AN-2.5 SIPEX-SPX4040AN-2.5 Datasheet
95Kb / 9P
   Precision Micropower 2.5V ShuntVoltage Reference
SPX4040AN-2.5/TR SIPEX-SPX4040AN-2.5/TR Datasheet
95Kb / 9P
   Precision Micropower 2.5V ShuntVoltage Reference
More results

Similar Description - SPX4040B2M-2.5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4040 STMICROELECTRONICS-TS4040 Datasheet
228Kb / 10P
   2.5V MICROPOWER SHUNT VOLTAGE REFERENCE
TS822 STMICROELECTRONICS-TS822 Datasheet
64Kb / 8P
   2.5V MICROPOWER SHUNT VOLTAGE REFERENCE
TS4040 STMICROELECTRONICS-TS4040_07 Datasheet
140Kb / 9P
   2.5V micropower shunt voltage reference
TS822 STMICROELECTRONICS-TS822_07 Datasheet
142Kb / 9P
   2.5V micropower shunt voltage reference
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com