Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCM69P536CTQ7 Datasheet(PDF) 8 Page - Motorola, Inc

Part # MCM69P536CTQ7
Description  32K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM69P536CTQ7 Datasheet(HTML) 8 Page - Motorola, Inc

Back Button MCM69P536CTQ7 Datasheet HTML 4Page - Motorola, Inc MCM69P536CTQ7 Datasheet HTML 5Page - Motorola, Inc MCM69P536CTQ7 Datasheet HTML 6Page - Motorola, Inc MCM69P536CTQ7 Datasheet HTML 7Page - Motorola, Inc MCM69P536CTQ7 Datasheet HTML 8Page - Motorola, Inc MCM69P536CTQ7 Datasheet HTML 9Page - Motorola, Inc MCM69P536CTQ7 Datasheet HTML 10Page - Motorola, Inc MCM69P536CTQ7 Datasheet HTML 11Page - Motorola, Inc MCM69P536CTQ7 Datasheet HTML 12Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MCM69P536C
8
MOTOROLA FAST SRAM
AC OPERATING CONDITIONS AND CHARACTERISTICS
(VDD = 3.3 V + 10%, – 5%, TA = 0 to 70°C, Unless Otherwise Noted)
Input Timing Measurement Reference Level
1.5 V
. . . . . . . . . . . . . . .
Input Pulse Levels
0 to 3.0 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Rise/Fall Time
1 V/ns (20% to 30%)
. . . . . . . . . . . . . . . . . . . . . .
Output Timing Reference Level
1.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . .
Output Load
See Figure 1 Unless Otherwise Noted
. . . . . . . . . . . . . .
READ/WRITE CYCLE TIMING (See Notes 1, 2, and 3)
P
Sb l
69P536C–4
69P536C–4.5
69P536C–5
69P536C–6
69P536C–7
Ui
N
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Unit
Notes
Cycle Time
tKHKH
7.5
8
10
12
13.3
ns
Clock High Pulse Width
tKHKL
3
3
3
4
4.5
ns
Clock Low Pulse Width
tKLKH
3
3
3
4
4.5
ns
Clock Access Time
tKHQV
4
4.5
5
6
7
ns
Output Enable to Output
Valid
tGLQV
4
4.5
5
5
6
ns
Clock High to Output Active
tKHQX1
1.5
1.5
0
0
0
ns
4
Clock High to Output Change
tKHQX2
1.5
1.5
2
2
2
ns
4
Output Enable to Output
Active
tGLQX
0
0
0
0
0
ns
4
Output Disable to Q High–Z
tGHQZ
4
4.5
5
5
5
ns
4, 5
Clock High to Q High–Z
tKHQZ
2
4
2
4.5
2
5
2
5
2
5
ns
4, 5
Setup Times:
Address
ADSP, ADSC, ADV
Data In
Write
Chip Enable
tADKH
tADSKH
tDVKH
tWVKH
tEVKH
2
2.5
2.5
2.5
2.5
ns
Hold Times:
Address
ADSP, ADSC, ADV
Data In
Write
Chip Enable
tKHAX
tKHADSX
tKHDX
tKHWX
tKHEX
0.5
0.5
0.5
0.5
0.5
ns
NOTES:
1. Write is defined as either any SBx and SW low or SGW is low. Chip Enable is defined as SE1 low, SE2 high and SE3 low whenever ADSP
or ADSC is asserted.
2. All read and write cycle timings are referenced from K or G.
3. G is a don’t care after write cycle begins. To prevent bus contention, G should be negated prior to start of write cycle.
4. This parameter is sampled and not 100% tested.
5. Measured at
± 200 mV from steady state.
OUTPUT
Z0 = 50 Ω
RL = 50 Ω
VT = 1.5 V
Figure 1. AC Test Load


Similar Part No. - MCM69P536CTQ7

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM69P618C MOTOROLA-MCM69P618C Datasheet
205Kb / 12P
   64K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P618CTQ4 MOTOROLA-MCM69P618CTQ4 Datasheet
205Kb / 12P
   64K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P618CTQ4.5 MOTOROLA-MCM69P618CTQ4.5 Datasheet
205Kb / 12P
   64K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P618CTQ4.5R MOTOROLA-MCM69P618CTQ4.5R Datasheet
205Kb / 12P
   64K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P618CTQ4R MOTOROLA-MCM69P618CTQ4R Datasheet
205Kb / 12P
   64K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
More results

Similar Description - MCM69P536CTQ7

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM63P531 MOTOROLA-MCM63P531 Datasheet
334Kb / 16P
   32K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P636 MOTOROLA-MCM63P636 Datasheet
328Kb / 27P
   64K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P735 MOTOROLA-MCM69P735 Datasheet
183Kb / 16P
   128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P736 MOTOROLA-MCM69P736 Datasheet
180Kb / 16P
   128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P737 MOTOROLA-MCM69P737 Datasheet
279Kb / 20P
   128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69F536C MOTOROLA-MCM69F536C Datasheet
209Kb / 12P
   32K x 36 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM67C518 MOTOROLA-MCM67C518 Datasheet
214Kb / 12P
   32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67M518 MOTOROLA-MCM67M518 Datasheet
205Kb / 12P
   32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67B518 MOTOROLA-MCM67B518 Datasheet
206Kb / 12P
   32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67H518 MOTOROLA-MCM67H518 Datasheet
208Kb / 12P
   32K x 18 Bit BurstRAM Synchronous Fast Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com