Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX5205M5-4.0 Datasheet(PDF) 9 Page - Sipex Corporation

Part # SPX5205M5-4.0
Description  150 mA, Low-Noise LDO Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX5205M5-4.0 Datasheet(HTML) 9 Page - Sipex Corporation

  SPX5205M5-4.0 Datasheet HTML 1Page - Sipex Corporation SPX5205M5-4.0 Datasheet HTML 2Page - Sipex Corporation SPX5205M5-4.0 Datasheet HTML 3Page - Sipex Corporation SPX5205M5-4.0 Datasheet HTML 4Page - Sipex Corporation SPX5205M5-4.0 Datasheet HTML 5Page - Sipex Corporation SPX5205M5-4.0 Datasheet HTML 6Page - Sipex Corporation SPX5205M5-4.0 Datasheet HTML 7Page - Sipex Corporation SPX5205M5-4.0 Datasheet HTML 8Page - Sipex Corporation SPX5205M5-4.0 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Rev. 10/24/00
SPX5205
ORDERING INFORMATION
Ordering No.
Output Voltage
Packages
SPX5205M5
Adj
5 Lead SOT-23
SPX5205M5-1.8
1.5V
5 Lead SOT-23
SPX5205M5-2.5
2.5V
5 Lead SOT-23
SPX5205M5-2.8
2.8V
5 Lead SOT-23
SPX5205M5-3.0
3.0V
5 Lead SOT-23
SPX5205M5-3.3
3.3V
5 Lead SOT-23
SPX5205M5-4.0
4.0V
5 Lead SOT-23
SPX5205M5-4.5
4.5V
5 Lead SOT-23
SPX5205M5-5.0
5.0V
5 Lead SOT-23
SIGNAL PROCESSING EXCELLENCE
Sipex Corporation
Headquarters and Main Offices:
22 Linnell Circle
Billerica, MA 01821
TEL: (978) 667-8700
FAX: (978) 670-9001
e-mail: sales@sipex.com
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 935-7600
FAX: (408) 934-7500
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the application or use of any product or circuit described
hereing; neither does it convey any license under its patent rights nor the rights of others.
Corporation


Similar Part No. - SPX5205M5-4.0

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX5205M5-12 SIPEX-SPX5205M5-12 Datasheet
184Kb / 8P
   150mA, Low-Noise LDO Voltage Regulator
SPX5205M5-12/TR SIPEX-SPX5205M5-12/TR Datasheet
184Kb / 8P
   150mA, Low-Noise LDO Voltage Regulator
SPX5205M5-15 SIPEX-SPX5205M5-15 Datasheet
184Kb / 8P
   150mA, Low-Noise LDO Voltage Regulator
SPX5205M5-15/TR SIPEX-SPX5205M5-15/TR Datasheet
184Kb / 8P
   150mA, Low-Noise LDO Voltage Regulator
SPX5205M5-18 SIPEX-SPX5205M5-18 Datasheet
184Kb / 8P
   150mA, Low-Noise LDO Voltage Regulator
More results

Similar Description - SPX5205M5-4.0

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC5205 MICROCHIP-MIC5205 Datasheet
1Mb / 20P
   150 mA Low-Noise LDO Regulator
09/14/21
logo
ON Semiconductor
NCP4688DSN28T1G ONSEMI-NCP4688DSN28T1G Datasheet
713Kb / 14P
   150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
NCP4688 ONSEMI-NCP4688 Datasheet
728Kb / 14P
   150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
NCP4688DMU28TCG ONSEMI-NCP4688DMU28TCG Datasheet
728Kb / 14P
   150 mA, Low Noise, LDO Linear Voltage Regulator
February, 2012 ??Rev. 1
NCP140 ONSEMI-NCP140 Datasheet
779Kb / 15P
   LDO Voltage Regulator - Capacitor Free, Low Noise 150 mA
September, 2019 ??Rev. 2
MC78PC00 ONSEMI-MC78PC00 Datasheet
349Kb / 16P
   Low Noise 150 mA Low Drop Out(LDO) Linear Voltage Regulator
October, 1999 ??Rev. 2
MC78PC00 ONSEMI-MC78PC00_05 Datasheet
148Kb / 16P
   Low Noise 150 mA Low Drop Out (LDO) Linear Voltage Regulator
June, 2005 ??Rev. 6
logo
Sipex Corporation
SPX3819 SIPEX-SPX3819 Datasheet
209Kb / 12P
   500 mA, Low-Noise LDO Voltage Regulator
logo
Nisshinbo Micro Devices...
R1114N NISSHINBO-R1114N Datasheet
467Kb / 26P
   Low Noise 150 mA LDO Regulator for Automotive Applications
logo
ON Semiconductor
NCP582 ONSEMI-NCP582 Datasheet
77Kb / 14P
   Low Noise 150 mA CMOS LDO Regulator with Enable
September, 2004 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com