Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS33 Datasheet(PDF) 2 Page - Frontier Electronics.

Part # SS33
Description  3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

SS33 Datasheet(HTML) 2 Page - Frontier Electronics.

  SS33 Datasheet HTML 1Page - Frontier Electronics. SS33 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SS32 THRU SS310
Page: 2
RATINGS AND CHARACTERISTIC CURVE SS32 THRU SS310
FIG. 3A - TYPICAL REVERSE
CHARACTERISTICS
100
10
1.0
.10
.01
.001
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE
VOLTAGE, (%)
TJ=125℃
TJ=75℃
TJ=25℃
SS32~SS34
100
10
1.0
.10
.01
.001
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE
VOLTAGE, (%)
TJ=150℃
TJ=75℃
TJ=25℃
TJ=125℃
SS35~SS310
FIG. 3B - TYPICAL REVERSE
CHARACTERISTICS
FIG. 2 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
20
10
1.0
0.1
.1 .3
.5
.7
.9
1.1 1.3 1.5 1.7 1.9
2.1
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
TJ=25℃
PULSE WIDTH=300us 1% DUTY CYCLE
SS32~SS34
SS35~SS310
FIG. 1 - FORWARD CURRENT
DERATING CURVE
3.0
2.25
1.5
0.75
0
0
25
50
75
100
125
150
175
SINGLE PHASE
HALF WAVE
60HZ
RESISTIVE OR
INDUCTIVE LOAD
LEAD TEMPERATURE,
P.C.B MOUNTED ON
0.3×0.3”(8.0×8.0mm)
COPPER PAD AREAS


Similar Part No. - SS33

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SS33 FORMOSA-SS33 Datasheet
119Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SS33 ZOWIE-SS33 Datasheet
53Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Yint Electroni...
SS33 YINT-SS33 Datasheet
453Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS
logo
Vishay Siliconix
SS33 VISHAY-SS33 Datasheet
86Kb / 4P
   Surface Mount Schottky Barrier Rectifier
Revision: 04-Aug-15
logo
Galaxy Semi-Conductor H...
SS33 BILIN-SS33 Datasheet
86Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SS33

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SK5820-LFR FRONTIER-SK5820-LFR Datasheet
119Kb / 2P
   3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Chip Integration Techno...
SK32A CITC-SK32A Datasheet
153Kb / 3P
   3A Surface Mount Schottky Barrier Rectifiers
logo
Frontier Electronics.
SK32A FRONTIER-SK32A Datasheet
125Kb / 2P
   3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Chip Integration Techno...
SK32C CITC-SK32C Datasheet
153Kb / 3P
   3A Surface Mount Schottky Barrier Rectifiers
SKL32C CITC-SKL32C Datasheet
103Kb / 3P
   3A Surface Mount Schottky Barrier Rectifiers
SKL34ASG CITC-SKL34ASG Datasheet
463Kb / 3P
   3A Surface Mount Schottky Barrier Rectifiers
logo
Frontier Electronics.
SK32-LFR FRONTIER-SK32-LFR Datasheet
125Kb / 2P
   3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS32B FRONTIER-SS32B Datasheet
124Kb / 2P
   3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS32A-LFR FRONTIER-SS32A-LFR Datasheet
126Kb / 2P
   3A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Chip Integration Techno...
SKL32CG CITC-SKL32CG Datasheet
92Kb / 3P
   3A Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com