Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SRF30-10CT Datasheet(PDF) 1 Page - Frontier Electronics.

Part # SRF30-10CT
Description  30A DUAL SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

SRF30-10CT Datasheet(HTML) 1 Page - Frontier Electronics.

  SRF30-10CT Datasheet HTML 1Page - Frontier Electronics. SRF30-10CT Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SRF30-03CT THRU SRF30-10CT
Page: 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
30A DUAL SCHOTTKY BARRIER RECTIFIERS
SRF30-03CT THRU SRF30-10CT
CASE : ITO-220AB( SRF30-XX ) , FULLY INSULATED PACKAGE
FEATURES
MECHANICAL DATA
EXTREMELY LOW VF
CASE: TRANSFER MOLDED
LOW STORED CHARGE, MAJORITY CARRIER CONDUCTION
LEADS: SOLDERABLE PER MIL-STD-202,METHOD 208
LOW POWER LOSS / HIGH EFFICIENCY
POLARITY: AS MARKED
UL 94V0 FLAME RETARDANT EPOXY MOLDING COMPOUND
WEIGHT 2.05 GRAMS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS RATINGS AT 25
°C AMBIENT TEMPERATURE UNLESS OTHERWISE SPECIFIED
SINGLE PHASE, HALF WAVE, 60 HZ, RESISTIVE OR INDUCTIVE LOAD. FOR CAPACITIVE LOAD, DERATE CURRENT BY 20%
RATINGS
SYMBOL
SRF30
-03CT
SRF30
-035CT
SRF30
-04CT
SRF30
-045CT
SRF30
-05CT
SRF30
-06CT
SRF30
-08CT
SRF30
-09CT
SRF30
-10CT
UNITS
MAXIMUM RECURRENT PEAK REVERSE VOLTAGE
VRRM
30
35
40
45
50
60
80
90
100
V
MAXIMUM RMS VOLTAGE
VRMS
21
24
28
31
35
42
56
63
70
V
MAXIMUM DC BLOCKING VOLTAGE
VDC
30
35
40
45
50
60
80
90
100
V
MAXIMUM AVERAGE FORWARD RECTIFIED CURRENT
SEE FIG.1
PER LEG
IO
30
15
A
PEAK FORWARD SURGE CURRENT, 8.3ms SINGLE HALF
SINE-WAVE SUPERIMPOSED ON RATED LOAD PER LEG
IFSM
200
A
STORAGE TEMPERATURE RANGE
TSTG
- 55 TO + 150
OPERATING TEMPERATURE RANGE
TOP
- 55 TO + 125
ELECTRICAL CHARACTERISTICS (AT TA =25°C UNLESS OTHERWISE NOTED)
CHARACTERISTICS
SYMBOL
SRF30
-03CT
SRF30
-035CT
SRF30
-04CT
SRF30
-045CT
SRF30
-05CT
SRF30
-06CT
SRF30
-08CT
SRF30
-09CT
SRF30
-10CT
UNITS
MAXIMUM FORWARD VOLTAGE AT 15A PER LEG
VF
0.60
0.70
0.85
V
MAXIMUM REVERSE CURRENT AT 25
℃PER LEG (NOTE 1)
IR
5.0
mA
MAXIMUM REVERSE CURRENT AT 100
℃PER LEG (NOTE 1)
IR
50.0
mA
THERMAL CHARACTERISTICS (T C =25
℃UNLESS OTHERWISE NOTED )
PARAMETER
SYMBOL
SRF30
UNITS
TYPICAL THERMAL RESISTANCE JUNCTION TO CASE PER LEG
Rθjc
4.0
℃/W
NOTES:
1. PULSE TEST: 300µS PULSE WIDTH, 1% DUTY CYCLE
MILLIMETERS
MIN
MAX
B
C
D
E
F
G
H
I
J
K
L
M
O
9.72
6.30
14.50
13.00
-
2.41
-
-
-
-
2.5
-
10.27
6.90
15.50
13.80
4.1
2.67
1.52
0.9
4.8
3.1
2.9
0.8
Ø 3.4
C
F
H
B
D
G
E
1
2
3
O
I
PIN 1
PIN 3
PIN 2
CASE
J
M
K
L


Similar Part No. - SRF30-10CT

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
SRF300 TELEDYNE-SRF300 Datasheet
1Mb / 7P
   SURFACE MOUNT HIGH REPEATABILITY,BROADBAND 6GHz,TO-5 DPDT RELAYS
2022
SRF300-12 TELEDYNE-SRF300-12 Datasheet
1Mb / 7P
   SURFACE MOUNT HIGH REPEATABILITY,BROADBAND 6GHz,TO-5 DPDT RELAYS
2022
SRF300-5 TELEDYNE-SRF300-5 Datasheet
1Mb / 7P
   SURFACE MOUNT HIGH REPEATABILITY,BROADBAND 6GHz,TO-5 DPDT RELAYS
2022
SRF300Y-12/Q TELEDYNE-SRF300Y-12/Q Datasheet
1Mb / 7P
   SURFACE MOUNT HIGH REPEATABILITY,BROADBAND 6GHz,TO-5 DPDT RELAYS
2022
SRF300Y-12/R TELEDYNE-SRF300Y-12/R Datasheet
1Mb / 7P
   SURFACE MOUNT HIGH REPEATABILITY,BROADBAND 6GHz,TO-5 DPDT RELAYS
2022
More results

Similar Description - SRF30-10CT

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM30200D SECOS-SM30200D Datasheet
298Kb / 2P
   30A Schottky Barrier Rectifiers
logo
MORE Semiconductor Comp...
MBR30150CT MORESEMI-MBR30150CT Datasheet
955Kb / 2P
   30A Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SM30200D SECOS-SM30200D_15 Datasheet
236Kb / 2P
   30A Schottky Barrier Rectifiers
SM30100D SECOS-SM30100D_15 Datasheet
251Kb / 2P
   30A Schottky Barrier Rectifiers
logo
MORE Semiconductor Comp...
MBR30100FCT MORESEMI-MBR30100FCT Datasheet
785Kb / 2P
   30A Schottky Barrier Rectifiers
MBR30150FCT MORESEMI-MBR30150FCT Datasheet
858Kb / 2P
   30A Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SM3060D SECOS-SM3060D_15 Datasheet
244Kb / 2P
   30A Schottky Barrier Rectifiers
logo
MORE Semiconductor Comp...
MBR3045CT MORESEMI-MBR3045CT Datasheet
755Kb / 2P
   30A Schottky Barrier Rectifiers
MBR3045FCT MORESEMI-MBR3045FCT Datasheet
930Kb / 2P
   30A Schottky Barrier Rectifiers
logo
Frontier Electronics.
SB3040CT FRONTIER-SB3040CT Datasheet
511Kb / 2P
   30A SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com