Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUR540 Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # MUR540
Description  Super Fast Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

MUR540 Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  MUR540 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd MUR540 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
2
10.2± 0.2
PIN
0.9± 0.1
5.0± 0.1
2.6± 0.2
0.5± 0.1
1.4± 0.2
4.5± 0.2
φ 3.8± 0.15
Low cos t
Low leakage
Low forward voltage drop
High current capability
Cas e:JEDEC TO-220AC,molded plastic
Polarity: As marked
Weight: 0.069 ounces,1.96 gram
Mounting pos ition: Any
Ratings at 25
am bient tem perature unles s otherwis e s pecified.
Single phas e,half wave,60 Hz,res is tive or inductive load. For capacitive load,derate by 20%.
MUR
MUR
MUR
MUR
MUR
UNITS
Maximum recurrent peak reverse voltage
VRRM
V
Maximum RMS voltage
VRMS
V
Maximum DC blocking voltage
VDC
V
Maximum average f orw ard rectif ied current
@T
C=100
Peak f orw ard surge current
8.3ms single half -sine-w ave
superimposed on rated load
@T
J =125
Maximum instantaneous f orw ard voltage
@ 5.0A
VF
V
Maximum reverse current
@TA=25
at rated DC blocking voltage
@T
A=150
Maximum reverse recovery time
(Note1)
trr
ns
Operating junction temperature range
T
J
Storage temperature range
T
STG
The plas tic m aterial carries U/L recognition 94V-0
NOTE: 1. Measured with I
F=0.5A, I R=1A, I rr=0. 25A.
A
60
IR
IFSM
250
500
A
5.0
10.0
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
A
VOLT AGE RANGE: 50 --- 600 V
CURRENT : 5.0 A
TO-220AC
Eas ily cleaned with alcohol,Is opropanol
and s im ilar s olvents
IF(AV)
5.0
MUR
505
510
515
520
540
560
- 55 ----- + 150
0.975
35
70
105
140
280
420
50
100
150
200
400
600
25
1.3
1.5
50
50
100
150
200
400
600
- 55 ----- + 150
Dimensions in millimeters
MUR505-MUR560
Super Fast Rectifiers
Features
Mechanical Data
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - MUR540

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
MUR540 GOOD-ARK-MUR540 Datasheet
377Kb / 8P
   Product Specification
logo
Jinan Jing Heng Electro...
MUR540 JINGHENG-MUR540 Datasheet
60Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIER
MUR540 JINGHENG-MUR540 Datasheet
56Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIER
logo
DIYI Electronic Technol...
MUR540 DYELEC-MUR540 Datasheet
804Kb / 3P
   Lead free in comply with EU RoHS
logo
DONGGUAN YOU FENG WEI E...
MUR540 YFWDIODE-MUR540 Datasheet
1Mb / 4P
   ULTRAFST RECOVERY RECTIFIERS
More results

Similar Description - MUR540

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
31DF1 BILIN-31DF1 Datasheet
55Kb / 2P
   SUPER FAST RECTIFIERS
BYV26A BILIN-BYV26A Datasheet
54Kb / 2P
   SUPER FAST RECTIFIERS
RL4A BILIN-RL4A Datasheet
55Kb / 2P
   SUPER FAST RECTIFIERS
logo
HY ELECTRONIC CORP.
SF801 HY-SF801 Datasheet
94Kb / 2P
   SUPER FAST RECTIFIERS
logo
Bruckewell Technology L...
SF3060PT BWTECH-SF3060PT Datasheet
171Kb / 3P
   Super Fast Rectifiers
logo
Leshan Radio Company
SF14 LRC-SF14_15 Datasheet
201Kb / 7P
   Super Fast Rectifiers
SF21 LRC-SF21_15 Datasheet
207Kb / 7P
   Super Fast Rectifiers
SF27 LRC-SF27_15 Datasheet
208Kb / 7P
   Super Fast Rectifiers
logo
Shenzhen Luguang Electr...
USF1610C LUGUANG-USF1610C Datasheet
178Kb / 2P
   Super Fast Rectifiers
logo
SeCoS Halbleitertechnol...
SF11 SECOS-SF11_15 Datasheet
151Kb / 2P
   Super Fast Rectifiers
SF31 SECOS-SF31_15 Datasheet
151Kb / 2P
   Super Fast Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com