Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBRF2060 Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # MBRF2060
Description  Isolated 20.0AMP. Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

MBRF2060 Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  MBRF2060 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd MBRF2060 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES (MBRF2035 THRU MBRF20150)
FIG.1- FORWARD CURRENT DERATING CURVE
0
0
5
1
0
0
1
0
5
0
4
8
12
16
20
CASE TEMPERATURE. ( C)
o
RESISTIVE OR
INDUCTIVE LOAD
FIG.2- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT PER LEG
1
10
100
25
50
0
75
125
100
150
NUMBER OF CYCLES AT 60Hz
Tj=Tj max.
8.3ms Single Half Sine Wave
JEDEC Method
FIG.3- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS PER LEG
0.6
0.8
1.0 1.1
0.9
0.7
0.5
0.4
0.3
0.2
0.1
0
1.2
0.1
0.01
1
10
40
FORWARD VOLTAGE. (V)
Pulse Width=300 s
1% Duty Cycle
Tj=25 C
0
Tj=125 C
0
MBRF2035-MBRF2045
MBRF2050 & MBRF2060
MBRF20100-MBRF20150
FIG.4- TYPICAL REVERSE CHARACTERISTICS
PER LEG
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
0.001
0.1
0.01
1
10
50
Tj=125 C
0
Tj=25 C
0
FIG.6- TYPICAL TRANSIENT THERMAL IMPEDANCE
PER LEG
1
0.01
0.1
10
100
0.1
10
1
100
T, PULSE DURATION, sec.
FIG.5- TYPICAL JUNCTION CAPACITANCE PER LEG
0.1
1
10
100
100
1,000
5,000
REVERSE VOLTAGE. (V)
Tj=25 C
f=1.0MHz
Vsig=50mVp-p
0
MBRF2035-MBRF2060
MBRF2090-M
BRF20150
MBRF2035-MBRF20150
Isolated 20.0AMP. Schottky Barrier Rectifiers
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - MBRF2060

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBRF2060 MOTOROLA-MBRF2060 Datasheet
84Kb / 4P
   SWITCHMODE??Schottky Power Rectifirer
logo
Taiwan Semiconductor Co...
MBRF2060 TSC-MBRF2060 Datasheet
272Kb / 2P
   Isolated 20.0 AMPS. Schottky Barrier Rectifiers
MBRF2060 TSC-MBRF2060 Datasheet
149Kb / 2P
   20.0 AMPS. Isolated Schottky Barrier Rectifiers
MBRF2060 TSC-MBRF2060 Datasheet
218Kb / 4P
   Isolated Schottky Barrier Rectifiers
logo
SAMYANG ELECTRONICS CO....
MBRF2060 SAMYANG-MBRF2060 Datasheet
1Mb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - MBRF2060

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SRF2020 LUGUANG-SRF2020 Datasheet
273Kb / 2P
   Isolated 20.0AMP. Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SP2060 SECOS-SP2060_10 Datasheet
653Kb / 2P
   20.0AMP Schottky Barrier Rectifiers
logo
Shenzhen Luguang Electr...
SR2020 LUGUANG-SR2020 Datasheet
280Kb / 2P
   20.0AMP. Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SP20100R SECOS-SP20100R Datasheet
423Kb / 2P
   20.0AMP Schottky Barrier Rectifiers
SP20100R SECOS-SP20100R_10 Datasheet
685Kb / 2P
   20.0AMP Schottky Barrier Rectifiers
SR2020 SECOS-SR2020 Datasheet
270Kb / 2P
   20.0AMP Schottky Barrier Rectifiers
SR20200 SECOS-SR20200 Datasheet
184Kb / 2P
   20.0AMP Schottky Barrier Rectifiers
SP2060 SECOS-SP2060 Datasheet
452Kb / 2P
   20.0AMP Schottky Barrier Rectifiers
SP20150 SECOS-SP20150 Datasheet
255Kb / 2P
   20.0AMP Schottky Barrier Rectifiers
SBR2040F SECOS-SBR2040F_10 Datasheet
637Kb / 2P
   20.0AMP Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com