Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR60-06-LFR Datasheet(PDF) 2 Page - Frontier Electronics.

Part # SR60-06-LFR
Description  60A SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

SR60-06-LFR Datasheet(HTML) 2 Page - Frontier Electronics.

  SR60-06-LFR Datasheet HTML 1Page - Frontier Electronics. SR60-06-LFR Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SR60-03-LFR THRU SR60-06-LFR
Page: 2
RATINGS AND CHARACTERISTIC CURVES SR60-03-LFR THRU SR60-06-LFR
FIG. 1 - FORWARD DERATING CURVE
100
80
60
40
20
FIG. 2 - PEAK FORWARD SURGE CURRENT
1
10
100
NUMBER OF CYCLES AT 60HZ
300
250
200
150
100
50
0
0
25
50
75
100
125
150
CASE TEMPERATURE (
℃)
FIG. 3 - TYPICAL REVERSE CHARACTERISTICS
100
10
1.0
0.1
.01
1
0
20
40
60
80
100
120
140
PERCENT OR RATED VOLTAGE PEAK
REVERSE VOLTAGE
FIG. 4 - TYPICAL FORWARD CHARACTERISTIC
100
10
1
0.1
0
0
.2
0
.6
1
.0
1
.4
1
.8 2.0
FORWARD VOLTAGE (VOLTS)
SR60-03-LF~60-045-LF
SR60-05-LF~60-06-LF
SR60-03-LF~60-045-LF
SR60-05-LF~60-06-LF
TJ=125
TJ=75
TJ=25
TJ=150
oC
8.3ms SINGLE HALF SINE-WAVE
JEDEC METHOD


Similar Part No. - SR60-06-LFR

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SR60-06 FRONTIER-SR60-06 Datasheet
124Kb / 2P
   60A SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SR60-06-LFR

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SR60-03 FRONTIER-SR60-03 Datasheet
124Kb / 2P
   60A SCHOTTKY BARRIER RECTIFIERS
logo
Mospec Semiconductor
S60D30 MOSPEC-S60D30 Datasheet
252Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(60A,30-60V)
S60D90 MOSPEC-S60D90 Datasheet
175Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS(60A,90-100V)
logo
Diodes Incorporated
SBL6030PT DIODES-SBL6030PT_1 Datasheet
74Kb / 3P
   60A SCHOTTKY BARRIER RECTIFIER
DS30050 Rev. 5 - 2
SBL6030PT DIODES-SBL6030PT Datasheet
63Kb / 2P
   60A SCHOTTKY BARRIER RECTIFIER
DS30050 Rev. B-2
MBR6030PT DIODES-MBR6030PT_3 Datasheet
65Kb / 3P
   60A SCHOTTKY BARRIER RECTIFIER
DS30053 Rev. 4 - 2
SBL6030PT DIODES-SBL6030PT_15 Datasheet
72Kb / 3P
   60A SCHOTTKY BARRIER RECTIFIER
MBR6030PT DIODES-MBR6030PT Datasheet
63Kb / 2P
   60A SCHOTTKY BARRIER RECTIFIER
DS30053 Rev. B-2
MBR6030PT DIODES-MBR6030PT_15 Datasheet
71Kb / 3P
   60A SCHOTTKY BARRIER RECTIFIER
logo
Shindengen Electric Mfg...
S60SC6M SHINDENGEN-S60SC6M Datasheet
556Kb / 10P
   Schottky Rectifiers (SBD)(60V 60A)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com