Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX2945R-5.0 Datasheet(PDF) 10 Page - Sipex Corporation

Part # SPX2945R-5.0
Description  500mA Low Drop Out Voltage Regulator with Shutdown
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2945R-5.0 Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SPX2945R-5.0 Datasheet HTML 3Page - Sipex Corporation SPX2945R-5.0 Datasheet HTML 4Page - Sipex Corporation SPX2945R-5.0 Datasheet HTML 5Page - Sipex Corporation SPX2945R-5.0 Datasheet HTML 6Page - Sipex Corporation SPX2945R-5.0 Datasheet HTML 7Page - Sipex Corporation SPX2945R-5.0 Datasheet HTML 8Page - Sipex Corporation SPX2945R-5.0 Datasheet HTML 9Page - Sipex Corporation SPX2945R-5.0 Datasheet HTML 10Page - Sipex Corporation SPX2945R-5.0 Datasheet HTML 11Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
Rev. B Date:01/20/04
SPX2945 400mA Low Dropout Voltage Regulator with Shutdown
©Copyright 2004 Sipex Corporation
Ø
Ø1
1.65
TOP VIEW
SEE VIEW C
8 PIN NSOIC
DIMENSIONS
Minimum/Maximum
(mm)
8 Pin NSOIC
(JEDEC MS-012,
AA - VARIATION)
COMMON HEIGHT DIMENSION
A
A1
A2
b
c
L
e
E1
E
L2
L1
1.35
4.90 BSC
0.40
0.31
0.51
SYMBOL
MIN NOM MAX
0.10
-
0.25
D
1.75
1.25
0.17
0.25
6.00 BSC
3.90 BSC
1.27 BSC
1.27
1.04 REF
0.25 BSC
15º
L1
L
Ø
Ø1
Ø1
Seating Plane
Gauge Plane
L2
VIEW C
A
A2
A1
SEATING PLANE
SIDE VIEW
e
E
E/2
E1
A
INDEX AREA
(D/2 X E1/2)
E1/2
D
b
1
c
WITH PLATING
BASE METAL
b
CONTACT AREA
-
-
-
-
-
-
-
PACKAGE: 8 PIN NSOIC


Similar Part No. - SPX2945R-5.0

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2945R-5.0 SIPEX-SPX2945R-5.0 Datasheet
101Kb / 11P
   400mA Low Dropout Voltage Regulator with Shutdown
More results

Similar Description - SPX2945R-5.0

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2920 SIPEX-SPX2920_06 Datasheet
507Kb / 10P
   400mA Low Drop Out Voltage Regulator with Shutdown
SPX2920 SIPEX-SPX2920 Datasheet
95Kb / 10P
   400mA Low Drop Out Voltage Regulator with Shutdown
SPX2955 SIPEX-SPX2955 Datasheet
184Kb / 9P
   350mA Low Drop Out Voltage Regulator with Shutdown
SPX2920 SIPEX-SPX2920 Datasheet
175Kb / 7P
   400mA Low Drop Out Voltage Regulator with Shutdown
logo
New Japan Radio
NJM2930 NJRC-NJM2930 Datasheet
269Kb / 7P
   LOW DROP OUT VOLTAGE REGULATOR
logo
Infineon Technologies A...
TLE4294GV50 INFINEON-TLE4294GV50 Datasheet
677Kb / 10P
   Low Drop Out Voltage Regulator
Rev. 1.1, February 2008
logo
STMicroelectronics
L4995RKTR STMICROELECTRONICS-L4995RKTR Datasheet
1Mb / 35P
   5V, 500mA low drop voltage regulator
L4995AJTR STMICROELECTRONICS-L4995AJTR Datasheet
1Mb / 35P
   5V, 500mA low drop voltage regulator
September 2013 Rev 14
L4995 STMICROELECTRONICS-L4995 Datasheet
1Mb / 35P
   5V, 500mA low drop voltage regulator
L4995AKTR STMICROELECTRONICS-L4995AKTR Datasheet
1Mb / 35P
   5V, 500mA low drop voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com