Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6SMBJ24A Datasheet(PDF) 1 Page - Frontier Electronics.

Part # P6SMBJ24A
Description  600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

P6SMBJ24A Datasheet(HTML) 1 Page - Frontier Electronics.

  P6SMBJ24A Datasheet HTML 1Page - Frontier Electronics. P6SMBJ24A Datasheet HTML 2Page - Frontier Electronics. P6SMBJ24A Datasheet HTML 3Page - Frontier Electronics. P6SMBJ24A Datasheet HTML 4Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
P6SMBJ5.0 THRU P6SMBJ188A
Page: 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
P6SMBJ5.0 THRU P6SMBJ188A
FEATURES
OPTIMIZED FOR LAN PROTECTION APPLICATION
IDEAL FOR ESD PROTECTION OF DATA LINES IN ACCORDANCE
WITH IEC 1000-4-2(IEC801-2)
IDEAL FOR EFT PROTECTION OF DATA LINE IN ACCORDANCE
WITH IEC 1000-4-4(IEC801-4)
EXCELLENT CLAMPING CAPABILITY
LOW INCREMENTAL SURGE RESISTANCE
FAST RESPONSE TIME: TYPICALLY LESS THAN 1.0 ps FROM
0 VOLTS TO V(BR) MIN
600 W PEAK PULSE POWER CAPABILITY WITH A 10/1000
μS
WAVEFORM , REPETITION RATE (DUTY CYCLE)
︰0.01%
TYPICAL ID LESS THAN 1μA ABOVE 10V
HIGH TEMPERATURE SOLDERING GUARANTEED: 250
°C /10 SECONDS
AT TERMINAL
MECHANICAL DATA
CASE: MOLDED PLASTIC, DO-214AA(SMB), DIMENSIONS
IN INCHES AND (MILLIMETERS)
TERMINALS: SOLDER PLATED
POLARITY: INDICATED BY CATHODE BAND
WEIGHT: 0.093 GRAMS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS RATINGS AT 25
°C AMBIENT TEMPERATURE UNLESS OTHERWISE SPECIFIED
RATINGS
SYMBOL
VALUE
UNITS
PEAK PULSE POWER DISSIPATION ON 10/1000
μS WAVEFORM
(NOTE 1, FIG. 1)
PPPM
MINIMUM 600
WATTS
PEAK PULSE CURRENT OF 0N 10/1000
μS WAVEFORM
(NOTE 1,FIG. 3)
IPPM
SEE TABLE 1
A
STEADY STATE POWER DISSIPATION AT TL=75°C
(NOTE 2)
PM(AV)
1.0
WATTS
PEAK FORWARD SURGE CURRENT, 8.3ms SINGLE HALF
SINE-WAVE SUPERIMPOSED ON RATED LOAD, UNIDIRECTIONAL
ONLY(NOTE 2)
IFSM
100
A
MAXIMUM INSTANTANEOUS FORWARD VOLTAGE AT 25.0A FOR
UNIDIRECTIONAL ONLY (NOTE 3 & 4)
VF
SEE NOTE 4
V
OPERATING JUNCTION AND STORAGE TEMPERATURE RANGE
TJ,TSTG
- 55 TO + 150
°C
NOTE
1.NON-REPETITIVE CURRENT PULSE, PER FIG.3 AND DERATED ABOVE TA=25°C PER FIG 2.
2. MOUNTED ON 5mm
2 COPPER PADS TO EACH TERMINAL
3. MEASURED ON 8.3mS SINGLE HALF SINE-WAVE OR EQUIVALENT SQUARE WAVE, DUTY CYCLE = 4 PULSES
PER MINUTE MAXIMUM
4. VF=3.5V ON P6SMBJ5.0 THRU P6SMBJ90A DEVICES AND VF=5.0V ON P6SMBJ100 THRU P6SMBJ188A
.060(1.52)
.030(0.76)
.220(5.59)
.205(5.21)
.096(2.44)
.084(2.13)
.180(4.57)
.160(4.06)
.155(3.94)
.130(3.30)
.086(2.20)
.077(1.96)
CATHODE


Similar Part No. - P6SMBJ24A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6SMBJ24A PANJIT-P6SMBJ24A Datasheet
80Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 to 220 Volts 600 Watt Peak Power Pulse)
logo
Diotec Semiconductor
P6SMBJ24A DIOTEC-P6SMBJ24A Datasheet
92Kb / 4P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
SUNMATE electronic Co.,...
P6SMBJ24A SUNMATE-P6SMBJ24A Datasheet
1Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
logo
Surge Components
P6SMBJ24A SURGE-P6SMBJ24A Datasheet
218Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0-170Volts???
logo
Semikron International
P6SMBJ24A SEMIKRON-P6SMBJ24A Datasheet
239Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
More results

Similar Description - P6SMBJ24A

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SMBJ7.5CA-13 DIODES-SMBJ7.5CA-13 Datasheet
142Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ51CA-13 DIODES-SMBJ51CA-13 Datasheet
142Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ350A-13-F DIODES-SMBJ350A-13-F Datasheet
100Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
P6SMAJ58ADFQ-13 DIODES-P6SMAJ58ADFQ-13 Datasheet
375Kb / 6P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
August 2020
SMBJ50CA DIODES-SMBJ50CA Datasheet
81Kb / 3P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19002 Rev. 11 - 2
SMBJ15CA-13 DIODES-SMBJ15CA-13 Datasheet
142Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ33CA-13 DIODES-SMBJ33CA-13 Datasheet
142Kb / 5P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ50CA DIODES-SMBJ50CA_1 Datasheet
80Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19002 Rev. 15 - 2
logo
Frontier Electronics.
P6SMBJ5.0-LFR FRONTIER-P6SMBJ5.0-LFR Datasheet
134Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
SMBJ100CA LUGUANG-SMBJ100CA Datasheet
402Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com