Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4SMAJ26-LFR Datasheet(PDF) 5 Page - Frontier Electronics.

Part # P4SMAJ26-LFR
Description  400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

P4SMAJ26-LFR Datasheet(HTML) 5 Page - Frontier Electronics.

  P4SMAJ26-LFR Datasheet HTML 1Page - Frontier Electronics. P4SMAJ26-LFR Datasheet HTML 2Page - Frontier Electronics. P4SMAJ26-LFR Datasheet HTML 3Page - Frontier Electronics. P4SMAJ26-LFR Datasheet HTML 4Page - Frontier Electronics. P4SMAJ26-LFR Datasheet HTML 5Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
P4SMAJ5.0-LFR THRU P4SMAJ188A-LFR
Page:
5
RATINGS AND CHARACTERISTIC CURVES P4SMAJ5.0-LFR THRU P4SMAJ188A-LFR
FIG. 6 - MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT UNIDIRECTIONAL ONLY
50
40
30
20
10
0
1
10
100
NUMBER OF CYCLES AT 60HZ
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method) TJ=Tjmax.
150
100
50
0
FIG. 3 - PULSE WAVEFORM
0
1.0
2.0
3.0
4.0
t, TIME,ms
PULSE WIDTH (td) is DEFINED
as the POINT WHERE the PEAK
CURRENT DECAYS to 50% of IPP
10/1000uSec. WAVEFORM
as DEFINED by R.E.A.
HALF VALUE
Ipp
2
PEAK VALUE
IPPM
tr =10uSec.
td
FIG. 1 - PEAK PULSE POWER RATING CURVE
100
10
1.0
0.1
NON-REPETITIVE
PULSE WAVEFORM
SHOWN in FIG. 3
TA=25℃
0.1US
1.0US
10US
100US
1.0MS
10MS
td, PULSE WIDTH, sec
MOUNTED ON 5mm×5mm
COPPER PADS
FIG. 5 - STEADY STATE POWER DERATING CURVE
1.00
0.75
0.50
0.25
0
0
25
50
75
100
125
150
175
200
TL, LEAD TEMPERATURE,
60HZ
RESISTIVE OR
INDUCTIVE
LOAD
MOUNTED ON
5mm×5mm
COPPER PADS
FIG. 4 - TYPICAL JUNCTION CAPACITANCE
10,000
1,000
100
10
1.0
10
100
200
V(BR), BREAKDOWN VOLTAGE, VOLTS
Bi-directional
Measured At Stand -Off
Voltage , Vwm
TJ=25℃
f=1.0 MHZ
Vsig=50mVp-p
Uni-directional
FIG. 2 - PULSE DERATING CURVE
100
75
50
25
0
0
25
50
75
100
125
150
175
200
Ta, AMBIENT TEMPERATURE,
MOUNTED ON 5mm×5mm
COPPER PADS


Similar Part No. - P4SMAJ26-LFR

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P4SMAJ26 PANJIT-P4SMAJ26 Datasheet
95Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 to 220 Volts 400 Watt Peak Power Pulse)
P4SMAJ26 PANJIT-P4SMAJ26 Datasheet
110Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotec Semiconductor
P4SMAJ26 DIOTEC-P4SMAJ26 Datasheet
172Kb / 4P
   SMD Transient Voltage Suppressor Diodes
logo
Surge Components
P4SMAJ26 SURGE-P4SMAJ26 Datasheet
213Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0-170Volts?
logo
Shanghai Lunsure Electr...
P4SMAJ26 CHENYI-P4SMAJ26 Datasheet
422Kb / 6P
   400Watt transient voltage suppressors 5.0to170 volts
More results

Similar Description - P4SMAJ26-LFR

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SMAJ18A-13 DIODES-SMAJ18A-13 Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMAJ10A-13 DIODES-SMAJ10A-13 Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
P4SMAJ5.0ADF DIODES-P4SMAJ5.0ADF Datasheet
426Kb / 6P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMAJ50CA DIODES-SMAJ50CA_1 Datasheet
81Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19005 Rev. 13 - 2
logo
Won-Top Electronics
P4SMAJ WTE-P4SMAJ_06 Datasheet
81Kb / 6P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
TAITRON Components Inco...
SMAJ5 TAITRON-SMAJ5 Datasheet
160Kb / 6P
   400W Surface Mount Transient Voltage Suppressor
logo
Frontier Electronics.
P4SMAJ5.0 FRONTIER-P4SMAJ5.0 Datasheet
135Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SM2615 DIODES-SM2615 Datasheet
146Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
P4SMAJ180 WTE-P4SMAJ180 Datasheet
69Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
PSMAJ400A DIODES-PSMAJ400A Datasheet
114Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev. 3 - 2 November 2012
SMAJ8.5CA DIODES-SMAJ8.5CA Datasheet
79Kb / 4P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19005 Rev. 10 - 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com