Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX2815AU Datasheet(PDF) 5 Page - Sipex Corporation

Part # SPX2815AU
Description  1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2815AU Datasheet(HTML) 5 Page - Sipex Corporation

  SPX2815AU Datasheet HTML 1Page - Sipex Corporation SPX2815AU Datasheet HTML 2Page - Sipex Corporation SPX2815AU Datasheet HTML 3Page - Sipex Corporation SPX2815AU Datasheet HTML 4Page - Sipex Corporation SPX2815AU Datasheet HTML 5Page - Sipex Corporation SPX2815AU Datasheet HTML 6Page - Sipex Corporation SPX2815AU Datasheet HTML 7Page - Sipex Corporation SPX2815AU Datasheet HTML 8Page - Sipex Corporation SPX2815AU Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
Date: 5/17/04
SPX2815 1.5A Low Dropout Voltage Regulator
© Copyright 2004 Sipex Corporation
Figure 9. 5V Regulator with Shutdown
SPX2815
V
IN
R
1
R
2
10µF
10µF*
1kΩ,
330Ω
1%
+
+
4.7µF
C
1
*C
1
improves ripple rejection.
Z
C
should be ~ R1 at ripple frequency
5V
ADJ
IN
OUT
(Note A)
V
OUT
Note A: V
IN(MIN) = (Intended VOUT
) + (V DROPOUT (MAX))
1%
1kΩ
SPX2815
10µF
1%
330W
1%
+
+
4.7µF
5V
ADJ
IN
OUT
(Note A)
1K
1k
TTL
Input
2N3904
DROPOUT (MAX)
Note A: V
IN(MIN)
= (Intended V
OUT
) + (V
)
V
IN
Figure 10. Recommended Connections for Best Results
Figure 8. Improving Ripple Rejection
SPX2815
R 2
R 1
Connect R
2
to Load
R L
Connect R to
Case of Regulator
RP Parasitic Line
Resistance
ADJ
VOUT
VIN
IN
OUT
I ADJ
SPX2815
C1
R
1
R
2
VOUT
VIN
C
2
V
OUT =V REF (1+R 2 /R1) +I ADJ R 2
V
REF
50µA
ADJ
4.7µF +
Figure 7. Typical Adjustable Regulator
APPLICATION INFORMATION: Continued
Top View
TO-263-3 (T)
1
2
3
Front View
TO-220-3 (U)
1
23
Front View
TO-252 (R)
ADJ/GND
V
OUT
1
23
V
IN
ADJ/GND
V
OUT
V
IN
ADJ/GND
V
OUT
V
IN
PINOUTS


Similar Part No. - SPX2815AU

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2815AU SIPEX-SPX2815AU Datasheet
180Kb / 10P
   1.5A Low Dropout Voltage Regulator
SPX2815AU SIPEX-SPX2815AU Datasheet
186Kb / 10P
   1.5A Low Dropout Voltage Regulator
SPX2815AU-2-5 SIPEX-SPX2815AU-2-5 Datasheet
180Kb / 10P
   1.5A Low Dropout Voltage Regulator
SPX2815AU-2-5 SIPEX-SPX2815AU-2-5 Datasheet
186Kb / 10P
   1.5A Low Dropout Voltage Regulator
SPX2815AU-3-3 SIPEX-SPX2815AU-3-3 Datasheet
180Kb / 10P
   1.5A Low Dropout Voltage Regulator
More results

Similar Description - SPX2815AU

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1086 SIPEX-SPX1086 Datasheet
194Kb / 7P
   1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
AS2815 SIPEX-AS2815 Datasheet
181Kb / 9P
   1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
logo
Calogic, LLC
CLM2815 CALOGIC-CLM2815 Datasheet
84Kb / 6P
   1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output Fast Response
logo
Sipex Corporation
SPX29150 SIPEX-SPX29150 Datasheet
78Kb / 9P
   1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
SPX1583 SIPEX-SPX1583 Datasheet
147Kb / 5P
   1.5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX29150 SIPEX-SPX29150 Datasheet
181Kb / 9P
   1.5A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1583 SIPEX-SPX1583 Datasheet
171Kb / 5P
   1.5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
AS2850 SIPEX-AS2850 Datasheet
159Kb / 6P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
AS2830 SIPEX-AS2830 Datasheet
149Kb / 6P
   3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1585 SIPEX-SPX1585 Datasheet
198Kb / 7P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com