Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX2810T-3.3 Datasheet(PDF) 6 Page - Sipex Corporation

Part # SPX2810T-3.3
Description  1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2810T-3.3 Datasheet(HTML) 6 Page - Sipex Corporation

  SPX2810T-3.3 Datasheet HTML 1Page - Sipex Corporation SPX2810T-3.3 Datasheet HTML 2Page - Sipex Corporation SPX2810T-3.3 Datasheet HTML 3Page - Sipex Corporation SPX2810T-3.3 Datasheet HTML 4Page - Sipex Corporation SPX2810T-3.3 Datasheet HTML 5Page - Sipex Corporation SPX2810T-3.3 Datasheet HTML 6Page - Sipex Corporation SPX2810T-3.3 Datasheet HTML 7Page - Sipex Corporation SPX2810T-3.3 Datasheet HTML 8Page - Sipex Corporation SPX2810T-3.3 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
Date: 5/25/04
SPX2810 1A Low Dropout Linear Regulator
© Copyright 2004 Sipex Corporation
Figure 11. 12.5V Regulator with Shutdown
Figure 10. Improving Ripple Rejection
Figure 12. Recommended Connections for Best Results
Output Voltage
The output of the adjustable regulator can be set to any voltage between 1.25V and 10V. The value
of V
OUT can be quickly approximated using the formula (Figure 9)
V
OUT=1.25 *(R1 + R2)/R1.
A small correction to this formula is required depending on the values of resistors R1 and R2, since
adjustable pin current (approx 50
µA) flows through R2. When I
ADJ is taken into account, the formula
becomes
V
OUT = VREF(1+ (R2/R1)) + IADJ * R2, where VREF=1.25V.
Layout Considerations
Parasitic line resistance can degrade load regulation. In order not to affect the behavior of the regulator,
it is best to connect R
1 to the case as illustrated in Figure 11. For the same reason, R2 should be
connected to the negative side of the load.
SPX2810
V
IN
R 2
R 1
Connect R
2
to Load
R L
Connect R1 to
Case of Regulator
RP Parasitic Line
Resistance
V
OUT
ADJ
SPX2810
V
IN
10µF
1k
1%
330Ω
1%
+
+
4.7µF
5V
ADJ
IN
OUT
(Note A)
1k
1k
TTL
Input
2N3904
DROPOUT (MAX)
Note A: V
IN(MIN)
= (Intended V
OUT
) + (V
)
SPX2810
V
IN
R
1
R
2
10µF
10µF*
1kΩ,
330Ω
1%
+
+
4.7µF
C
1
*C
1
improves ripple rejection.
Z
C
should be ~ R1 at ripple frequency
5V
ADJ
IN
OUT
(Note A)
V
OUT
Note A: V
IN(MIN) = (Intended VOUT
) + (V DROPOUT (MAX))
1%


Similar Part No. - SPX2810T-3.3

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2810T-3.3 SIPEX-SPX2810T-3.3 Datasheet
94Kb / 13P
   1A Low Dropout Positive Linear Regulator
SPX2810T-3.3/TR SIPEX-SPX2810T-3.3/TR Datasheet
94Kb / 13P
   1A Low Dropout Positive Linear Regulator
More results

Similar Description - SPX2810T-3.3

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
AS2810 SIPEX-AS2810 Datasheet
150Kb / 7P
   1A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX2941 SIPEX-SPX2941_06 Datasheet
890Kb / 10P
   1A Low Dropout Voltage Regulator Adjustable Output, Fast Response
SPX2941 SIPEX-SPX2941 Datasheet
103Kb / 10P
   1A Low Dropout Voltage Regulator, Adjustable Output, Fast Response
SPX2941T5-L SIPEX-SPX2941T5-L Datasheet
921Kb / 10P
   1A Low Dropout Voltage Regulator Adjustable Output, Fast Response
SPX3940 SIPEX-SPX3940 Datasheet
215Kb / 11P
   1A Low Dropout Voltage Regulator Fixed Output, Fast Response
SPX2940 SIPEX-SPX2940 Datasheet
103Kb / 9P
   1A Low Dropout Voltage Regulator Fixed Output, Fast Response
AS2850 SIPEX-AS2850 Datasheet
159Kb / 6P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
AS2830 SIPEX-AS2830 Datasheet
149Kb / 6P
   3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1585 SIPEX-SPX1585 Datasheet
198Kb / 7P
   5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1587 SIPEX-SPX1587 Datasheet
187Kb / 7P
   3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com