Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBP10-10G Datasheet(PDF) 1 Page - Frontier Electronics.

Part # PBP10-10G
Description  10A SILICON SINGLE-PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

PBP10-10G Datasheet(HTML) 1 Page - Frontier Electronics.

  PBP10-10G Datasheet HTML 1Page - Frontier Electronics. PBP10-10G Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PBP10-005G THRU PBP10-10
Page: 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
10A SILICON SINGLE-PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
PBP10-005G THRU PBP10-10G
FEATURES
CURRENT RATING 10A
GLASS PASSIVATED JUNCTION
REVERSE VOLTAGE RATING UP TO 1000V
TYPICAL IR LESS THAN 1
μA
HIGH TEMPERATURE SOLDERING GUARANTEED:
260
°C /10 SECOND
MECHANICAL DATA
CASE: VOID-FREE PLASTIC PACKAGE, DIMENSIONS
IN INCHES AND (MILLIMETERS)
TERMINALS: LEADS, SOLDERABLE PER MIL-STD-202,
METHOD 208
MOUNTING POSITION: ANY
WEIGHT: 5 GRAMS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS RATINGS AT 25
°C AMBIENT TEMPERATURE UNLESS OTHERWISE SPECIFIED SINGLE
PHASE, HALF WAVE, 60 HZ, RESISTIVE OR INDUCTIVE LOAD. FOR CAPACITIVE LOAD, DERATE CURRENT BY 20%
RATINGS
SYMBOL
PBP10
-005G
PBP10
-01G
PBP10
-02G
PBP10
-04G
PBP10
-06G
PBP10
-08G
PBP10
-10G
UNITS
MAXIMUM RECURRENT PEAK REVERSE VOLTAGE
VRRM
50
100
200
400
600
800
1000
V
MAXIMUM RMS VOLTAGE
VRMS
35
70
140
280
420
560
700
V
MAXIMUM DC BLOCKING VOLTAGE
VDC
50
100
200
400
600
800
1000
V
MAXIMUM AVERAGE FORWARD RECTIFIED OUTPUT
CURRENT AT TC=55
°C
IO
10.0
A
PEAK FORWARD SURGE CURRENT SINGLE SINE-WAVE
SUPERIMPOSED ON RATED LOAD
IFSM
175
A
STORAGE TEMPERATURE RANGE
TSTG
- 55 TO + 150
°C
OPERATING TEMPERATURE RANGE
TOP
- 55 TO + 150
°C
ELECTRICAL CHARACTERISTICS (AT TA =25°C UNLESS OTHERWISE NOTED)
CHARACTERISTICS
SYMBOL
PBP10
-005G
PBP10
-01G
PBP10
-02G
PBP10
-04G
PBP10
-06G
PBP10
-08G
PBP10
-10G
UNITS
MAXIMUM INSTANTANEOUS FORWARD VOLTAGE DROP
AT 5.0A
VF
1.1
V
MAXIMUM REVERSE CURRENT AT RAT-ED DC BLOCKING
VOLTAGE PER ELEMENT TA=25
IR
5
μA
HOLE FOR
#6 SCREW
0.158(4.0)
0.142(3.6)
0.094(2.4) x 45
°CHAMFER
0.770(19.50)
0.730(18.54)
0.445(11.3)
0.405(10.3)
0.107(2.72)
0.067(1.70)
0.290(7.37)
0.210(5.33)
.750
(19) MIN
0.300(7.6)
0.250(6.35)
0.50(1.27) TYP.DIA.


Similar Part No. - PBP10-10G

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
PBP10-10 FRONTIER-PBP10-10 Datasheet
121Kb / 2P
   10A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
More results

Similar Description - PBP10-10G

ManufacturerPart #DatasheetDescription
logo
Chip Integration Techno...
GBU10005 CITC-GBU10005 Datasheet
91Kb / 3P
   10A Miniature Glass Passivated Single-Phase Bridge Rectifiers
GBJ10005 CITC-GBJ10005 Datasheet
94Kb / 3P
   10A Miniature Glass Passivated Single-Phase Bridge Rectifiers
logo
SEMTECH ELECTRONICS LTD...
RS401L SEMTECH_ELEC-RS401L Datasheet
240Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIERS
KBL4005 SEMTECH_ELEC-KBL4005 Datasheet
241Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIERS
RS401M SEMTECH_ELEC-RS401M Datasheet
241Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIERS
logo
Sangdest Microelectroni...
DB101S SMC-DB101S Datasheet
151Kb / 4P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
GBU1001 TSC-GBU1001_16 Datasheet
213Kb / 4P
   10A, 50V - 1000V Glass Passivated Single-Phase Bridge Rectifiers
TS10KL60 TSC-TS10KL60_16 Datasheet
188Kb / 4P
   10A, 600V - 1000V Glass Passivated Single-Phase Bridge Rectifiers
logo
Nanjing International G...
4GBJ10005L DGNJDZ-4GBJ10005L Datasheet
154Kb / 2P
   LOW VF SINGLE PHASE 10A GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Nell Semiconductor Co.,...
GBJ10 NELLSEMI-GBJ10 Datasheet
224Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier, 10A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com