Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JT10.7MG3 Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # JT10.7MG3
Description  Ceramics discriminator for FM receiver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

JT10.7MG3 Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  JT10.7MG3 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd JT10.7MG3 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd JT10.7MG3 Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd JT10.7MG3 Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd JT10.7MG3 Datasheet HTML 5Page - Shenzhen Luguang Electronic Technology Co., Ltd JT10.7MG3 Datasheet HTML 6Page - Shenzhen Luguang Electronic Technology Co., Ltd JT10.7MG3 Datasheet HTML 7Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
http://www.luguang.cn
Email: lge@luguang.cn
SHENZHEN LUGUANG ELECTRONIC TECHNOLOGY CO.,LTD.
2
4. ELECTRICAL SPECIFICATIONS:
No
Item
Requirements
4.1
Center Frequency
fo (MHz)
A:10.700±0.030
(RED)
4.2
Recovered Audio Voltage (at fo)
(mV)
min
650
4.3
Distortion (at fo)
(%)
max
1.0
4.4
Recovered Audio 3dB Bandwidth
(kHz)
min
±150
4.5
Temp. Coefficient of Frequency
(ppm/℃) max
±100 (Center Frequency drift,
-10℃~+70℃)
4.6
Insulation Resistance
Ri,(MΩ)min
100
(100V,1min)
4.7
Withstanding Voltage
50VDC, 1min
5. MEASUREMENT:
Measurement Conditions: Parts shall be measured under a condition
( Temp. : 20±15 ℃ ,Humidity : 65±20% R.H.) unless the standard
condition(Temp. : 25±2 ℃ ,Humidity : 65±5% R.H.) is regulated to
measure.
Test Circuit:
280Ω
0.01μ
10μ
1
25
9
6
7
3
8
TA7303P
IN
OUT
VCC(12V)
Input Signal: Input Level:100dBμV
Modulation Frequency:1000Hz
Frequency Deviation:±75kHz


Similar Part No. - JT10.7MG3

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
JT10.7MG3 TOKEN-JT10.7MG3 Datasheet
324Kb / 4P
   JT10.7M Ceramic Discriminators for FM
logo
Yuechung International ...
JT10.7MG3 YIC-JT10.7MG3 Datasheet
493Kb / 1P
   LTCS10.7 Ssries of ceramic filter SMD Type 10.7MHz
JT10.7MG31 YIC-JT10.7MG31 Datasheet
493Kb / 1P
   LTCS10.7 Ssries of ceramic filter SMD Type 10.7MHz
logo
Token Electronics Indus...
JT10.7MG33 TOKEN-JT10.7MG33 Datasheet
324Kb / 4P
   JT10.7M Ceramic Discriminators for FM
logo
Shenzhen Luguang Electr...
JT10.7MG33 LUGUANG-JT10.7MG33 Datasheet
251Kb / 5P
   Ceramic Discriminator
More results

Similar Description - JT10.7MG3

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
JT107MC1 LUGUANG-JT107MC1 Datasheet
141Kb / 7P
   Ceramics discriminator for FM receiver
JT107MG48 LUGUANG-JT107MG48 Datasheet
168Kb / 7P
   Ceramics discriminator for FM receiver
JT107MG18 LUGUANG-JT107MG18 Datasheet
144Kb / 6P
   Ceramics discriminator for FM receiver
logo
TOKO, Inc
CDF TOKO-CDF Datasheet
74Kb / 1P
   FM CERAMIC DISCRIMINATOR
CDF107F-A0-022 TOKO-CDF107F-A0-022 Datasheet
117Kb / 1P
   FM Ceramic Discriminator
logo
List of Unclassifed Man...
TA7303P ETC-TA7303P Datasheet
55Kb / 1P
   FM IF Amplifier and Discriminator
logo
TEMIC Semiconductors
U4065B TEMIC-U4065B Datasheet
290Kb / 23P
   FM Receiver
logo
Samsung semiconductor
KA8509 SAMSUNG-KA8509 Datasheet
120Kb / 4P
   FM RECEIVER
logo
List of Unclassifed Man...
CDB455C3 ETC2-CDB455C3 Datasheet
175Kb / 1P
   Discriminator for communication
logo
LANSDALE Semiconductor ...
ML13135 LANSDALE-ML13135 Datasheet
771Kb / 11P
   FM Communications Receiver; Dual Conversion Narrowband FM Receiver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com