Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HERA1605G Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # HERA1605G
Description  16.0AMP. Glass Passivated High Efficient Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

HERA1605G Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  HERA1605G Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd HERA1605G Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
Tj=25 C
0
Tj=125 C
FIG.6- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50W
NONINDUCTIVE
1W
NON
INDUCTIVE
OSCILLOSCOPE
(NOTE 1)
PULSE
GENERATOR
(NOTE 2)
DUT
(+)
50Vdc
(approx)
(-)
NOTES: 1. Rise Time=7ns max. Input Impedance=
1 megohm 22pf
2. Rise Time=10ns max. Sourse Impedance=
50 ohms
(-)
(+)
10W
NONINDUCTIVE
-1.0A
-0.25A
0
+0.5A
trr
1cm
SET TIME BASE FOR
5/ 10ns/ cm
RATINGS AND CHARACTERISTIC CURVES (HERA1601G THRU HERA1608G)
FIG.1- MAXIMUM FORWARD CURRENT DERATING
CURVE
0
50
100
150
0
4
8
12
16
20
o
CASE TEMPERATURE. ( C)
FIG.5- TYPICAL FORWARD CHARACTERISTICS
1.6
1.8
0.4
0.6
0.8
1.0
1.2
1.4
0.01
0.03
0.3
1.0
3.0
10
30
100
0.1
FORWARD VOLTAGE. (V)
FIG.3- MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
1
2
5
10
20
100
50
100
50
200
150
250
NUMBER OF CYCLES AT 60Hz
0
Tj=25 C
8.3ms Single Half Sine Wave
JEDEC Method
0
FIG.2- TYPICAL REVERSE CHARACTERISTICS
20
40
60
80
100
120
140
0.1
1
10
100
1000
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
0
FIG.4- TYPICAL JUNCTION CAPACITANCE
1
5
2
10
20
50
100
200
500
50
0
100
150
200
250
300
REVERSE VOLTAGE. (V)
HERA1601G~HERA1605G
HERA1606G~
HERA1
608G
0
Tj=25 C
1000
G
G
G
5
0
6
1
A
R
E
G
5
0
6
1
A
R
E
HERA1601G-HERA1608G
16.0AMP. Glass Passivated High Efficient Rectifiers
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - HERA1605G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
HERA1605G TSC-HERA1605G Datasheet
55Kb / 2P
   16.0 AMPS. Glass Passivated High Efficient Rectifiers
HERA1605G TSC-HERA1605G Datasheet
133Kb / 2P
   16.0 AMPS. Glass Passivated High Efficient Rectifiers
logo
RFE international
HERA1605G RFE-HERA1605G Datasheet
101Kb / 1P
   LEADED (THRU-HOLE) High Efficiency & Super Fast Rectifiers
logo
Taiwan Semiconductor Co...
HERA1605G TSC-HERA1605G Datasheet
484Kb / 2P
   16.0 AMPS. Glass Passivated High Efficient Rectifiers
HERA1605G TSC-HERA1605G Datasheet
263Kb / 2P
   16.0AMPS. Glass Passivated High Efficient Rectifiers
More results

Similar Description - HERA1605G

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
HERAF1601G LUGUANG-HERAF1601G Datasheet
229Kb / 2P
   Isolated 16.0AMP. Glass Passivated High Efficient Rectifiers
GPA1601 LUGUANG-GPA1601 Datasheet
200Kb / 2P
   16.0AMP. Glass Passivated Rectifiers
FRA1601G LUGUANG-FRA1601G Datasheet
201Kb / 2P
   16.0AMP. Glass Passivated Fast Recovery Rectifiers
SF1601G LUGUANG-SF1601G Datasheet
241Kb / 2P
   16.0AMP. Glass Passivated Super Fast Rectifiers
logo
Taiwan Semiconductor Co...
UF4001 TSC-UF4001_14 Datasheet
378Kb / 4P
   Glass Passivated High Efficient Rectifiers
logo
GOOD-ARK Electronics
HER601G GOOD-ARK-HER601G Datasheet
195Kb / 2P
   Glass Passivated High Efficient Rectifiers
logo
Taiwan Semiconductor Co...
HER101G TSC-HER101G_14 Datasheet
362Kb / 4P
   Glass Passivated High Efficient Rectifiers
HER601G TSC-HER601G_14 Datasheet
378Kb / 4P
   Glass Passivated High Efficient Rectifiers
HER301G TSC-HER301G_14 Datasheet
379Kb / 4P
   Glass Passivated High Efficient Rectifiers
logo
GOOD-ARK Electronics
HER2001G GOOD-ARK-HER2001G Datasheet
148Kb / 2P
   Glass Passivated High Efficient Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com