Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GLZ22D-LFR Datasheet(PDF) 2 Page - Frontier Electronics.

Part # GLZ22D-LFR
Description  500mW MINI MELF ZENER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

GLZ22D-LFR Datasheet(HTML) 2 Page - Frontier Electronics.

  GLZ22D-LFR Datasheet HTML 1Page - Frontier Electronics. GLZ22D-LFR Datasheet HTML 2Page - Frontier Electronics. GLZ22D-LFR Datasheet HTML 3Page - Frontier Electronics. GLZ22D-LFR Datasheet HTML 4Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GLZ2.0A-LFR THRU GLZ36D-LFR
Page: 2
ELECTRICAL CHARACTERISTICS (TA=25
℃UNLESS OTHERWISE NOTED) VF=1.0V MAX, IF = 100mA FOR ALL TYPES
MAXIMUM ZENER IMPEDANCE
MAXIMUM REVERSE
LEAKAGE CURRENT
NOMINAL
ZENER VOLTS
VZ@IZT VOLTS
ZZT @ IZT
ZZK@IZK
JEDEC
TYPE
MIN
MAX
TEST
CURRENT
IZT
mA
TEST
CURRENT
IZK
mA
OHMS
OHMS
IR
μA
@ VR
VOLTS
GLZ5.6A-LFR
GLZ5.6B-LFR
GLZ5.6C-LFR
GLZ6.2A-LFR
GLZ6.2B-LFR
GLZ6.2C-LFR
GLZ6.8A-LFR
GLZ6.8B-LFR
GLZ6.8C-LFR
GLZ7.5A-LFR
GLZ7.5B-LFR
GLZ7.5C-LFR
GLZ8.2A-LFR
GLZ8.2B-LFR
GLZ8.2C-LFR
GLZ9.1A-LFR
GLZ9.1B-LFR
GLZ9.1C-LFR
GLZ10A-LFR
GLZ10B-LFR
GLZ10C-LFR
GLZ10D-LFR
GLZ11A-LFR
GLZ11B-LFR
GLZ11C-LFR
GLZ12A-LFR
GLZ12B-LFR
GLZ12C-LFR
GLZ13A-LFR
GLZ13B-LFR
GLZ13C-LFR
GLZ15A-LFR
GLZ15B-LFR
GLZ15C-LFR
GLZ16A-LFR
GLZ16B-LFR
GLZ16C-LFR
GLZ18A-LFR
GLZ18B-LFR
GLZ18C-LFR
GLZ20A-LFR
GLZ20B-LFR
GLZ20C-LFR
GLZ20D-LFR
GLZ22A-LFR
GLZ22B-LFR
GLZ22C-LFR
GLZ22D-LFR
5.280
5.450
5.610
5.78
5.96
6.12
6.29
6.49
6.66
6.85
7.07
7.29
7.53
7.78
8.03
8.29
8.57
8.83
9.12
9.41
9.70
9.94
10.18
10.50
10.82
11.13
11.44
11.74
12.11
12.55
12.99
13.44
13.89
14.35
14.80
15.25
15.69
16.22
16.82
17.42
18.02
18.63
19.23
19.27
20.15
20.64
21.08
21.52
5.550
5.730
5.910
6.09
6.27
6.44
6.63
6.83
7.01
7.22
7.45
7.67
7.92
8.19
8.45
8.73
9.01
9.30
9.59
9.90
10.20
10.44
10.71
11.05
11.38
11.71
12.03
12.35
12.75
13.21
13.66
14.13
14.62
15.09
15.57
16.04
16.51
17.06
17.70
18.33
18.96
19.59
20.22
20.72
21.20
21.71
22.17
22.63
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
5
5
5
5
1
1
1
1
1
1
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
13
13
13
10
10
10
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
8
10
10
10
12
12
12
14
14
14
16
16
16
18
18
18
23
23
23
28
28
28
28
30
30
30
30
500
500
500
300
300
300
150
150
150
120
120
120
120
120
120
120
120
120
120
120
120
120
120
120
120
110
110
110
110
110
110
110
110
110
150
150
150
150
150
150
200
200
200
200
200
200
200
200
5
5
5
5
5
5
2
2
2
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
2.5
2.5
2.5
3.0
3.0
3.0
3.5
3.5
3.5
4.0
4.0
4.0
5.0
5.0
5.0
6.0
6.0
6.0
7.0
7.0
7.0
7.0
8.0
8.0
8.0
9.0
9.0
9.0
10
10
10
11
11
11
12
12
12
13
13
13
15.0
15.0
15.0
15.0
17.0
17.0
17.0
17.0
NOTE
:*MINI MELF MOLDED GLASS .


Similar Part No. - GLZ22D-LFR

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
GLZ22D EIC-GLZ22D Datasheet
44Kb / 3P
   ZENER DIODES
logo
Pan Jit International I...
GLZ22D PANJIT-GLZ22D Datasheet
106Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Frontier Electronics.
GLZ22D FRONTIER-GLZ22D Datasheet
124Kb / 4P
   500mW MINI MELF ZENER DIODE
More results

Similar Description - GLZ22D-LFR

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
ZMM5221B-LFR FRONTIER-ZMM5221B-LFR Datasheet
119Kb / 2P
   500mW MINI MELF ZENER DIODE
ZMM5221B FRONTIER-ZMM5221B Datasheet
119Kb / 2P
   500mW MINI MELF ZENER DIODE
ZMM55-C2V4-LFR FRONTIER-ZMM55-C2V4-LFR Datasheet
118Kb / 2P
   500mW MINI MELF ZENER DIODE
GLZJ2.0A FRONTIER-GLZJ2.0A Datasheet
128Kb / 4P
   500mW MINI MELF ZENER DIODE
ZMM55-C2V0 FRONTIER-ZMM55-C2V0 Datasheet
118Kb / 2P
   500mW MINI MELF ZENER DIODE
GLZ2.0A FRONTIER-GLZ2.0A Datasheet
124Kb / 4P
   500mW MINI MELF ZENER DIODE
logo
CHENG-YI ELECTRONIC CO....
ZMM5221B CHENG-YI-ZMM5221B Datasheet
249Kb / 3P
   500mW Mini melf ZENER Diodes
logo
WILLAS ELECTRONIC CORP
ZMM5221B WILLAS-ZMM5221B Datasheet
428Kb / 3P
   500mW Mini MELF Zener Diodes
logo
Rectron Semiconductor
GMZJ RECTRON-GMZJ Datasheet
45Kb / 3P
   Micro MELF ZENER DIODE 2.5% 500mW
ZMM5221B RECTRON-ZMM5221B Datasheet
23Kb / 2P
   500mW 5% mini-M.E.L.F ZENER DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com