Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCM69P536CTQ4.5 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MCM69P536CTQ4.5
Description  32K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM69P536CTQ4.5 Datasheet(HTML) 4 Page - Motorola, Inc

  MCM69P536CTQ4.5 Datasheet HTML 1Page - Motorola, Inc MCM69P536CTQ4.5 Datasheet HTML 2Page - Motorola, Inc MCM69P536CTQ4.5 Datasheet HTML 3Page - Motorola, Inc MCM69P536CTQ4.5 Datasheet HTML 4Page - Motorola, Inc MCM69P536CTQ4.5 Datasheet HTML 5Page - Motorola, Inc MCM69P536CTQ4.5 Datasheet HTML 6Page - Motorola, Inc MCM69P536CTQ4.5 Datasheet HTML 7Page - Motorola, Inc MCM69P536CTQ4.5 Datasheet HTML 8Page - Motorola, Inc MCM69P536CTQ4.5 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MCM69P536C
4
MOTOROLA FAST SRAM
PIN DESCRIPTIONS
Pin Locations
Symbol
Type
Description
85
ADSC
Input
Synchronous Address Status Controller: Initiates READ, WRITE, or
chip deselect cycle.
84
ADSP
Input
Synchronous Address Status Processor: Initiates READ, WRITE, or
chip deselect cycle (exception — chip deselect does not occur when
ADSP is asserted and SE1 is high).
83
ADV
Input
Synchronous Address Advance: Increments address count in
accordance with counter type selected (linear/interleaved).
(a) 51, 52, 53, 56, 57, 58, 59, 62, 63
(b) 68, 69, 72, 73, 74, 75, 78, 79, 80
(c) 1, 2, 3, 6, 7, 8, 9, 12, 13
(d) 18, 19, 22, 23, 24, 25, 28, 29, 30
DQx
I/O
Synchronous Data I/O: “x” refers to the byte being read or written
(byte a, b, c, d).
86
G
Input
Asynchronous Output Enable Input:
Low — enables output buffers (DQx pins).
High — DQx pins are high impedance.
89
K
Input
Clock: This signal registers the address, data in, and all control signals
except G and LBO.
31
LBO
Input
Linear Burst Order Input: This pin must remain in steady state (this
signal not registered or latched). It must be tied high or low.
Low — linear burst counter (68K/PowerPC).
High — interleaved burst counter (486/i960/Pentium).
32, 33, 34, 35, 44, 45, 46,
47, 48, 81, 82, 99, 100
SA
Input
Synchronous Address Inputs: These inputs are registered and must
meet setup and hold times.
36, 37
SA1,SA0
Input
Synchronous Address Inputs: These pins must be wired to the two
LSBs of the address bus for proper burst operation. These inputs are
registered and must meet setup and hold times.
93, 94, 95, 96
(a) (b) (c) (d)
SBx
Input
Synchronous Byte Write Inputs: “x” refers to the byte being written (byte
a, b, c, d). SGW overrides SBx.
98
SE1
Input
Synchronous Chip Enable: Active low to enable chip.
Negated high–blocks ADSP or deselects chip when ADSC is asserted.
97
SE2
Input
Synchronous Chip Enable: Active high for depth expansion.
92
SE3
Input
Synchronous Chip Enable: Active low for depth expansion.
88
SGW
Input
Synchronous Global Write: This signal writes all bytes regardless of the
status of the SBx and SW signals. If only byte write signals SBx are
being used, tie this pin high.
87
SW
Input
Synchronous Write: This signal writes only those bytes that have been
selected using the byte write SBx pins. If only byte write signals SBx
are being used, tie this pin low.
4, 11, 15, 20, 27, 41, 54,
61, 65, 70, 77, 91
VDD
Supply
Power Supply: 3.3 V + 10%, – 5%.
5, 10, 17, 21, 26, 40, 55,
60, 67, 71, 76, 90
VSS
Supply
Ground.
64
NC
Input
No Connection: There is no connection to the chip. For compatibility
reasons, it is recommended that this pin be tied low for system designs
that do not have a sleep mode associated with the cache/memory
controller. Other vendors’ RAMs may have implemented the Sleep
Mode (ZZ) feature.
14, 16, 38, 39, 42, 43, 49, 50, 66
NC
No Connection: There is no connection to the chip.


Similar Part No. - MCM69P536CTQ4.5

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM69P618C MOTOROLA-MCM69P618C Datasheet
205Kb / 12P
   64K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P618CTQ4 MOTOROLA-MCM69P618CTQ4 Datasheet
205Kb / 12P
   64K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P618CTQ4.5 MOTOROLA-MCM69P618CTQ4.5 Datasheet
205Kb / 12P
   64K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P618CTQ4.5R MOTOROLA-MCM69P618CTQ4.5R Datasheet
205Kb / 12P
   64K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P618CTQ4R MOTOROLA-MCM69P618CTQ4R Datasheet
205Kb / 12P
   64K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
More results

Similar Description - MCM69P536CTQ4.5

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM63P531 MOTOROLA-MCM63P531 Datasheet
334Kb / 16P
   32K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P636 MOTOROLA-MCM63P636 Datasheet
328Kb / 27P
   64K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P735 MOTOROLA-MCM69P735 Datasheet
183Kb / 16P
   128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P736 MOTOROLA-MCM69P736 Datasheet
180Kb / 16P
   128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P737 MOTOROLA-MCM69P737 Datasheet
279Kb / 20P
   128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69F536C MOTOROLA-MCM69F536C Datasheet
209Kb / 12P
   32K x 36 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM67C518 MOTOROLA-MCM67C518 Datasheet
214Kb / 12P
   32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67M518 MOTOROLA-MCM67M518 Datasheet
205Kb / 12P
   32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67B518 MOTOROLA-MCM67B518 Datasheet
206Kb / 12P
   32K x 18 Bit BurstRAM Synchronous Fast Static RAM
MCM67H518 MOTOROLA-MCM67H518 Datasheet
208Kb / 12P
   32K x 18 Bit BurstRAM Synchronous Fast Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com