Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GLZ20B-LFR Datasheet(PDF) 1 Page - Frontier Electronics.

Part # GLZ20B-LFR
Description  500mW MINI MELF ZENER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

GLZ20B-LFR Datasheet(HTML) 1 Page - Frontier Electronics.

  GLZ20B-LFR Datasheet HTML 1Page - Frontier Electronics. GLZ20B-LFR Datasheet HTML 2Page - Frontier Electronics. GLZ20B-LFR Datasheet HTML 3Page - Frontier Electronics. GLZ20B-LFR Datasheet HTML 4Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GLZ2.0A-LFR THRU GLZ36D-LFR
Page: 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
500mW MINI MELF ZENER DIODE
GLZ2.0A-LFR THRU GLZ36D-LFR
FEATURES
LOW COST
SMALL SIZE
GLASS SEALED
ROHS
MECHANICAL DATA
CASE: MINI MELF GLASS CASE, DO-213AA(GL34)
DIMENSIONS IN MILLIMETERS
TERMINALS: SOLDERABLE PER MIL-STD -202, METHOD 208
POLARITY: COLOR BAND DENOTES CATHODE
MOUNTING POSITION: ANY
WEIGHT: 0.036 GRAMS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS RATINGS AT 25
°C AMBIENT TEMPERATURE UNLESS OTHERWISE SPECIFIED
SINGLE PHASE, HALF WAVE, 60 HZ, RESISTIVE OR INDUCTIVE LOAD. FOR CAPACITIVE LOAD, DERATE BY 20%
ELECTRICAL CHARACTERISTICS (TA=25
°C UNLESS OTHERWISE NOTED) VF=1.0V MAX, IF = 100mA FOR ALL TYPES
MAXIMUM ZENER IMPEDANCE
MAXIMUM REVERSE
LEAKAGE CURRENT
NOMINAL
ZENER VOLTS
VZ@IZT VOLTS
ZZT @ IZT
ZZK@IZK
JEDEC
TYPE
MIN
MAX
TEST
CURRENT
IZT
mA
TEST
CURRENT
IZK
mA
OHMS
OHMS
IR
μA
@ VR
VOLTS
GLZ2.0A-LFR
GLZ2.0B-LFR
GLZ2.2A-LFR
GLZ2.2B-LFR
GLZ2.4A-LFR
GLZ2.4B-LFR
GLZ2.7A-LFR
GLZ2.7B-LFR
GLZ3.0A-LFR
GLZ3.0B-LFR
GLZ3.3A-LFR
GLZ3.3B-LFR
GLZ3.6A-LFR
GLZ3.6B-LFR
GLZ3.9A-LFR
GLZ3.9B-LFR
GLZ4.3A-LFR
GLZ4.3B-LFR
GLZ4.3C-LFR
GLZ4.7A-LFR
GLZ4.7B-LFR
GLZ4.7C-LFR
GLZ5.1A-LFR
GLZ5.1B-LFR
GLZ5.1C-LFR
1.880
2.020
2.120
2.220
2.330
2.430
2.540
2.690
2.850
3.010
3.160
3.320
3.455
3.600
3.740
3.890
4.040
4.170
4.300
4.440
4.550
4.680
4.481
4.940
5.090
2.100
2.200
2.300
2.410
2.520
2.630
2.750
2.910
3.070
3.220
3.380
3.530
3.695
3.845
4.010
4.160
4.290
4.430
4.570
4.680
4.800
4.930
5.070
5.200
5.370
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
140
140
120
120
100
100
100
100
80
80
70
70
60
60
50
50
40
40
40
25
25
25
20
20
20
2000
2000
2000
2000
2000
2000
1000
1000
1000
1000
1000
1000
1000
1000
1000
1000
1000
1000
1000
900
900
900
800
800
800
120
120
120
120
120
120
120
120
50
50
20
20
10
10
5
5
5
5
5
5
5
5
5
5
5
0.5
0.5
0.7
0.7
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.5
1.5
1.5
NOTE:
*MINI MELF MOLDED GLASS
SOLDERABLE ENDS
1.45
±0.15
3.5
±0.2
0.35
±0.15


Similar Part No. - GLZ20B-LFR

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
GLZ20B EIC-GLZ20B Datasheet
44Kb / 3P
   ZENER DIODES
logo
Pan Jit International I...
GLZ20B PANJIT-GLZ20B Datasheet
106Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Frontier Electronics.
GLZ20B FRONTIER-GLZ20B Datasheet
124Kb / 4P
   500mW MINI MELF ZENER DIODE
More results

Similar Description - GLZ20B-LFR

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
ZMM5221B-LFR FRONTIER-ZMM5221B-LFR Datasheet
119Kb / 2P
   500mW MINI MELF ZENER DIODE
ZMM5221B FRONTIER-ZMM5221B Datasheet
119Kb / 2P
   500mW MINI MELF ZENER DIODE
ZMM55-C2V4-LFR FRONTIER-ZMM55-C2V4-LFR Datasheet
118Kb / 2P
   500mW MINI MELF ZENER DIODE
GLZJ2.0A FRONTIER-GLZJ2.0A Datasheet
128Kb / 4P
   500mW MINI MELF ZENER DIODE
ZMM55-C2V0 FRONTIER-ZMM55-C2V0 Datasheet
118Kb / 2P
   500mW MINI MELF ZENER DIODE
GLZ2.0A FRONTIER-GLZ2.0A Datasheet
124Kb / 4P
   500mW MINI MELF ZENER DIODE
logo
CHENG-YI ELECTRONIC CO....
ZMM5221B CHENG-YI-ZMM5221B Datasheet
249Kb / 3P
   500mW Mini melf ZENER Diodes
logo
WILLAS ELECTRONIC CORP
ZMM5221B WILLAS-ZMM5221B Datasheet
428Kb / 3P
   500mW Mini MELF Zener Diodes
logo
Rectron Semiconductor
GMZJ RECTRON-GMZJ Datasheet
45Kb / 3P
   Micro MELF ZENER DIODE 2.5% 500mW
ZMM5221B RECTRON-ZMM5221B Datasheet
23Kb / 2P
   500mW 5% mini-M.E.L.F ZENER DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com