Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HER307 Datasheet(PDF) 2 Page - Frontier Electronics.

Part # HER307
Description  3A ULTRA FAST RECOVERY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

HER307 Datasheet(HTML) 2 Page - Frontier Electronics.

  HER307 Datasheet HTML 1Page - Frontier Electronics. HER307 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HER301 THRU HER308
Page: 2
RATINGS AND CHARACTERISTIC CURVE HER301 THRU HER308
FIG. 5 -MAXIMUM NON-REPETITIVE
FORWARD SURGE CURRENT
300
200
100
0
1
10
100
1000
NUMBER OF CYCLES AT 60 Hz
8.3 ms Single Half Sine Wave
(JEDEC Method)
FIG.6- TYPICAL JUNCTION CAPACITANCE
.1
.2
.4
1.0
2
4
10
20
40
100
REVERSE VOLTAGE (V)
200
100
40
20
10
6
4
2
1
FIG. 3 -TYPICAL REVERSE CHARACTERISTICS
20
40
60
80
1 00
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
1000
100
10
1
0.1
TJ=25
oC
TJ=80
oC
TJ=125
oC
6
5
4
3
2
1
0
25 50 75 100 125 150 175
AMBIENT TEMPERATURE (
oC)
FIG. 2 -TYPICAL FORWARD
CURRENT DERATING CURVE
Single Phase Half
Wave 60 Hz
Resistive or
Inductive Load
+0.5A
0
-0.25A
-1.0A
Trr
1cm
SET TIME BASE
FOR 10/20 ns/cm
FIG. 4 -TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
.2
.4
.6
8
1.0
1.2
1.4
1.6
1.8
2.0
INSTANTANEOUS FORWARD VOLTAGE (V)
HER301~303
HER304~305
100
10
1
.1
.01
HER306~308
FIG. 1-TEST CIRCUIT DIAGRAM AND REVERSE
RECOVERY TIME CHARACTERISTIC
PULSE
GENERATOR
( NOTE 2 )
(+)
25 Vdc
(approx)
(-)
D.U.T.
1
Ω
NON
INDUCTIVE
OSCILLOSCOPE
( NOTE 1 )
50
Ω
NO INDUCTIVE
10
Ω
NO INDUCTIVE
(-)
(+)
NOTE: 1. RISE TIME=7ns MAX. INPUT
IMPEDANCE=1 MOhms 22PF
2. RISE TIME =10ns MAX. SOURCE
IMPEDANCE=50 OHMS
HER301~305
HER306~308
TJ=25
oC


Similar Part No. - HER307

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
HER307 MOSPEC-HER307 Datasheet
126Kb / 2P
   HIGH EFFICIENCY RECTIFIERS(3.0A,600-1000V)
logo
Yangzhou yangjie electr...
HER307 YANGJIE-HER307 Datasheet
209Kb / 2P
   High Efficient Rectifier
logo
EIC discrete Semiconduc...
HER307 EIC-HER307 Datasheet
55Kb / 2P
   HIGH EFFICIENT
logo
Micro Commercial Compon...
HER307 MCC-HER307 Datasheet
89Kb / 2P
   3.0 Amp High Efficient Rectifiers 50 to 1000 Volts
logo
SAMYANG ELECTRONICS CO....
HER307 SAMYANG-HER307 Datasheet
492Kb / 2P
   HIGH EFFICIENCY RECTIFIER
More results

Similar Description - HER307

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
HER301G FRONTIER-HER301G Datasheet
970Kb / 2P
   3A ULTRA FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
PDU340 DIODES-PDU340_16 Datasheet
486Kb / 6P
   3A ULTRA-FAST RECOVERY RECTIFIER
logo
Frontier Electronics.
HER301-LFR FRONTIER-HER301-LFR Datasheet
129Kb / 2P
   3A ULTRA FAST RECOVERY RECTIFIER
BYT56A FRONTIER-BYT56A Datasheet
128Kb / 2P
   3A ULTRA FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
PDU340 DIODES-PDU340 Datasheet
130Kb / 4P
   3A ULTRA-FAST RECOVERY RECTIFIER
DS30758 Rev. 2 - 2
logo
Frontier Electronics.
UF5400-LFR FRONTIER-UF5400-LFR Datasheet
129Kb / 2P
   3A ULTRA FAST RECOVERY RECTIFIER
UF5400G FRONTIER-UF5400G Datasheet
129Kb / 2P
   3A GLASS PASSIVATED ULTRA FAST RECOVERY RECTIFIER
FUF5400 FRONTIER-FUF5400 Datasheet
134Kb / 2P
   3A GLASS PASSIVATED ULTRA FAST RECOVERY RECTIFIER
UF5400G-LFR FRONTIER-UF5400G-LFR Datasheet
129Kb / 2P
   3A GLASS PASSIVATED ULTRA FAST RECOVERY RECTIFIER
US3A-LFR FRONTIER-US3A-LFR Datasheet
130Kb / 2P
   3A ULTRA FAST RECOVERY SURFACE MOUNT RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com