Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GDZ16B Datasheet(PDF) 4 Page - Frontier Electronics.

Part # GDZ16B
Description  500m WATT ZENER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

GDZ16B Datasheet(HTML) 4 Page - Frontier Electronics.

  GDZ16B Datasheet HTML 1Page - Frontier Electronics. GDZ16B Datasheet HTML 2Page - Frontier Electronics. GDZ16B Datasheet HTML 3Page - Frontier Electronics. GDZ16B Datasheet HTML 4Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
GDZ2.0A THRU GDZ36D
Page: 4
RATINGS AND CHARACTERISTIC CURVES GDZ2.0A THRU GDZ36D
Iz
FIG.2- POWER ,TEMPERATURE DERATING CURVE
500
400
300
200
100
50
100
150
200
300
Ta (
oC)
Ambient Temperature
FIG.1- BREAKDOWN CHARACTERISTICS
mA
50
40
30
20
10
0
5V
10V
15V
20V
25V
30V
Vz


Similar Part No. - GDZ16B

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
GDZ16B EIC-GDZ16B Datasheet
40Kb / 2P
   ZENER DIODES
logo
SynSemi, Inc.
GDZ16B SYNSEMI-GDZ16B Datasheet
77Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
GDZ16B VISHAY-GDZ16B Datasheet
83Kb / 4P
   Small Signal Zener Diodes
Rev. 2.2, 03-Nov-16
logo
SUNMATE electronic Co.,...
GDZ16B SUNMATE-GDZ16B Datasheet
406Kb / 2P
   SURFACE MOUNT ZENER DIODES
logo
Vishay Siliconix
GDZ16B-G VISHAY-GDZ16B-G Datasheet
82Kb / 4P
   Small Signal Zener Diodes
Rev. 1.6, 14-Oct-16
More results

Similar Description - GDZ16B

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
GDZJ2.0A FRONTIER-GDZJ2.0A Datasheet
123Kb / 4P
   500m WATT ZENER DIODE
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Central Semiconductor C...
CPZ18 CENTRAL-CPZ18 Datasheet
211Kb / 2P
   Zener Diode 0.5 Watt Zener Diode Chip
CPZ18 CENTRAL-CPZ18_10 Datasheet
376Kb / 2P
   Zener Diode 0.5 Watt Zener Diode Chip
CPZ19 CENTRAL-CPZ19_10 Datasheet
405Kb / 2P
   Zener Diode 0.5 Watt Zener Diode Chip
CPZ19 CENTRAL-CPZ19 Datasheet
211Kb / 2P
   Zener Diode 0.5 Watt Zener Diode Chip
logo
American Microsemicondu...
1N3343 AMMSEMI-1N3343 Datasheet
409Kb / 2P
   50 Watt Zener Diode
1N3349 AMMSEMI-1N3349 Datasheet
409Kb / 2P
   50 Watt Zener Diode
1N3347 AMMSEMI-1N3347 Datasheet
409Kb / 2P
   50 Watt Zener Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com