Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX2731T-5.0 Datasheet(PDF) 9 Page - Sipex Corporation

Part # SPX2731T-5.0
Description  3A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX2731T-5.0 Datasheet(HTML) 9 Page - Sipex Corporation

  SPX2731T-5.0 Datasheet HTML 1Page - Sipex Corporation SPX2731T-5.0 Datasheet HTML 2Page - Sipex Corporation SPX2731T-5.0 Datasheet HTML 3Page - Sipex Corporation SPX2731T-5.0 Datasheet HTML 4Page - Sipex Corporation SPX2731T-5.0 Datasheet HTML 5Page - Sipex Corporation SPX2731T-5.0 Datasheet HTML 6Page - Sipex Corporation SPX2731T-5.0 Datasheet HTML 7Page - Sipex Corporation SPX2731T-5.0 Datasheet HTML 8Page - Sipex Corporation SPX2731T-5.0 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Rev. 12/7/00
SPX2730/31/32/33
ORDERING INFORMATION
Ordering No.
Output Voltages
Packages
SPX2730U-3.3
3.3V
3 Lead TO-220
SPX2730U-5.0
5.0V
3 Lead TO-220
SPX2730T-3.3
3.3V
3 Lead TO-263
SPX2730T-5.0
5.0V
3 Lead TO-263
SPX2731U-3.3
3.3V
3 Lead TO-220
SPX2731U-5.0
5.0V
3 Lead TO-220
SPX2731T-3.3
3.3V
3 Lead TO-263
SPX2731T-5.0
5.0V
3 Lead TO-263
SPX2732U
Adj
5 Lead TO-220
SPX2732U-3.3
3.3V
3 Lead TO-220
SPX2732U-5.0
5.0V
3 Lead TO-220
SPX2732T
Adj
5 Lead TO-263
SPX2732T-3.3
3.3V
3 Lead TO-263
SPX2732T-5.0
5.0V
3 Lead TO-263
SPX2733U
Adj
5 Lead TO-220
SPX2733U-3.3
3.3V
3 Lead TO-220
SPX2733U-5.0
5.0V
3 Lead TO-220
SPX2733T
Adj
5 Lead TO-263
SPX2733T-3.3
3.3V
3 Lead TO-263
SPX2733T-5.0
5.0V
3 Lead TO-263
SIGNAL PROCESSING EXCELLENCE
Sipex Corporation
Headquarters and Main Offices:
22 Linnell Circle
Billerica, MA 01821
TEL: (978) 667-8700
FAX: (978) 670-9001
e-mail: sales@sipex.com
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 935-7600
FAX: (408) 934-7500
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the application or use of any product or circuit described
hereing; neither does it convey any license under its patent rights nor the rights of others.
Corporation


Similar Part No. - SPX2731T-5.0

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2700 SIPEX-SPX2700 Datasheet
177Kb / 11P
   700mA Low Dropout Voltage Regulators With Shutdown
SPX2700AM3-3.3 SIPEX-SPX2700AM3-3.3 Datasheet
177Kb / 11P
   700mA Low Dropout Voltage Regulators With Shutdown
SPX2700AM3-5.0 SIPEX-SPX2700AM3-5.0 Datasheet
177Kb / 11P
   700mA Low Dropout Voltage Regulators With Shutdown
SPX2700AT3-3.3 SIPEX-SPX2700AT3-3.3 Datasheet
177Kb / 11P
   700mA Low Dropout Voltage Regulators With Shutdown
SPX2700AT3-5.0 SIPEX-SPX2700AT3-5.0 Datasheet
177Kb / 11P
   700mA Low Dropout Voltage Regulators With Shutdown
More results

Similar Description - SPX2731T-5.0

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
AS2830 SIPEX-AS2830 Datasheet
149Kb / 6P
   3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1587 SIPEX-SPX1587 Datasheet
187Kb / 7P
   3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1085 SIPEX-SPX1085 Datasheet
195Kb / 7P
   3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1587 SIPEX-SPX1587 Datasheet
187Kb / 7P
   3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX29300 SIPEX-SPX29300 Datasheet
177Kb / 11P
   3A High Current, Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response Time
SPX29150 SIPEX-SPX29150 Datasheet
181Kb / 9P
   1.5A High Current Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
SPX1582 SIPEX-SPX1582 Datasheet
147Kb / 5P
   3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1582T5-L-TR SIPEX-SPX1582T5-L-TR Datasheet
210Kb / 7P
   3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1582 SIPEX-SPX1582 Datasheet
56Kb / 7P
   3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
AS1582 SIPEX-AS1582 Datasheet
113Kb / 4P
   3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com