Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GDZJ10A Datasheet(PDF) 1 Page - Frontier Electronics.

Part # GDZJ10A
Description  500m WATT ZENER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

GDZJ10A Datasheet(HTML) 1 Page - Frontier Electronics.

  GDZJ10A Datasheet HTML 1Page - Frontier Electronics. GDZJ10A Datasheet HTML 2Page - Frontier Electronics. GDZJ10A Datasheet HTML 3Page - Frontier Electronics. GDZJ10A Datasheet HTML 4Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GDZJ2.0A THRU GDZJ56
Page: 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
500m WATT ZENER DIODE
GDZJ2.0A THRU GDZJ56
FEATURES
LOW COST
SMALL SIZE
GLASS SEALED
MECHANICAL DATA
CASE: GLASS CASE, DO34, DIMENSIONS IN INCHES
AND (MILLIMETERS)
TERMINALS: AXIAL LEADS, SOLDERABLE PER MIL-STD -202, METHOD 208
POLARITY: COLOR BAND DENOTES CATHODE
MOUNTING POSITION: ANY
WEIGHT: 0.013 GRAMS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS RATINGS AT 25
°C AMBIENT TEMPERATURE UNLESS OTHERWISE SPECIFIED
STORAGE AND OPERATING TEMPERATURE RANGE -55 TO + 150
°C
ELECTRICAL CHARACTERISTICS (TA=25
℃UNLESS OTHERWISE NOTED) VF=1.0V MAX, IF = 100mA FOR ALL TYPES
MAXIMUM ZENER IMPEDANCE
MAXIMUM REVERSE
LEAKAGE CURRENT
NOMINAL
ZENER VOLTS
VZ@IZT VOLTS
ZZT @ IZT
ZZK@IZK
JEDEC
TYPE
MIN
MAX
TEST
CURRENT
IZT
mA
TEST
CURRENT
IZK
mA
OHMS
OHMS
IR
μA
@ VR
VOLTS
GDZJ2.0A
GDZJ2.0B
GDZJ2.2A
GDZJ2.2B
GDZJ2.4A
GDZJ2.4B
GDZJ2.7A
GDZJ2.7B
GDZJ3.0A
GDZJ3.0B
GDZJ3.3A
GDZJ3.3B
GDZJ3.6A
GDZJ3.6B
GDZJ3.9A
GDZJ3.9B
GDZJ4.3A
GDZJ4.3B
GDZJ4.3C
GDZJ4.7A
GDZJ4.7B
GDZJ4.7C
GDZJ5.1A
GDZJ5.1B
GDZJ5.1C
1.88
2.02
2.12
2.22
2.33
2.43
2.54
2.69
2.85
3.01
3.16
3.32
3.46
3.60
3.74
3.89
4.04
4.17
4.30
4.44
4.55
4.68
4.81
4.94
5.09
2.10
2.20
2.30
2.41
2.52
2.63
2.75
2.91
3.07
3.22
3.38
3.53
3.69
3.84
4.01
4.16
4.29
4.43
4.57
4.68
4.80
4.93
5.07
5.20
5.37
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
1
1
1
1
1
1
1
1
1
1
1
1
1
100
100
100
100
100
100
110
110
120
120
120
120
100
100
100
100
100
100
100
90
90
90
80
80
80
1000
1000
1000
1000
1000
1000
1000
1000
1000
1000
1000
1000
1000
1000
1000
1000
1000
1000
1000
900
900
900
800
800
800
120
120
100
100
120
120
100
100
50
50
20
20
10
10
5
5
5
5
5
5
5
5
5
5
5
0.5
0.5
0.7
0.7
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.5
1.5
1.5
NOTE:
*MICRO MELF MOLDED GLASS
.106(2.9)
MAX
.017(0.42)
TYP
1.02(26.0)
MIN
.079(2.0)
MAX
1.02(26.0)
MIN


Similar Part No. - GDZJ10A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GDZJ10A PANJIT-GDZJ10A Datasheet
92Kb / 4P
   AXIAL LEAD ZENER DIODES
logo
Formosa MS
GDZJ10A FORMOSA-GDZJ10A Datasheet
339Kb / 4P
   Zener diode
More results

Similar Description - GDZJ10A

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
GDZ2.0A FRONTIER-GDZ2.0A Datasheet
125Kb / 4P
   500m WATT ZENER DIODE
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Central Semiconductor C...
CPZ18 CENTRAL-CPZ18 Datasheet
211Kb / 2P
   Zener Diode 0.5 Watt Zener Diode Chip
CPZ18 CENTRAL-CPZ18_10 Datasheet
376Kb / 2P
   Zener Diode 0.5 Watt Zener Diode Chip
CPZ19 CENTRAL-CPZ19_10 Datasheet
405Kb / 2P
   Zener Diode 0.5 Watt Zener Diode Chip
CPZ19 CENTRAL-CPZ19 Datasheet
211Kb / 2P
   Zener Diode 0.5 Watt Zener Diode Chip
logo
American Microsemicondu...
1N3343 AMMSEMI-1N3343 Datasheet
409Kb / 2P
   50 Watt Zener Diode
1N3349 AMMSEMI-1N3349 Datasheet
409Kb / 2P
   50 Watt Zener Diode
1N3347 AMMSEMI-1N3347 Datasheet
409Kb / 2P
   50 Watt Zener Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com