Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GLZJ16 Datasheet(PDF) 1 Page - Frontier Electronics.

Part # GLZJ16
Description  500mW MINI MELF ZENER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

GLZJ16 Datasheet(HTML) 1 Page - Frontier Electronics.

  GLZJ16 Datasheet HTML 1Page - Frontier Electronics. GLZJ16 Datasheet HTML 2Page - Frontier Electronics. GLZJ16 Datasheet HTML 3Page - Frontier Electronics. GLZJ16 Datasheet HTML 4Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GLZJ2.0A THRU GLZJ36D
Page: 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
500mW MINI MELF ZENER DIODE
GLZJ2.0A THRU GLZJ36D
FEATURES
LOW COST
SMALL SIZE
GLASS SEALED
MECHANICAL DATA
CASE: MINI MELF GLASS CASE. DO-213AA
(GL34)
DIMENSIONS IN MILLIMETERS
TERMINALS: SOLDERABLE PER MIL-STD -202,
METHOD 208
POLARITY: COLOR BAND DENOTES CATHODE
MOUNTING POSITION: ANY
WEIGHT: 0.036 GRAMS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS RATINGS AT 25
°C AMBIENT TEMPERATURE UNLESS OTHERWISE SPECIFIED
SINGLE PHASE, HALF WAVE, 60 HZ, RESISTIVE OR INDUCTIVE LOAD. FOR CAPACITIVE LOAD, DERATE CURRENT BY 20%
ELECTRICAL CHARACTERISTICS (TA=25
℃UNLESS OTHERWISE NOTED) VF=1.0V MAX, IF = 100mA FOR ALL TYPES
Nominal Zener Voltage
Vz @ IZT (V)
Maximum Zener Impedance
Maximum Reverse Leakage
Current
ZZT @ IZT
ZZK AT
IZK=1mA
TYPE
CLASS
Min.
Max.
Test Current
IZT(mA)
OHMS
OHMS
IR
(
μA)
@ VR
VOLTS
A
1.88
2.10
GLZJ 2.0
B
2.02
2.20
5
100
1000
120
0.5
A
2.12
2.30
GZLJ 2.2
B
2.22
2.41
5
100
1000
100
0.7
A
2.33
2.52
GLZJ 2.4
B
2.43
2.63
5
100
1000
120
1.0
A
2.54
2.75
GLZJ 2.7
B
2.69
2.91
5
110
1000
100
1.0
A
2.85
3.07
GLZJ 3.0
B
3.01
3.22
5
120
1000
50
1.0
A
3.16
3.38
GLZJ 3.3
B
3.32
3.53
5
120
1000
20
1.0
A
3.46
3.69
GLZJ 3.6
B
3.60
3.84
5
100
1000
10
1.0
A
3.74
4.01
GLZJ 3.9
B
3.89
4.16
5
100
1000
5
1.0
A
4.04
4.29
B
4.17
4.43
GLZJ 4.3
C
4.30
4.57
5
100
1000
5
1.0
A
4.44
4.68
B
4.55
4.80
GLZJ 4.7
C
4.68
4.93
5
90
900
5
1.0
A
4.81
5.07
B
4.94
5.20
GLZJ 5.1
C
5.09
5.37
5
80
800
5
1.5
NOTE
:*MINI MELF MOLDED GLASS .
SOLDERABLE ENDS
1.45
±0.15
3.5
±0.2
0.35
±0.15


Similar Part No. - GLZJ16

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GLZJ16 PANJIT-GLZJ16 Datasheet
151Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
SeCoS Halbleitertechnol...
GLZJ16 SECOS-GLZJ16 Datasheet
220Kb / 3P
   SURFACE MOUNT ZENER DIODES
More results

Similar Description - GLZJ16

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
ZMM5221B-LFR FRONTIER-ZMM5221B-LFR Datasheet
119Kb / 2P
   500mW MINI MELF ZENER DIODE
ZMM5221B FRONTIER-ZMM5221B Datasheet
119Kb / 2P
   500mW MINI MELF ZENER DIODE
ZMM55-C2V4-LFR FRONTIER-ZMM55-C2V4-LFR Datasheet
118Kb / 2P
   500mW MINI MELF ZENER DIODE
ZMM55-C2V0 FRONTIER-ZMM55-C2V0 Datasheet
118Kb / 2P
   500mW MINI MELF ZENER DIODE
GLZ2.0A FRONTIER-GLZ2.0A Datasheet
124Kb / 4P
   500mW MINI MELF ZENER DIODE
GLZ2.0A-LFR FRONTIER-GLZ2.0A-LFR Datasheet
123Kb / 4P
   500mW MINI MELF ZENER DIODE
logo
CHENG-YI ELECTRONIC CO....
ZMM5221B CHENG-YI-ZMM5221B Datasheet
249Kb / 3P
   500mW Mini melf ZENER Diodes
logo
WILLAS ELECTRONIC CORP
ZMM5221B WILLAS-ZMM5221B Datasheet
428Kb / 3P
   500mW Mini MELF Zener Diodes
logo
Rectron Semiconductor
GMZJ RECTRON-GMZJ Datasheet
45Kb / 3P
   Micro MELF ZENER DIODE 2.5% 500mW
ZMM5221B RECTRON-ZMM5221B Datasheet
23Kb / 2P
   500mW 5% mini-M.E.L.F ZENER DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com