Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GLZJ8.2 Datasheet(PDF) 2 Page - Frontier Electronics.

Part # GLZJ8.2
Description  500mW MINI MELF ZENER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

GLZJ8.2 Datasheet(HTML) 2 Page - Frontier Electronics.

  GLZJ8.2 Datasheet HTML 1Page - Frontier Electronics. GLZJ8.2 Datasheet HTML 2Page - Frontier Electronics. GLZJ8.2 Datasheet HTML 3Page - Frontier Electronics. GLZJ8.2 Datasheet HTML 4Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GLZJ2.0A THRU GLZJ36D
Page: 2
Nominal Zener Voltage
Vz @ IZT (V)
Maximum Zener Impedance
Maximum Reverse Leakage
Current
ZZT @ IZT
ZZK AT
IZK=1mA
TYPE
CLASS
Min.
Max.
Test Current
IZT(mA)
OHMS
OHMS
IR
(
μA)
@ VR
VOLTS
A
5.28
5.55
B
5.45
5.73
GLZJ 5.6
C
5.61
5.91
5
60
500
5
2.5
A
5.78
6.09
B
5.96
6.27
GLZJ 6.2
C
6.12
6.44
5
60
300
5
3.0
A
6.29
6.63
B
6.49
6.83
GLZJ 6.8
C
6.66
7.01
5
20
150
2
3.5
A
6.85
7.22
B
7.07
7.45
GLZJ 7.5
C
7.29
7.67
5
20
120
0.5
4.0
A
7.53
7.92
B
7.78
8.19
GLZJ 8.2
C
8.03
8.45
5
20
120
0.5
5.0
A
8.29
8.73
B
8.57
9.01
GLZJ 9.1
C
8.83
9.30
5
25
120
0.5
6.0
A
9.12
9.59
B
9.41
9.90
C
9.70
10.20
GLZJ 10
D
9.94
10.44
5
30
120
0.2
7.0
A
10.18
10.71
B
10.50
11.05
GLZJ 11
C
10.82
11.38
5
30
120
0.2
8.0
A
11.13
11.71
B
11.44
12.03
GLZJ 12
C
11.74
12.35
5
30
110
0.2
9.0
A
12.11
12.75
B
12.55
13.21
GLZJ 13
C
12.99
13.66
5
35
110
0.2
10.0
A
13.44
14.13
B
13.89
14.62
GLZJ 15
C
14.35
15.09
5
40
110
0.2
11.0
A
14.80
15.57
B
15.25
16.04
GLZJ 16
C
15.69
16.51
5
40
150
0.2
12.0
A
16.22
17.06
B
16.82
17.70
GLZJ 18
C
17.42
18.33
5
45
150
0.2
13.0
A
18.02
18.96
B
18.63
19.59
C
19.23
20.22
GLZJ 20
D
19.72
20.72
5
55
200
0.2
15.0
A
20.15
21.20
B
20.64
21.71
C
21.08
22.17
GLZJ 22
D
21.52
22.63
5
30
200
0.2
17.0
A
22.05
23.18
B
22.61
23.77
C
23.12
24.31
GLZJ 24
D
23.63
24.85
5
35
200
0.2
19.0
A
24.26
25.52
B
24.97
26.26
C
25.63
26.95
GLZJ 27
D
26.29
27.64
5
45
250
0.2
21.0
A
26.99
28.39
B
27.70
29.13
C
28.36
29.82
GLZJ 30
D
29.02
30.51
5
55
250
0.2
23.0


Similar Part No. - GLZJ8.2

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GLZJ8.2 PANJIT-GLZJ8.2 Datasheet
151Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
SeCoS Halbleitertechnol...
GLZJ8.2 SECOS-GLZJ8.2 Datasheet
196Kb / 3P
   SURFACE MOUNT ZENER DIODES
GLZJ8.2 SECOS-GLZJ8.2 Datasheet
220Kb / 3P
   SURFACE MOUNT ZENER DIODES
More results

Similar Description - GLZJ8.2

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
ZMM5221B-LFR FRONTIER-ZMM5221B-LFR Datasheet
119Kb / 2P
   500mW MINI MELF ZENER DIODE
ZMM5221B FRONTIER-ZMM5221B Datasheet
119Kb / 2P
   500mW MINI MELF ZENER DIODE
ZMM55-C2V4-LFR FRONTIER-ZMM55-C2V4-LFR Datasheet
118Kb / 2P
   500mW MINI MELF ZENER DIODE
ZMM55-C2V0 FRONTIER-ZMM55-C2V0 Datasheet
118Kb / 2P
   500mW MINI MELF ZENER DIODE
GLZ2.0A FRONTIER-GLZ2.0A Datasheet
124Kb / 4P
   500mW MINI MELF ZENER DIODE
GLZ2.0A-LFR FRONTIER-GLZ2.0A-LFR Datasheet
123Kb / 4P
   500mW MINI MELF ZENER DIODE
logo
CHENG-YI ELECTRONIC CO....
ZMM5221B CHENG-YI-ZMM5221B Datasheet
249Kb / 3P
   500mW Mini melf ZENER Diodes
logo
WILLAS ELECTRONIC CORP
ZMM5221B WILLAS-ZMM5221B Datasheet
428Kb / 3P
   500mW Mini MELF Zener Diodes
logo
Rectron Semiconductor
GMZJ RECTRON-GMZJ Datasheet
45Kb / 3P
   Micro MELF ZENER DIODE 2.5% 500mW
ZMM5221B RECTRON-ZMM5221B Datasheet
23Kb / 2P
   500mW 5% mini-M.E.L.F ZENER DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com