Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GLZ2.7B-LFR Datasheet(PDF) 3 Page - Frontier Electronics.

Part # GLZ2.7B-LFR
Description  500mW MINI MELF ZENER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

GLZ2.7B-LFR Datasheet(HTML) 3 Page - Frontier Electronics.

  GLZ2.7B-LFR Datasheet HTML 1Page - Frontier Electronics. GLZ2.7B-LFR Datasheet HTML 2Page - Frontier Electronics. GLZ2.7B-LFR Datasheet HTML 3Page - Frontier Electronics. GLZ2.7B-LFR Datasheet HTML 4Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
GLZ2.0A-LFR THRU GLZ36D-LFR
Page: 3
ELECTRICAL CHARACTERISTICS (TA=25
℃UNLESS OTHERWISE NOTED) VF=1.0V MAX, IF = 100mA FOR ALL TYPES
MAXIMUM ZENER IMPEDANCE
MAXIMUM REVERSE
LEAKAGE CURRENT
NOMINAL
ZENER VOLTS
VZ@IZT VOLTS
ZZT @ IZT
ZZK@IZK
JEDEC
TYPE
MIN
MAX
TEST
CURRENT
IZT
mA
TEST
CURRENT
IZK
mA
OHMS
OHMS
IR
μA
@ VR
VOLTS
GLZ24A-LFR
GLZ24B-LFR
GLZ24C-LFR
GLZ24D-LFR
GLZ27A-LFR
GLZ27B-LFR
GLZ27C-LFR
GLZ27D-LFR
GLZ30A-LFR
GLZ30B-LFR
GLZ30C-LFR
GLZ30D-LFR
GLZ33A-LFR
GLZ33B-LFR
GLZ33C-LFR
GLZ33D-LFR
GLZ36A-LFR
GLZ36B-LFR
GLZ36C-LFR
GLZ36D-LFR
22.05
22.61
23.12
23.63
24.26
24.97
25.63
26.29
26.99
27.70
28.36
29.02
29.68
30.32
30.90
31.49
32.14
32.79
33.40
34.01
23.18
23.77
24.31
24.85
25.52
26.26
26.95
27.64
28.39
29.13
29.82
30.51
31.22
31.88
32.50
33.11
33.79
34.49
35.13
35.77
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
35
35
35
35
45
45
45
45
55
55
55
55
65
65
65
65
75
75
75
75
200
200
200
200
200
200
200
200
250
250
250
250
250
250
250
250
250
250
250
250
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
19.0
19.0
19.0
19.0
21.0
21.0
21.0
21.0
23.0
23.0
23.0
23.0
25.0
25.0
25.0
25.0
27.0
27.0
27.0
27.0
NOTE
:*MINI MELF MOLDED GLASS .


Similar Part No. - GLZ2.7B-LFR

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GLZ2.7B PANJIT-GLZ2.7B Datasheet
106Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Frontier Electronics.
GLZ2.7B FRONTIER-GLZ2.7B Datasheet
124Kb / 4P
   500mW MINI MELF ZENER DIODE
More results

Similar Description - GLZ2.7B-LFR

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
ZMM5221B-LFR FRONTIER-ZMM5221B-LFR Datasheet
119Kb / 2P
   500mW MINI MELF ZENER DIODE
ZMM5221B FRONTIER-ZMM5221B Datasheet
119Kb / 2P
   500mW MINI MELF ZENER DIODE
ZMM55-C2V4-LFR FRONTIER-ZMM55-C2V4-LFR Datasheet
118Kb / 2P
   500mW MINI MELF ZENER DIODE
GLZJ2.0A FRONTIER-GLZJ2.0A Datasheet
128Kb / 4P
   500mW MINI MELF ZENER DIODE
ZMM55-C2V0 FRONTIER-ZMM55-C2V0 Datasheet
118Kb / 2P
   500mW MINI MELF ZENER DIODE
GLZ2.0A FRONTIER-GLZ2.0A Datasheet
124Kb / 4P
   500mW MINI MELF ZENER DIODE
logo
CHENG-YI ELECTRONIC CO....
ZMM5221B CHENG-YI-ZMM5221B Datasheet
249Kb / 3P
   500mW Mini melf ZENER Diodes
logo
WILLAS ELECTRONIC CORP
ZMM5221B WILLAS-ZMM5221B Datasheet
428Kb / 3P
   500mW Mini MELF Zener Diodes
logo
Rectron Semiconductor
GMZJ RECTRON-GMZJ Datasheet
45Kb / 3P
   Micro MELF ZENER DIODE 2.5% 500mW
ZMM5221B RECTRON-ZMM5221B Datasheet
23Kb / 2P
   500mW 5% mini-M.E.L.F ZENER DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com