Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBU8-01 Datasheet(PDF) 2 Page - Frontier Electronics.

Part # GBU8-01
Description  8A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

GBU8-01 Datasheet(HTML) 2 Page - Frontier Electronics.

  GBU8-01 Datasheet HTML 1Page - Frontier Electronics. GBU8-01 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GBU8-005 THRU GBU8-10
Page: 2
1
2
5
10
20
50
100
RATINGS AND CHARACTERISTIC CURVES GBU8-005 THRU GBU8-10
FIG. 5 - TYPICAL INSTANTANEOUS
FORWARD
CHARACTERISTICS PER ELEMENT
100
40
20
10
4.0
1.0
0.4
0.2
0.1
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
INSTANTANEOUS FORWARD
VOLTAGE, VOLTS
TJ=25℃
PULSE WIDTH.300us
1% DUTY CYCLE
FIG. 3 - TYPICAL JUNCTION
CAPACITANCE PER ELEMENT
400
100
50
10
1
5
10
50
100
REVERSE VOLTAGE, VOLTS
f=1MHz
TA=25℃
FIG. 4 - TYPICAL JUNCTION
CAPACITANCE PER ELEMENT
10
1.0
.1
.01
0
20
40
60
80
100
120
140
PERCENT OF PEAK REVERSE VOLTAGE
TA=25℃
TC=100℃
FIG. 2 - MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
300
250
200
150
100
50
NUMBER OF CYCLES AT 60HZ
SINGLE SINE-WAVE
JEDEC METHOD
TJ=150℃
FIG. 1 - DERATING CURVE OUTPUT
RECTIFIED CURRENT
8.0
6.0
4.0
2.0
0
0
50
100
150
TEMPERATURE
HEAT SINK
MOUNTING
TC 2.0
×1.6×0.03"
(5.0
×4.0×0.08cm)
TA P.C.B. MOUNTING
0.47
×0.47"(12×12mm)
COPPER PADS
60Hz Resistive
or Inductive
Load


Similar Part No. - GBU8-01

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
GBU8-01-LFR FRONTIER-GBU8-01-LFR Datasheet
127Kb / 2P
   8A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
More results

Similar Description - GBU8-01

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
KBPC8005 SEMTECH_ELEC-KBPC8005 Datasheet
237Kb / 2P
   8A SINGLE-PHASE SILICON BRIDGE RECTIFIERS
logo
Frontier Electronics.
BU8-005-LFR FRONTIER-BU8-005-LFR Datasheet
122Kb / 2P
   8A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
BU8-005 FRONTIER-BU8-005 Datasheet
121Kb / 2P
   8A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
GBU8-005-LFR FRONTIER-GBU8-005-LFR Datasheet
127Kb / 2P
   8A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
logo
Chip Integration Techno...
GBJ8005 CITC-GBJ8005 Datasheet
94Kb / 3P
   8A Miniature Glass Passivated Single-Phase Bridge Rectifiers
GBU8005 CITC-GBU8005 Datasheet
103Kb / 3P
   8A Miniature Glass Passivated Single-Phase Bridge Rectifiers
logo
Rugao Dachang Electroni...
GBP301G DACHANG-GBP301G Datasheet
284Kb / 2P
   Single phase Silicon Bridge Rectifiers
logo
SEMTECH ELECTRONICS LTD...
KBPC10005 SEMTECH_ELEC-KBPC10005 Datasheet
332Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIERS
KBL005 SEMTECH_ELEC-KBL005 Datasheet
259Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIERS
logo
Rugao Dachang Electroni...
GBP201G DACHANG-GBP201G Datasheet
278Kb / 2P
   Single phase Silicon Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com