Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMU-G26S Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # FMU-G26S
Description  Super Fast Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

FMU-G26S Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  FMU-G26S Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd FMU-G26S Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
-1.0A
-0.25A
0
+0.5A
trr
1cm
PULSE
GENERATOR
(NOTE2)
D.U.T.
1
N.1.
50
N.1.
OSCILLOSCOPE
(NOTE 1)
(+)
50VDC
(APPROX)
(-)
10
N.1.
(- )
(+ )
2.RISETIME=10ns MAX. SOURCEIMPEDANCE=5O
NOTES:1.RISETIME=7ns MAX. INPUTIMPEDANCE=1M .22pF
FIG.5 -- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
SETTIMEBASEFOR50/80 ns /cm
0
2.0
4.0
6.0
8.0
0
25
50
75
100
125
150
175
Single Phase
Half Wave 50HZ
Resistive or
Inductive Load
10
0.91.0
1.2 1.4
1.6
1.8
0.1
0.2
0.6
0.4
1
2
4
10
20
40
100
200
TJ=25
Pulse Width=300us
0.1
10
100
040
60
1.0
20
100 120 140
80
Tj=25
1000
Tj=100
Tj=125
z
FIG.3--PEAKFORWARD SURGECURRENT
FIG.4 -- TYPICAL REVERSE CHARACTERISTICS
NUMBER OF CYCLES AT 50Hz
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
.
FIG.1 -- TYPICAL FORWARD CHARACTERISTIC
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
FIG.2-- FORWARD DERATING CURVE
CASE TEMPERATURE,
16
0
12
8.0
32
24
40
41 0
2 0
100
40
TJ=125
10ms Single Half
Sine-Wave
FMU-G26S
Super Fast Rectifiers
Ratings AND Charactieristic Curves
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - FMU-G26S

ManufacturerPart #DatasheetDescription
logo
Sanken electric
FMU-G26S SANKEN-FMU-G26S Datasheet
21Kb / 1P
   Fast-Recovery Rectifier Diodes
FMU-G26S SANKEN-FMU-G26S Datasheet
284Kb / 5P
   Silicon Diode
More results

Similar Description - FMU-G26S

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
31DF1 BILIN-31DF1 Datasheet
55Kb / 2P
   SUPER FAST RECTIFIERS
BYV26A BILIN-BYV26A Datasheet
54Kb / 2P
   SUPER FAST RECTIFIERS
RL4A BILIN-RL4A Datasheet
55Kb / 2P
   SUPER FAST RECTIFIERS
logo
HY ELECTRONIC CORP.
SF801 HY-SF801 Datasheet
94Kb / 2P
   SUPER FAST RECTIFIERS
logo
Bruckewell Technology L...
SF3060PT BWTECH-SF3060PT Datasheet
171Kb / 3P
   Super Fast Rectifiers
logo
Leshan Radio Company
SF14 LRC-SF14_15 Datasheet
201Kb / 7P
   Super Fast Rectifiers
SF21 LRC-SF21_15 Datasheet
207Kb / 7P
   Super Fast Rectifiers
SF27 LRC-SF27_15 Datasheet
208Kb / 7P
   Super Fast Rectifiers
logo
Shenzhen Luguang Electr...
USF1610C LUGUANG-USF1610C Datasheet
178Kb / 2P
   Super Fast Rectifiers
logo
SeCoS Halbleitertechnol...
SF11 SECOS-SF11_15 Datasheet
151Kb / 2P
   Super Fast Rectifiers
SF31 SECOS-SF31_15 Datasheet
151Kb / 2P
   Super Fast Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com