Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3.0SMDG60C Datasheet(PDF) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # 3.0SMDG60C
Description  Surface Mount Transient Voltage Suppessor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

3.0SMDG60C Datasheet(HTML) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  3.0SMDG60C Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd 3.0SMDG60C Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd 3.0SMDG60C Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd 3.0SMDG60C Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ELECTRICAL CHARACTERISTICS
Rating at 25
°C ambient temperature unless otherwise specified
Working Peak
Maximum
Maximum
Maximum
Breakdown Voltage @ IT
(1)
Reverse
Reverse
Clamping
Peak Pulse
Voltage
Leakage
Voltage @ IPPM
Surge Current
@ VWM
VBR (V)
IT
VRWM
IR
VC
IPPM
Min.
Max.
(mA)
(V)
(µA)
(V)
(A)
Type
64.4
81.6
1.0
58
5
103
39.2
64.4
74.1
1.0
58
5
93.6
32.0
66.7
84.5
1.0
60
5
107
28.0
66.7
76.7
1.0
60
5
96
31.0
71.1
90.1
1.0
64
5
114
26.4
71.1
81.8
1.0
64
5
103
29.2
77.8
98.6
1.0
70
5
125
24.0
77.8
89.5
1.0
70
5
113
26.6
83.3
105.7
1.0
75
5
134
22.4
83.3
95.8
1.0
75
5
121
24.8
86.7
109.8
1.0
78
5
139
21.6
86.7
99.7
1.0
78
5
126
22.8
94.4
119.2
1.0
85
5
151
19.8
94.4
108.2
1.0
85
5
137
20.8
100
126.5
1.0
90
5
160
18.8
100
115.5
1.0
90
5
146
20.6
111
141.0
1.0
100
5
179
16.6
111
128.0
1.0
100
5
162
18.6
122
154.5
1.0
110
5
196
15.4
122
140.5
1.0
110
5
177
16.8
133
169.0
1.0
120
5
214
14.0
133
153.0
1.0
120
5
193
15.6
144
182.5
1.0
130
5
231
13.0
144
165.5
1.0
130
5
209
14.4
167
211.5
1.0
150
5
268
11.2
167
192.5
1.0
150
5
243
12.4
178
226.0
1.0
160
5
287
10.4
178
205.0
1.0
160
5
259
11.6
189
239.5
1.0
170
5
304
9.8
189
217.5
1.0
170
5
275
11.0
198
253.8
1.0
180
5
322
9.3
198
230.4
1.0
180
5
292
10.3
209
267.9
1.0
190
5
340
8.8
209
243.2
1.0
190
5
308
9.7
220
282.0
1.0
200
5
358
8.4
220
256.0
1.0
200
5
324
9.3
231
296.1
1.0
210
5
376
7.8
231
268.8
1.0
210
5
340
8.8
242
310.2
1.0
220
5
394
7.6
242
281.6
1.0
220
5
356
8.4
Notes :
Pulse test : tp
50ms.
"SMDG" will be omitted on marking of the diode.
For uni-directional without "C" Electrical characteristics apply in both directions
3.0SMDG Series
Surface Mount Transient Voltage Suppessor
3.0SMDG58C
3.0SMDG58CA
3.0SMDG60C
3.0SMDG60CA
3.0SMDG64C
3.0SMDG64CA
3.0SMDG70C
3.0SMDG70CA
3.0SMDG75C
3.0SMDG75CA
3.0SMDG78C
3.0SMDG78CA
3.0SMDG85C
3.0SMDG85CA
3.0SMDG90C
3.0SMDG90CA
3.0SMDG100C
3.0SMDG100CA
3.0SMDG110C
3.0SMDG110CA
3.0SMDG120C
3.0SMDG120CA
3.0SMDG130C
3.0SMDG130CA
3.0SMDG150C
3.0SMDG150CA
3.0SMDG160C
3.0SMDG160CA
3.0SMDG170C
3.0SMDG170CA
3.0SMDG180C
3.0SMDG180CA
3.0SMDG190C
3.0SMDG190CA
3.0SMDG200C
3.0SMDG200CA
3.0SMDG210C
3.0SMDG210CA
3.0SMDG220C
3.0SMDG220CA
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - 3.0SMDG60C

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
3.0SMC ZSELEC-3.0SMC Datasheet
80Kb / 5P
   6.8 to 440Volts 3000Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
Littelfuse
3.0SMC LITTELFUSE-3.0SMC Datasheet
899Kb / 5P
   The 3.0SMC series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
logo
SUNMATE electronic Co.,...
3.0SMC10 SUNMATE-3.0SMC10 Datasheet
504Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Zibo Seno Electronic En...
3.0SMC10 ZSELEC-3.0SMC10 Datasheet
80Kb / 5P
   6.8 to 440Volts 3000Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
Shanghai Leiditech Elec...
3.0SMC10 LEIDITECH-3.0SMC10 Datasheet
396Kb / 3P
   Surface Mount TYS
More results

Similar Description - 3.0SMDG60C

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
P6SMBJ6.8A SUNMATE-P6SMBJ6.8A Datasheet
1Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
P6SMAFJ8.0A SUNMATE-P6SMAFJ8.0A Datasheet
718Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SM4T350A SUNMATE-SM4T350A Datasheet
392Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SM4T400A SUNMATE-SM4T400A Datasheet
392Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
P6SMAFJ30CA SUNMATE-P6SMAFJ30CA Datasheet
718Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
1SMC7.0A SUNMATE-1SMC7.0A Datasheet
1,004Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
1SMC8.5A SUNMATE-1SMC8.5A Datasheet
1,004Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
1SMC8.5CA SUNMATE-1SMC8.5CA Datasheet
1,004Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
1SMC9.0A SUNMATE-1SMC9.0A Datasheet
1,004Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
1SMC14CA SUNMATE-1SMC14CA Datasheet
1,004Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com