Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SOD-57 Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # SOD-57
Description  Standard Avalanche Sinterglass Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SOD-57 Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SOD-57 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SOD-57 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd SOD-57 Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Typical Characteristics (Tamb = 25
°C unless otherwise specified)
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Forward voltage
IF = 3 A
VF
1.6
V
Reverse current
VR = VRRM
IR
3
µA
VR = VRRM, Tj = 140 °C
IR
140
µA
Total reverse recovery time
IF = 1 A, - diF/dt = 0.05 A/µstrr
20
µs
Reverse recovery time
IF = 0.5 A, IR = 1 A, iR = 0,25 A
trr
2
µs
Figure 1. Typ. Thermal Resistance vs. Lead Length
Figure 2. Forward Current vs. Forward Voltage
94 9101
ll
TL= constant
0
0
20
40
60
80
120
l - Lead Length ( mm )
510
15
25
30
20
100
0.001
0.01
0.1
1
10
100
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0
VF - Forward V oltage(V)
16417
Tj =25
°C
Tj = 150
° C
Figure 3. Max. Average Forward Current vs. Ambient Temperature
Figure 4. Reverse Current vs. Junction Temperature
0
0.5
1.0
1.5
2.0
2.5
16418
RthJA= 45 K/W
l=10mm
RthJA= 100 K/W
PCB:d=25mm
VR =VRRM
half sinewave
075
50
25
125
100
150
Tamb - Ambient Temperature (
°C)
1
10
100
1000
25
50
75
100
125
150
Tj - Junction T emperature (
°C)
16419
VR =VRRM
BY448/BY458
Standard Avalanche Sinterglass Diode
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - SOD-57

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SOD-57 VISHAY-SOD-57 Datasheet
33Kb / 2P
   SOD-57
Rev. 1.1, 04-Dec-03
More results

Similar Description - SOD-57

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYT51A VISHAY-BYT51A_10 Datasheet
113Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.8, 25-Aug-10
BYW82 VISHAY-BYW82_10 Datasheet
108Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.7, 25-Aug-10
logo
Shenzhen Luguang Electr...
BY228 LUGUANG-BY228 Datasheet
211Kb / 3P
   Standard Avalanche Sinterglass Diode
logo
Vishay Siliconix
1348380 VISHAY-1348380 Datasheet
120Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.7, 25-Aug-10
BY527 VISHAY-BY527_V01 Datasheet
139Kb / 4P
   Standard Avalanche Sinterglass Diode
01-Jan-2022
BYT62 VISHAY-BYT62_V01 Datasheet
155Kb / 5P
   Standard Avalanche Sinterglass Diode
01-Jan-2022
1N5059 VISHAY-1N5059_15 Datasheet
130Kb / 5P
   Standard Avalanche Sinterglass Diode
Rev. 1.7, 12-Sep-12
BY527 VISHAY-BY527_10 Datasheet
120Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.7, 25-Aug-10
S330D VISHAY-S330D_10 Datasheet
114Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.6, 25-Aug-10
BY228TAP VISHAY-BY228TAP Datasheet
111Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.8, 12-Sep-12
BY228 VISHAY-BY228_10 Datasheet
102Kb / 4P
   Standard Avalanche Sinterglass Diode
Rev. 1.7, 09-Aug-10
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com