Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1SMA5954 Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # 1SMA5954
Description  1.Watts Surface Mount Silicon Zener Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

1SMA5954 Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  1SMA5954 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd 1SMA5954 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd 1SMA5954 Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd 1SMA5954 Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Dimensions in inches and (millimeters)
- 590 -
SMA/DO-214AC
Features
For surface mounted applications in order to
optimize board space
Low profile package
Built-in strain relief
Glass passivated junction
Low inductance
Typical IR less than 0.5
µA above 11V
High temperature soldering guaranteed:
260
oC / 10 seconds at terminals
Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
Mechanical Data
Case: Molded plastic over passivated junction
Polarity: Color Band denotes positive end
(cathode)
Standard packaging: 12mm tape
Weight: 0.064 gram
Maximum Ratings and Electrical Characteristics
Rating at 25
oC ambient temperature unless otherwise specified.
Type Number
Symbol
Value
Units
DC Power Dissipation at TL=75
oC, measure at
Zero Lead Length ( Note 1 ) Derate above 75
oC
PD
1.5
20
Watts
mW/
oC
Peak Forward Surge Current, 8.3 ms Single Half
Sine-wave Superimposed on Rated Load
(JEDEC method) (Note 1, 2)
IFSM
10.0
Amps
Operating and Storage Temperature Range
TJ, TSTG
-55 to + 150
oC
Notes:
1. Mounted on 5.0mm
2 (0.013mm thick) land areas.
2. Measured on 8.3ms Single Half Sine-wave or Equivalent Square Wave,
Duty Cycle=4 Pulses Per Minute Maximum
.
1SMA5926-1SMA5956
1.Watts Surface Mount Silicon Zener Diode
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - 1SMA5954

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1SMA5954 TSC-1SMA5954 Datasheet
134Kb / 4P
   1.5 Watts Surface Mount Silicon Zener Diodes
1SMA5954 TSC-1SMA5954 Datasheet
209Kb / 6P
   Surface Mount Silicon Zener Diodes
logo
EIC discrete Semiconduc...
1SMA5954A EIC-1SMA5954A Datasheet
84Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
1SMA5954A EIC-1SMA5954A Datasheet
97Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Shenzhen Luguang Electr...
1SMA5954A LUGUANG-1SMA5954A Datasheet
358Kb / 2P
   Silicon Zener Diodes
More results

Similar Description - 1SMA5954

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1SMA4737 TSC-1SMA4737 Datasheet
511Kb / 4P
   1.25 Watts Surface Mount Silicon Zener Diode
1SMB5926 TSC-1SMB5926 Datasheet
331Kb / 4P
   3.0 Watts Surface Mount Silicon Zener Diode
1SMB5926 TSC-1SMB5926_10 Datasheet
654Kb / 4P
   3.0 Watts Surface Mount Silicon Zener Diode
1SMA4741 TSC-1SMA4741_1 Datasheet
339Kb / 4P
   1.0 Watts Surface Mount Silicon Zener Diode
1SMA5926 TSC-1SMA5926_1 Datasheet
336Kb / 4P
   1.5 Watts Surface Mount Silicon Zener Diode
logo
SUNMATE electronic Co.,...
ZM4728A SUNMATE-ZM4728A Datasheet
133Kb / 2P
   1 Watts Surface Mount Zener Diodes
DL4728A SUNMATE-DL4728A Datasheet
105Kb / 2P
   1 Watts Surface Mount Zener Diodes
SMAZ5V1 SUNMATE-SMAZ5V1 Datasheet
125Kb / 2P
   1 Watts Surface Mount Zener Diodes
logo
SeCoS Halbleitertechnol...
SMB3EZXXD5 SECOS-SMB3EZXXD5 Datasheet
265Kb / 4P
   3.0 Watts Surface Mount Zener Diode
3EZXXXD5 SECOS-3EZXXXD5 Datasheet
738Kb / 4P
   3 Watts Surface Mount Zener Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com