Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B1RLH-JA Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # B1RLH-JA
Description  General Specifications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

B1RLH-JA Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  B1RLH-JA Datasheet HTML 1Page - Ohmite Mfg. Co. B1RLH-JA Datasheet HTML 2Page - Ohmite Mfg. Co. B1RLH-JA Datasheet HTML 3Page - Ohmite Mfg. Co. B1RLH-JA Datasheet HTML 4Page - Ohmite Mfg. Co. B1RLH-JA Datasheet HTML 5Page - Ohmite Mfg. Co. B1RLH-JA Datasheet HTML 6Page - Ohmite Mfg. Co. B1RLH-JA Datasheet HTML 7Page - Ohmite Mfg. Co. B1RLH-JA Datasheet HTML 8Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Series B
Process Sealed Subminiature Antistatic Toggles
www.nkk.com
A12
A General Specifications
Electrical Capacity (Resistive Load)
Logic Level:
0.4VA maximum @ 28V AC/DC maximum
(Applicable Range 0.1mA ~ 0.1A @ 20mV ~ 28V)
Note: Find additional explanation of operating range in Supplement section.
Other Ratings
Contact Resistance:
50 milliohms maximum
Insulation Resistance:
500 megohms minimum @ 500V DC
Dielectric Strength:
500V AC minimum for 1 minute minimum
Mechanical Life:
100,000 operations minimum for On-None-On & On-Off-On
50,000 operations minimum for other circuits
50,000 operations minimum for locking lever models
Electrical Life:
50,000 operations minimum
Nominal Operating Force:
Toggles A, A1, E & K with Long Paddle: 1.47N (momentary); 1.18N (maintained)
Toggles J & H & K with Short Paddle: 2.72N (momentary); 1.84N (maintained)
Toggle L: 0.59N
Contact Timing:
Nonshorting (break-before-make)
Angle of Throw:
26°
Materials & Finishes
Toggle:
Nickel plated brass
Bushing:
Carbon blended polyamide; nickel plated zinc alloy for locking levers & threaded bushing
Gasket:
Nitrile butadiene rubber
Case Housing:
Glass fiber reinforced polyamide
Support Bracket:
Tin plated phosphor bronze
Movable Contact:
Phosphor bronze with gold plating
Stationary Contacts:
Copper alloy with gold plating
Terminals:
Copper alloy with gold plating
Environmental Data
Operating Temperature Range:
–30°C through +85°C (–22°F through +185°F)
Humidity:
90 ~ 95% humidity for 96 hours @ 40°C (104°F)
Vibration:
10 ~ 55Hz with peak-to-peak amplitude of 1.5mm traversing the frequency range & returning
in 1 minute; 3 right angled directions for 2 hours
Shock:
50G (490m/s2) acceleration (tested in 6 right angled directions, with 5 shocks in each direction)
Installation
Mounting Torque:
.30 ~ .45Nm (2.65 ~ 3.98 lbin) for A1 actuator with threaded bushing only
PCB Processing
Soldering:
Wave Soldering Recommended: See Profile A in Supplement section.
Manual Soldering: See Profile A in Supplement section.
Cleaning:
Automated cleaning. See Cleaning specifications in Supplement section.
Standards & Certifications
Flammability Standards:
UL94V-0 available
The B Series toggles have not been tested for UL recognition or CSA certification.
These switches are designed for use in a low-voltage, low-current, logic-level circuit.
When used as intended in a logic-level circuit, the results do not produce hazardous energy.


Similar Part No. - B1RLH-JA

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
B1RLH-JA NKK-B1RLH-JA Datasheet
250Kb / 8P
   General Specifications
More results

Similar Description - B1RLH-JA

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
logo
List of Unclassifed Man...
CWSB21CACF ETC2-CWSB21CACF Datasheet
136Kb / 4P
   General Specifications
logo
Nihon Kaiheiki Industry...
M2022SS2W13 NKK-M2022SS2W13 Datasheet
215Kb / 7P
   General Specifications
logo
AVX Corporation
12101C105KAT2A AVX-12101C105KAT2A Datasheet
95Kb / 4P
   General Specifications
0805YA120KAT2A AVX-0805YA120KAT2A Datasheet
134Kb / 4P
   General Specifications
06035C332JAT2A AVX-06035C332JAT2A Datasheet
131Kb / 4P
   General Specifications
0402YA150JAT2A AVX-0402YA150JAT2A Datasheet
124Kb / 4P
   General Specifications
18122C104KAT2A AVX-18122C104KAT2A Datasheet
131Kb / 4P
   General Specifications
06035C103KAT2A AVX-06035C103KAT2A Datasheet
131Kb / 4P
   General Specifications
06036D106MAT2A AVX-06036D106MAT2A Datasheet
85Kb / 3P
   General Specifications
12063C225KAT2A AVX-12063C225KAT2A Datasheet
131Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com