Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1SMA5947 Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # 1SMA5947
Description  1.Watts Surface Mount Silicon Zener Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

1SMA5947 Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  1SMA5947 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd 1SMA5947 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd 1SMA5947 Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd 1SMA5947 Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
- 591 -
ELECTRICAL CHARACTERISTICS
(TA=25
oC unless otherwise noted) VF=1.5V max, IF=200mA for all types.
Maximum
Device
Test
DC Zener
Device
Marking
Vz @ Izt
Current
Current
(Note 1)
Code
Min
Nom
Max
IZT
ZZT @ IZT
IZM
V
V(Notes 2)
V
mA
Ohms
Ohms
mA
uA
Volts
mA (dc)
1SMA5926
926A
10.45
11
11.55
34.1
5.5
550
0.25
0.5
8.4
136
1SMA5927
927A
11.40
12
12.60
31.2
6.5
550
0.25
0.5
9.1
125
1SMA5928
928A
12.35
13
13.65
28.8
7.0
550
0.25
0.5
9.9
115
1SMA5929
929A
14.25
15
15.75
25.0
9.0
600
0.25
0.5
11.4
100
1SMA5930
930A
15.20
16
16.80
23.4
10.0
600
0.25
0.5
12.2
94
1SMA5931
931A
17.10
18
18.90
20.8
12
650
0.25
0.5
13.7
83
1SMA5932
932A
19.00
20
21.00
18.7
14
650
0.25
0.5
15.2
75
1SMA5933
933A
20.90
22
23.10
17.0
17.5
650
0.25
0.5
16.7
68
1SMA5934
934A
22.80
24
25.20
15.6
19
700
0.25
0.5
18.2
63
1SMA5935
935A
25.65
27
28.35
13.9
23
700
0.25
0.5
20.6
56
1SMA5936
936A
28.50
30
31.50
12.5
26
750
0.25
0.5
22.8
50
1SMA5937
937A
31.35
33
34.65
11.4
33
800
0.25
0.5
25.1
45
1SMA5938
938A
34.20
36
37.80
10.4
38
850
0.25
0.5
27.4
42
1SMA5939
939A
37.05
39
40.95
9.6
45
900
0.25
0.5
29.7
38
1SMA5940
940A
40.85
43
45.15
8.7
53
950
0.25
0.5
32.7
35
1SMA5941
941A
44.65
47
49.35
8.0
67
1000
0.25
0.5
35.8
32
1SMA5942
942A
48.45
51
53.55
7.3
70
1100
0.25
0.5
38.8
29
1SMA5943
943A
53.20
56
58.80
6.7
86
1300
0.25
0.5
42.6
27
1SMA5944
944A
58.90
62
65.10
6.0
100
1500
0.25
0.5
47.1
24
1SMA5945
945A
64.60
68
71.40
5.5
120
1700
0.25
0.5
51.7
22
1SMA5946
946A
71.25
75
78.75
5.0
140
2000
0.25
0.5
56.0
20
1SMA5947
947A
77.90
82
86.10
4.6
160
2500
0.25
0.5
62.2
18
1SMA5948
948A
86.45
91
95.55
4.1
200
300
0.25
0.5
69.2
16
1SMA5949
949A
95.00
100
105.00
3.7
250
3100
0.25
0.5
76.0
15
1SMA5950
950A
104.5
110
115.50
3.4
300
4000
0.25
0.5
83.6
13
1SMA5951
951A
114.0
120
126.00
3.1
360
4500
0.25
0.5
91.2
12
1SMA5952
952A
123.5
130
136.50
2.9
450
5000
0.25
0.5
98.8
11
1SMA5953
953A
142.5
150
157.50
2.5
600
6000
0.25
0.5
114.0
10
1SMA5954
954A
152.0
160
168.00
2.3
700
6500
0.25
0.5
121.6
9
1SMA5955
955A
171.0
180
189.00
2.1
900
7000
0.25
0.5
136.8
8
1SMA5956
956A
190.0
200
210.00
1.9
1200
8000
0.25
0.5
152.0
7
Notes: 1. Tolerance and Voltage Regulation Designation - the type number listed indicates a
tolerance of ±5%.
2. VZ limits are to be guaranteed at thermal equilibrium.
Nominal Zener Voltage
Zener Impedance
Leakage Current
ZZK @ IZK
IR @ VR
1SMA5926-1SMA5956
1.Watts Surface Mount Silicon Zener Diode
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - 1SMA5947

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1SMA5947 PANJIT-1SMA5947 Datasheet
87Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Taiwan Semiconductor Co...
1SMA5947 TSC-1SMA5947 Datasheet
134Kb / 4P
   1.5 Watts Surface Mount Silicon Zener Diodes
logo
Guangdong Kexin Industr...
1SMA5947 KEXIN-1SMA5947 Datasheet
1Mb / 4P
   Zener Diodes
logo
Taiwan Semiconductor Co...
1SMA5947 TSC-1SMA5947 Datasheet
209Kb / 6P
   Surface Mount Silicon Zener Diodes
logo
EIC discrete Semiconduc...
1SMA5947A EIC-1SMA5947A Datasheet
84Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
More results

Similar Description - 1SMA5947

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1SMA4737 TSC-1SMA4737 Datasheet
511Kb / 4P
   1.25 Watts Surface Mount Silicon Zener Diode
1SMB5926 TSC-1SMB5926 Datasheet
331Kb / 4P
   3.0 Watts Surface Mount Silicon Zener Diode
1SMB5926 TSC-1SMB5926_10 Datasheet
654Kb / 4P
   3.0 Watts Surface Mount Silicon Zener Diode
1SMA4741 TSC-1SMA4741_1 Datasheet
339Kb / 4P
   1.0 Watts Surface Mount Silicon Zener Diode
1SMA5926 TSC-1SMA5926_1 Datasheet
336Kb / 4P
   1.5 Watts Surface Mount Silicon Zener Diode
logo
SUNMATE electronic Co.,...
ZM4728A SUNMATE-ZM4728A Datasheet
133Kb / 2P
   1 Watts Surface Mount Zener Diodes
DL4728A SUNMATE-DL4728A Datasheet
105Kb / 2P
   1 Watts Surface Mount Zener Diodes
SMAZ5V1 SUNMATE-SMAZ5V1 Datasheet
125Kb / 2P
   1 Watts Surface Mount Zener Diodes
logo
SeCoS Halbleitertechnol...
SMB3EZXXD5 SECOS-SMB3EZXXD5 Datasheet
265Kb / 4P
   3.0 Watts Surface Mount Zener Diode
3EZXXXD5 SECOS-3EZXXXD5 Datasheet
738Kb / 4P
   3 Watts Surface Mount Zener Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com