Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1SMA5939 Datasheet(PDF) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # 1SMA5939
Description  1.Watts Surface Mount Silicon Zener Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

1SMA5939 Datasheet(HTML) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  1SMA5939 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd 1SMA5939 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd 1SMA5939 Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd 1SMA5939 Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
RATINGS AND CHARACTERISTIC CURVES (1SMA5926 THRU 1SMA5956)
FIG.1- STEADY STATE POWER DERATING
FIG.2- VZ = 12 THRU 68 VOLTS
FIG.3- ZENER VOLTAGE - 14 TO 68 VOLTS
T, TEMPERATURE( C)
o
FIG.4- EFFECT OF ZENER VOLTAGE
V
ZENER VOLTAGE (VOLTS)
Z
,
V
ZENER VOLTAGE (VOLTS)
Z
,
0
0
25
50
75
100
125
150
0.8
1.6
2.4
3.2
4
TA
TL
0
0.1
10
20
30
40
50
60
70
80
1
10
100
V
ZENER VOLTAGE (VOLTS)
Z
,
V@ I
ZZ1
10
10
100
100
I
=1mA
Z(dc)
10 mA
20 mA
I= 0.1 I
Z(ms)
Z(dc)
10
100
10
100
1SMA5926-1SMA5956
1.Watts Surface Mount Silicon Zener Diode
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - 1SMA5939

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1SMA5939 ETC-1SMA5939 Datasheet
87Kb / 4P
   Surface Mount Silicon Zener Diode
logo
Continental Device Indi...
1SMA5939 CDIL-1SMA5939 Datasheet
231Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
logo
Taiwan Semiconductor Co...
1SMA5939 TSC-1SMA5939 Datasheet
62Kb / 4P
   Surface Mount Silicon Zener Diode
logo
Pan Jit International I...
1SMA5939 PANJIT-1SMA5939 Datasheet
87Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODE
1SMA5939 PANJIT-1SMA5939 Datasheet
127Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODE
More results

Similar Description - 1SMA5939

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1SMA4737 TSC-1SMA4737 Datasheet
511Kb / 4P
   1.25 Watts Surface Mount Silicon Zener Diode
1SMB5926 TSC-1SMB5926 Datasheet
331Kb / 4P
   3.0 Watts Surface Mount Silicon Zener Diode
1SMB5926 TSC-1SMB5926_10 Datasheet
654Kb / 4P
   3.0 Watts Surface Mount Silicon Zener Diode
1SMA4741 TSC-1SMA4741_1 Datasheet
339Kb / 4P
   1.0 Watts Surface Mount Silicon Zener Diode
1SMA5926 TSC-1SMA5926_1 Datasheet
336Kb / 4P
   1.5 Watts Surface Mount Silicon Zener Diode
logo
SUNMATE electronic Co.,...
ZM4728A SUNMATE-ZM4728A Datasheet
133Kb / 2P
   1 Watts Surface Mount Zener Diodes
DL4728A SUNMATE-DL4728A Datasheet
105Kb / 2P
   1 Watts Surface Mount Zener Diodes
SMAZ5V1 SUNMATE-SMAZ5V1 Datasheet
125Kb / 2P
   1 Watts Surface Mount Zener Diodes
logo
SeCoS Halbleitertechnol...
SMB3EZXXD5 SECOS-SMB3EZXXD5 Datasheet
265Kb / 4P
   3.0 Watts Surface Mount Zener Diode
3EZXXXD5 SECOS-3EZXXXD5 Datasheet
738Kb / 4P
   3 Watts Surface Mount Zener Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com