Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR15-08G Datasheet(PDF) 2 Page - Frontier Electronics.

Part # FR15-08G
Description  1.5A FAST RECOVERY GLASS PASSIVATED RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

FR15-08G Datasheet(HTML) 2 Page - Frontier Electronics.

  FR15-08G Datasheet HTML 1Page - Frontier Electronics. FR15-08G Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FR15-005G-LFR THRU FR15-10G-LFR
Page: 2
RATINGS AND CHARACTERISTIC CURVE FR15-005G-LFR THRU FR15-10G-LFR
100
10
1
FIG. 5-TYPICAL JUNCTION CAPACITANCE
Tj=25
oC
f = 1 MHz
Vsig = 50 mVp-p
1
10
100
REVERSE VOLTAGE, VOLTS
FIG. 3-TYPICAL REVERSE
CHARACTERISTICS
TJ=25
oC
100
10
1. 0
0.1
.01
PERCENT OF RATED PEAK REVERSE
0
20
40
60
80
100
120
140
TJ=100
oC
TA-AMBIENT TEMPERATURE (
OC)
Fig. 2-MAXIMUM CURRENT DERATING CURVE
0
20
40 60 80 100 120 140 160 180 200
1.5
1.0
0.5
0
SINGLE PHASE
HALF
WAVE 60Hz
RESISTIVE OR
INDUCTIVE LOAD
+0.5A
0
-0.25A
-1.0A
Trr
1cm
SET TIME BASE
FOR 10/20 ns/cm
1.0 CYCLE
Fig. 4-MAXIMUM FORWARD SURGE
NUMBER OF CYCLES
50
30
10
0
1
10
100
NUMBER OF CYCLES AT 60 HZ
TA=150
oC
Pulse Width= 8.3ms
FIG. 6-TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
Tj=25
oC
PULSE WIDTH =300us
1% DUTY CYCLE
20
10
3.0
1.0
0.3
0.1
.03
.01
INSTANTANEOUS FORWARD
VOLTAGE, (V)
FIG. 1-TEST CIRCUIT DIAGRAM AND REVERSE
RECOVERY TIME CHARACTERISTIC
PULSE
GENERATOR
( NOTE 2 )
(+)
25 Vdc
(approx)
(-)
D.U.T.
1
Ω
NON
INDUCTIVE
OSCILLOSCOPE
( NOTE 1 )
50
Ω
NO INDUCTIVE
10
Ω
NO INDUCTIVE
(-)
(+)
NOTE: 1. RISE TIME=7ns MAX. INPUT
IMPEDANCE=1 MOhms 22PF
2. RISE TIME =10ns MAX. SOURCE
IMPEDANCE=50 OHMS


Similar Part No. - FR15-08G

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
FR15-08G FRONTIER-FR15-08G Datasheet
126Kb / 2P
   1.5A FAST RECOVERY GLASS PASSIVATED RECTIFIER
More results

Similar Description - FR15-08G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PR1501G DIODES-PR1501G Datasheet
62Kb / 2P
   1.5A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS27004 Rev. B-2
logo
TAITRON Components Inco...
TF151G TAITRON-TF151G Datasheet
130Kb / 4P
   1.5A Glass Passivated Fast Recovery Rectifier
logo
Frontier Electronics.
FR15-005G FRONTIER-FR15-005G Datasheet
126Kb / 2P
   1.5A FAST RECOVERY GLASS PASSIVATED RECTIFIER
FR151G FRONTIER-FR151G Datasheet
983Kb / 2P
   1.5A FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Diodes Incorporated
PR1501G DIODES-PR1501G_1 Datasheet
87Kb / 3P
   1.5A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS27004 Rev. 5 - 2
logo
TAITRON Components Inco...
RGP15A TAITRON-RGP15A Datasheet
133Kb / 4P
   1.5A Sintered Glass Passivated Fast Recovery Rectifier
logo
Frontier Electronics.
UF15-005G FRONTIER-UF15-005G Datasheet
128Kb / 2P
   1.5A GLASS PASSIVATED ULTRA FAST RECOVERY RECTIFIER
UF15-005G-LFR FRONTIER-UF15-005G-LFR Datasheet
128Kb / 2P
   1.5A GLASS PASSIVATED ULTRA FAST RECOVERY RECTIFIER
logo
TAITRON Components Inco...
UGP15A TAITRON-UGP15A Datasheet
190Kb / 4P
   1.5A Sintered Glass Passivated Ultra Fast Recovery Rectifier
logo
Taiwan Semiconductor Co...
FR151G-T TSC-FR151G-T Datasheet
410Kb / 6P
   1.5A, 50V - 1000V Glass Passivated Fast Recovery Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com