Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPX1580 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SPX1580
Description  7A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX1580 Datasheet(HTML) 3 Page - Sipex Corporation

  SPX1580 Datasheet HTML 1Page - Sipex Corporation SPX1580 Datasheet HTML 2Page - Sipex Corporation SPX1580 Datasheet HTML 3Page - Sipex Corporation SPX1580 Datasheet HTML 4Page - Sipex Corporation SPX1580 Datasheet HTML 5Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Date: 5/14/04
SPX1580 7A Ultra Dropout Voltage Regulator
©Copyright 2004 Sipex Corporation
The SPX1580 is designed as a high performance
and low cost solution for application requiring a
lower dropout than traditional NPN regulators.
The SPX1580 uses a separate input voltage VCTRL
( VCTRL ≥ VOUT + 1.3V) to minimize the dropout
voltage. This allows the 2.5V power for the load
to come from a 3.3V system supply.
As added benefit this will reduce the heat dissi-
pation*, and lower heatsink and cooling fan cost.
A typical application would use 3.3V for VIN
and 5.0V for VCTRL from a motherboard power
supply to provide a nominal 2.5V output. Using
the sense pin allows Kelvin measure the output,
reducing resistance-associated errors.
The SPX1580 can power the 2.5V core voltage
for microprocessors such as a PentiumPCTM,
P55CTM, AMD5k86TM and K6TM and the IBM
PowerPCTM 603EV and 604EV processors.
CURRENT
LIMIT
AMPLIFIER
THERMAL OVERLOAD
VREF
VOLTAGE
REGULATION
AMPLIFIER
S.O.A
LIMIT
SENSE
(4) VCTRL
VIN (5)
VOUT (3)
SENSE (1)
ADJ (2)
PIN DESCRIPTION
BLOCK DIAGRAM
r
e
b
m
u
N
n
i
Pe
m
a
N
n
i
PN
O
I
T
P
I
R
C
S
E
D
1E
S
N
E
S
f
o
e
s
n
e
s
n
i
v
l
e
K
s
w
o
ll
AV
T
U
O
e
c
n
e
r
e
f
e
r
e
h
t
f
o
e
d
i
s
e
v
i
t
i
s
o
P
(
.
d
a
o
l
t
a
)
e
c
i
v
e
d
e
h
t
f
o
e
g
a
t
l
o
v
2J
D
A
a
g
n
i
d
d
A
.
e
c
i
v
e
d
e
h
t
r
o
f
e
g
a
t
l
o
v
e
c
n
e
r
e
f
e
r
e
h
t
f
o
e
d
i
s
e
v
i
t
a
g
e
N
e
h
t
e
v
o
r
p
m
i
ll
i
w
d
n
u
o
r
g
o
t
n
i
p
J
D
A
m
o
r
f
r
o
t
i
c
a
p
a
c
s
s
a
p
y
b
ll
a
m
s
.
e
s
n
o
p
s
e
r
t
n
e
i
s
n
a
r
t
3V
T
U
O
.
e
c
i
v
e
d
e
h
t
f
o
t
u
p
t
u
o
r
e
w
o
P
4V
L
R
T
C
w
o
l
f
t
n
e
r
r
u
c
e
h
T
.
e
c
i
v
e
d
e
h
t
f
o
y
r
t
i
u
c
r
i
c
l
o
r
t
n
o
c
e
h
t
r
o
f
n
i
p
y
l
p
p
u
S
.
t
n
e
r
r
u
c
t
u
p
t
u
o
e
h
t
f
o
%
1
t
u
o
b
a
e
b
ll
i
w
n
i
p
s
i
h
t
o
t
n
iV
L
R
T
C
e
b
t
s
u
m
e
h
t
r
o
f
e
g
a
t
l
o
v
t
u
p
u
o
e
h
t
n
a
h
t
r
e
t
a
e
r
g
V
3
.
1
d
n
a
V
1
.
0
n
e
e
w
t
e
b
.
e
t
a
l
u
g
e
r
o
t
e
c
i
v
e
d
5V
N
I
.
n
i
p
s
i
h
t
h
g
u
o
r
h
t
d
e
il
p
p
u
s
s
i
t
n
e
r
r
u
c
d
a
o
l
t
u
p
t
u
OV
N
I
e
b
t
s
u
m
s
i
h
t
r
o
f
e
g
a
t
l
o
v
t
u
p
t
u
o
e
h
t
n
a
h
t
r
e
t
a
e
r
g
V
8
.
0
d
n
a
V
1
.
0
n
e
e
w
t
e
b
.
e
t
a
l
u
g
e
r
o
t
e
c
i
v
e
d
APPLICATION INFORMATION


Similar Part No. - SPX1580

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1580 SIPEX-SPX1580 Datasheet
168Kb / 8P
   7A Ultra Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1580T5 SIPEX-SPX1580T5 Datasheet
168Kb / 8P
   7A Ultra Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1580T5-2.5 SIPEX-SPX1580T5-2.5 Datasheet
168Kb / 8P
   7A Ultra Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1580T5-2.5/TR SIPEX-SPX1580T5-2.5/TR Datasheet
168Kb / 8P
   7A Ultra Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1580T5-3.3 SIPEX-SPX1580T5-3.3 Datasheet
168Kb / 8P
   7A Ultra Dropout Voltage Regulator Fast Response, Adjustable & Fixed
More results

Similar Description - SPX1580

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX1580 SIPEX-SPX1580 Datasheet
168Kb / 8P
   7A Ultra Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1582 SIPEX-SPX1582 Datasheet
147Kb / 5P
   3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1583 SIPEX-SPX1583 Datasheet
147Kb / 5P
   1.5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1582T5-L-TR SIPEX-SPX1582T5-L-TR Datasheet
210Kb / 7P
   3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
logo
Alpha & Omega Semicondu...
AS1581 AOSMD-AS1581 Datasheet
287Kb / 4P
   5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable Fixed
logo
Sipex Corporation
SPX1581 SIPEX-SPX1581 Datasheet
81Kb / 7P
   5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1582 SIPEX-SPX1582 Datasheet
56Kb / 7P
   3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1583 SIPEX-SPX1583 Datasheet
171Kb / 5P
   1.5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
AS1582 SIPEX-AS1582 Datasheet
113Kb / 4P
   3A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
SPX1581 SIPEX-SPX1581 Datasheet
147Kb / 5P
   5A Ultra Low Dropout Voltage Regulator Fast Response, Adjustable & Fixed
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com