Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR15-04G Datasheet(PDF) 1 Page - Frontier Electronics.

Part # FR15-04G
Description  1.5A FAST RECOVERY GLASS PASSIVATED RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

FR15-04G Datasheet(HTML) 1 Page - Frontier Electronics.

  FR15-04G Datasheet HTML 1Page - Frontier Electronics. FR15-04G Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FR15-005G THRU FR15-10G
Page: 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
1.5A FAST RECOVERY GLASS PASSIVATED RECTIFIER
FR15-005G THRU FR15-10G
FEATURES
FAST RECOVERY TIMES
UL 94V-0 FLAME RETARDANT EPOXY MOLDING COMPOUND
GLASS PASSIVATED CHIP JUNCTION
LOW COST
HIGH SURGE CURRENT CAPABILITY
MECHANICAL DATA
CASE: TRANSFER MOLDED, DO15, DIMENSIONS
IN INCHES AND (MILLIMETERS)
LEADS: SOLDERABLE PER MIL-STD-202,METHOD 208
POLARITY: CATHODE INDICATED BY COLOR BAND
WEIGHT: 0.4 GRAMS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS RATINGS AT 25
°C AMBIENT TEMPERATURE UNLESS OTHERWISE SPECIFIED
SINGLE PHASE, HALF WAVE, 60 HZ, RESISTIVE OR INDUCTIVE LOAD. FOR CAPACITIVE LOAD, DERATE CURRENT BY 20%
RATINGS
SYMBOL
FR15
-005G
FR15
-01G
FR15
-02G
FR15
-04G
FR15
-06G
FR15
-08G
FR15
-10G
UNITS
MAXIMUM RECURRENT PEAK REVERSE VOLTAGE
VRRM
50
100
200
400
600
800
1000
V
MAXIMUM RMS VOLTAGE
VRMS
35
70
140
280
420
560
700
V
MAXIMUM DC BLOCKING VOLTAGE
VDC
50
100
200
400
600
800
1000
V
MAXIMUM AVERAGE FORWARD RECTIFIED CURRENT
0.375”(9.5mm) LEAD LENGTH AT TA=55
°C
IO
1.5
A
PEAK FORWARD SURGE CURRENT, 8.3ms SINGLE HALF
SINE-WAVE SUPERIMPOSED ON RATED LOAD
IFSM
50
A
TYPICAL JUNCTION CAPACITANCE (NOTE 1)
CJ
25
PF
TYPICAL THERMAL RESISTANCE (NOTE 2)
Rθjc
40
℃/W
STORAGE TEMPERATURE RANGE
TSTG
-55 TO + 150
OPERATING TEMPERATURE RANGE
TOP
-55 TO + 150
ELECTRICAL CHARACTERISTICS (AT TA =25°C UNLESS OTHERWISE NOTED)
CHARACTERISTICS
SYMBOL
FR15
-005G
FR15
-01G
FR15
-02G
FR15
-04G
FR15
-06G
FR15
-08G
FR15
-10G
UNITS
MAXIMUM FORWARD VOLTAGE AT IO DC
VF
1.3
V
MAXIMUM REVERSE CURRENT AT 25
IR
5
μA
MAXIMUM REVERSE RECOVERY TIME (NOTE 2)
TRR
150
250
500
nS
NOTE:
1. MEASURED AT 1 MHZ AND APPLIED REVERSE VOLTAGE 0F 4.0 VOLTS
2. REVERSE RECOVERY TEST CONDITIONS: IF=0.5A, IR=1.0A, IRR=0.25A
.140(3.6)
.104(2.6)
.034(0.9)
.028(0.7)
.300(7.6)
.230(5.8)
1.0(25.4)
MIN
1.0(25.4)
MIN


Similar Part No. - FR15-04G

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
FR15-04G FRONTIER-FR15-04G Datasheet
126Kb / 2P
   1.5A FAST RECOVERY GLASS PASSIVATED RECTIFIER
More results

Similar Description - FR15-04G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PR1501G DIODES-PR1501G Datasheet
62Kb / 2P
   1.5A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS27004 Rev. B-2
logo
TAITRON Components Inco...
TF151G TAITRON-TF151G Datasheet
130Kb / 4P
   1.5A Glass Passivated Fast Recovery Rectifier
logo
Frontier Electronics.
FR15-005G-LFR FRONTIER-FR15-005G-LFR Datasheet
126Kb / 2P
   1.5A FAST RECOVERY GLASS PASSIVATED RECTIFIER
FR151G FRONTIER-FR151G Datasheet
983Kb / 2P
   1.5A FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Diodes Incorporated
PR1501G DIODES-PR1501G_1 Datasheet
87Kb / 3P
   1.5A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS27004 Rev. 5 - 2
logo
TAITRON Components Inco...
RGP15A TAITRON-RGP15A Datasheet
133Kb / 4P
   1.5A Sintered Glass Passivated Fast Recovery Rectifier
logo
Frontier Electronics.
UF15-005G FRONTIER-UF15-005G Datasheet
128Kb / 2P
   1.5A GLASS PASSIVATED ULTRA FAST RECOVERY RECTIFIER
UF15-005G-LFR FRONTIER-UF15-005G-LFR Datasheet
128Kb / 2P
   1.5A GLASS PASSIVATED ULTRA FAST RECOVERY RECTIFIER
logo
TAITRON Components Inco...
UGP15A TAITRON-UGP15A Datasheet
190Kb / 4P
   1.5A Sintered Glass Passivated Ultra Fast Recovery Rectifier
logo
Taiwan Semiconductor Co...
FR151G-T TSC-FR151G-T Datasheet
410Kb / 6P
   1.5A, 50V - 1000V Glass Passivated Fast Recovery Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com