Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR10-10G Datasheet(PDF) 2 Page - Frontier Electronics.

Part # FR10-10G
Description  1A FAST RECOVERY GLASS PASSIVATED RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

FR10-10G Datasheet(HTML) 2 Page - Frontier Electronics.

  FR10-10G Datasheet HTML 1Page - Frontier Electronics. FR10-10G Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FR10-005G THRU FR10-10G
Page: 2
RATINGS AND CHARACTERISTIC CURVE FR10-005G THRU FR10-10G
0
20
40
60
80
100
120
140
FIG. 4-TYPICAL REVERSE CHARACTERISTICS
100
10
1
0.1
.01
PERCENT OF RATED PEAK REVERSE VOLTAGE
TJ=100
oC
TJ=25
oC
+0.5A
0
-0.25A
-1.0A
Trr
1cm
SET TIME BASE
FOR 10/20 ns/cm
1.0 CYCLE
Fig. 5-MAXIMUM FORWARD SURGE
CURRENT
30
20
10
0
1
10
100
NUMBER OF CYCLES AT 60 HZ
TA=75
oC
8.3ms SINGLE HALF
SINE-WAVE JEDEC METHOD
FIG. 3-TYPICAL JUNCTION CAPACITANCE
f = 1 MHz
Vsig = 50 mVp-p
Tj=25
oC
20
10
1
1
10
100
REVERSE VOLTAGE, VOLTS
20
10
3
1
.3
.1
.03
.01
0.4
0.6
0.8
1.0
1.2
1.4
1.6 1.8
INSTANTANEOUS FORWARD
VOLTAGE, (V)
FIG. 6-TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
Tj=25
oC
PULSE WIDTH =300us
1% DUTY CYCLE
TA-AMBIENT TEMPERATURE (°C)
Fig. 2-MAXIMUM FORWARD CURRENT
DERATING CURVE
0
20
40
60
80
100 120 140 160 180 200
1.0
0.8
0.6
0.4
0.2
0
I(pk)
I(AV)
=
π
RESISTIVE OR
INDUCTIVE LOAD
0.375”(9.5mm)
LEAD LENGTH
CAPACITIVE
LOAD
I(pk)
I(AV)
5
= 10
20
FIG. 1-TEST CIRCUIT DIAGRAM AND REVERSE
RECOVERY TIME CHARACTERISTIC
PULSE
GENERATOR
( NOTE 2 )
(+)
25 Vdc
(approx)
(-)
D.U.T.
1
Ω
NON
INDUCTIVE
OSCILLOSCOPE
( NOTE 1 )
50
Ω
NO INDUCTIVE
10
Ω
NO INDUCTIVE
(-)
(+)
NOTE: 1. RISE TIME=7ns MAX. INPUT
IMPEDANCE=1 MOhms 22PF
2. RISE TIME =10ns MAX. SOURCE
IMPEDANCE=50 OHMS


Similar Part No. - FR10-10G

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
FR10-10G-LFR FRONTIER-FR10-10G-LFR Datasheet
126Kb / 2P
   1A FAST RECOVERY GLASS PASSIVATED RECTIFIER
More results

Similar Description - FR10-10G

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
1N4933G FRONTIER-1N4933G_16 Datasheet
947Kb / 2P
   1A FAST RECOVERY GLASS PASSIVATED RECTIFIER
FR10-005G-LFR FRONTIER-FR10-005G-LFR Datasheet
126Kb / 2P
   1A FAST RECOVERY GLASS PASSIVATED RECTIFIER
FR10-005SG FRONTIER-FR10-005SG Datasheet
126Kb / 2P
   1A FAST RECOVERY GLASS PASSIVATED RECTIFIER
FR101G FRONTIER-FR101G Datasheet
1Mb / 2P
   1A FAST RECOVERY GLASS PASSIVATED RECTIFIER
1N4933G FRONTIER-1N4933G Datasheet
126Kb / 2P
   1A FAST RECOVERY GLASS PASSIVATED RECTIFIER
SF10-005G-LFR FRONTIER-SF10-005G-LFR Datasheet
128Kb / 2P
   1A GLASS PASSIVATED SUPER FAST RECOVERY RECTIFIER
UF4001G-LFR FRONTIER-UF4001G-LFR Datasheet
129Kb / 2P
   1A GLASS PASSIVATED ULTRA FAST RECOVERY RECTIFIER
SF10-005G FRONTIER-SF10-005G Datasheet
128Kb / 2P
   1A GLASS PASSIVATED SUPER FAST RECOVERY RECTIFIER
UF4001G FRONTIER-UF4001G Datasheet
128Kb / 2P
   1A GLASS PASSIVATED ULTRA FAST RECOVERY RECTIFIER
logo
Taiwan Semiconductor Co...
F1T1G-K TSC-F1T1G-K Datasheet
409Kb / 6P
   1A, 50V - 1000V Glass Passivated Fast Recovery Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com