Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX17603 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX17603
Description  4A Sink /Source Current, 12ns, Dual MOSFET Drivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17603 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX17603 Datasheet HTML 1Page - Maxim Integrated Products MAX17603 Datasheet HTML 2Page - Maxim Integrated Products MAX17603 Datasheet HTML 3Page - Maxim Integrated Products MAX17603 Datasheet HTML 4Page - Maxim Integrated Products MAX17603 Datasheet HTML 5Page - Maxim Integrated Products MAX17603 Datasheet HTML 6Page - Maxim Integrated Products MAX17603 Datasheet HTML 7Page - Maxim Integrated Products MAX17603 Datasheet HTML 8Page - Maxim Integrated Products MAX17603 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MAX17600–MAX17605
4A Sink /Source Current, 12ns, Dual MOSFET Drivers
1
General Description
The MAX17600–MAX17605 devices are high-speed
MOSFET drivers capable of sinking /sourcing 4A peak
currents. The devices have various inverting and non-
inverting part options that provide greater flexibility in
controlling the MOSFET. The devices have internal logic
circuitry that prevents shoot-through during output-state
changes. The logic inputs are protected against voltage
spikes up to +14V, regardless of VDD voltage. Propagation
delay time is minimized and matched between the dual
channels. The devices have very fast switching time,
combined with short propagation delays (12ns typ),
making them ideal for high-frequency circuits. The
devices operate from a +4V to +14V single power
supply and typically consume 1mA of supply cur-
rent. The MAX17600/MAX17601 have standard TTL
input logic levels, while the MAX17603 /MAX17604/
MAX17605 have CMOS-like high-noise margin (HNM)
input logic levels. The MAX17600/MAX17603 are dual
inverting input drivers, the MAX17601/MAX17604 are
dual noninverting input drivers, and the MAX17602 /
MAX17605 devices have one noninverting and one
inverting input. These devices are provided with enable
pins (ENA, ENB) for better control of driver operation.
These devices are available in 8-pin (3mm x 3mm) TDFN,
8-pin (3mm x 5mm) FMAX®, and 8-pin SO packages and
operate over the -40NC to +125NC temperature range.
Applications
Power MOSFET Switching
Switch-Mode Power Supplies
DC-DC Converters
Motor Control
Power-Supply Modules
Features
S
Dual Drivers with Enable Inputs
S
+4V to +14V Single Power-Supply Range
S
4A Peak Sink /Source Current
S
Inputs Rated to +14V, Regardless of VDD Voltage
S
Low 12ns Propagation Delay
S
6ns Typical Rise and 5ns Typical Fall Times with
1nF Load
S
Matched Delays Between Channels
S
Parallel Operation of Dual Outputs for Larger
Driver Output Current
S
TTL or HNM Logic-Level Inputs with Hysteresis for
Noise Immunity
S
Low Input Capacitance: 10pF (typ)
S
Thermal Shutdown Protection
S
TDFN, µMAX, and SO Package Options
S
-40NC to +125NC Operating Temperature Range
Typical Operating Circuit
19-6177; Rev 1; 5/12
Ordering Information appears at end of data sheet.
µMAX is a registered trademark of Maxim Integrated
Products, Inc.
EVALUATION KIT AVAILABLE
GND
OUTB
ENB
OUTA
ENA
VDD
VDD
(UP TO +14V)
INA
INB
MAX17600
MAX17601
MAX17602
MAX17603
MAX17604
MAX17605
For pricing, delivery, and ordering information, please contact Maxim Direct
at 1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.


Similar Part No. - MAX17603

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17603 MAXIM-MAX17603 Datasheet
1Mb / 13P
   4A Sink/Source Current, 12ns, Dual MOSFET Drivers
Rev 2; 6/17
MAX17603ASA++ MAXIM-MAX17603ASA+ Datasheet
1Mb / 13P
   4A Sink/Source Current, 12ns, Dual MOSFET Drivers
Rev 2; 6/17
MAX17603ATA++ MAXIM-MAX17603ATA+ Datasheet
1Mb / 13P
   4A Sink/Source Current, 12ns, Dual MOSFET Drivers
Rev 2; 6/17
MAX17603AUA++ MAXIM-MAX17603AUA+ Datasheet
1Mb / 13P
   4A Sink/Source Current, 12ns, Dual MOSFET Drivers
Rev 2; 6/17
More results

Similar Description - MAX17603

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17600 MAXIM-MAX17600_17 Datasheet
1Mb / 13P
   4A Sink/Source Current, 12ns, Dual MOSFET Drivers
Rev 2; 6/17
MAX15070A MAXIM-MAX15070A_V01 Datasheet
829Kb / 10P
   7A Sink, 3A Source, 12ns, SOT23 MOSFET Drivers
2019
MAX15070A MAXIM-MAX15070A Datasheet
1Mb / 9P
   7A Sink, 3A Source, 12ns, SOT23 MOSFET Drivers
Rev 1; 11/11
MAX15070A MAXIM-MAX15070A_13 Datasheet
1Mb / 9P
   7A Sink, 3A Source, 12ns, SOT23 MOSFET Drivers
Rev 3; 5/13
MAX25615 MAXIM-MAX25615 Datasheet
808Kb / 9P
   7A Sink, 3A Source, 12ns, SOT23 MOSFET Driver
Rev 2; 11/18
logo
IXYS Corporation
IXD_604 IXYS-IXD_604 Datasheet
320Kb / 13P
   4A Peak Source/Sink Drive Current
logo
Maxim Integrated Produc...
MAX15024 MAXIM-MAX15024 Datasheet
247Kb / 16P
   Single/Dual, 16ns, High Sink/Source Current Gate Drivers
Rev 0; 10/07
MAX15024 MAXIM-MAX15024_10 Datasheet
217Kb / 16P
   Single/Dual, 16ns, High Sink/source Current Gate Drivers
Rev 2; 4/10
logo
Burr-Brown (TI)
REF200 BURR-BROWN-REF200_07 Datasheet
235Kb / 17P
   DUAL CURRENT SOURCE/CURRENT SINK
REF200 BURR-BROWN-REF200 Datasheet
250Kb / 15P
   DUAL CURRENT SOURCE/CURRENT SINK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com