Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FFM106M-LFR Datasheet(PDF) 2 Page - Frontier Electronics.

Part # FFM106M-LFR
Description  1A SURFACE MOUNT FAST RECOVERY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

FFM106M-LFR Datasheet(HTML) 2 Page - Frontier Electronics.

  FFM106M-LFR Datasheet HTML 1Page - Frontier Electronics. FFM106M-LFR Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FFM101M-LFR THRU FFM107M-LFR
Page: 2
0
20
40
60
80
100
120
140
RATINGS AND CHARACTERISTIC CURVE FFM101M-LFR THRU FFM107M-LFR
+0.5A
0
-0.25A
-1.0A
Trr
1cm
SET TIME BASE
FOR 10/20 ns/cm
1.0 CYCLE
Fig. 5-MAXIMUM FORWARD SURGE
CURRENT
30
20
10
0
1
10
100
NUMBER OF CYCLES AT 60 HZ
TA=75
oC
8.3ms SINGLE HALF
SINE-WAVE JEDEC METHOD
FIG. 3-TYPICAL JUNCTION CAPACITANCE
f = 1 MHz
Vsig = 50 mVp-p
Tj=25
oC
20
10
1
1
10
100
REVERSE VOLTAGE, VOLTS
FIG. 4-TYPICAL REVERSE CHARACTERISTICS
TJ=100
oC
TJ=25
oC
100
10
1.0
0.1
.01
PERCENT OF RATED PEAK REVERSE VOLTAGE
10
1.0
0.1
.4
.6
.8
1.0
1.2
1.4 1.6
INSTANTANEOUS FORWARD VOLTAGE, (V)
FIG. 6-TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
Tj=25
oC
PULSE WIDTH =300us
1% DUTY CYCLE
LEAD TEMPERATURE (
OC)
Fig. 2-MAXIMUM CURRENT DERATING CURVE
0
20
40
60
80
100 120 140 160 180 200
1.0
0.8
0.6
0.4
0.2
0
P.C.B MOUNTED ON
0.3×0.3”(8.0×8.0mm)
COPPER PAD AREAS
SINGLE PHASE
HALF WAVE 60Hz
RESISTIVE OR
INDUCTIVE LOAD
FIG. 1-TEST CIRCUIT DIAGRAM AND REVERSE
RECOVERY TIME CHARACTERISTIC
PULSE
GENERATOR
( NOTE 2 )
(+)
25 Vdc
(approx)
(-)
D.U.T.
1
Ω
NON
INDUCTIVE
OSCILLOSCOPE
( NOTE 1 )
50
Ω
NO INDUCTIVE
10
Ω
NO INDUCTIVE
(-)
(+)
NOTE: 1. RISE TIME=7ns MAX. INPUT
IMPEDANCE=1 MOhms 22PF
2. RISE TIME =10ns MAX. SOURCE
IMPEDANCE=50 OHMS


Similar Part No. - FFM106M-LFR

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FFM106 FORMOSA-FFM106 Datasheet
68Kb / 2P
   Fast recovery type
logo
Leshan Radio Company
FFM106 LRC-FFM106 Datasheet
53Kb / 2P
   1A FAST RECOVERY SMA DIODES
logo
Rectron Semiconductor
FFM106 RECTRON-FFM106 Datasheet
33Kb / 3P
   SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
logo
Diotech Company.
FFM106 DIOTECH-FFM106 Datasheet
684Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Shenzhen Taychipst Elec...
FFM106 TAYCHIPST-FFM106 Datasheet
3Mb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
More results

Similar Description - FFM106M-LFR

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
RS4933 FRONTIER-RS4933 Datasheet
127Kb / 2P
   1A SURFACE MOUNT FAST RECOVERY RECTIFIERS
SM4933 FRONTIER-SM4933 Datasheet
125Kb / 2P
   1A SURFACE MOUNT FAST RECOVERY RECTIFIERS
RS1A-LFR FRONTIER-RS1A-LFR Datasheet
128Kb / 2P
   1A SURFACE MOUNT FAST RECOVERY RECTIFIERS
SM4933-LFR FRONTIER-SM4933-LFR Datasheet
125Kb / 2P
   1A SURFACE MOUNT FAST RECOVERY RECTIFIERS
FSM10-005 FRONTIER-FSM10-005 Datasheet
128Kb / 2P
   1A SURFACE MOUNT FAST RECOVERY RECTIFIERS
RS4933-LFR FRONTIER-RS4933-LFR Datasheet
127Kb / 2P
   1A SURFACE MOUNT FAST RECOVERY RECTIFIERS
SFS1A FRONTIER-SFS1A Datasheet
132Kb / 2P
   1A SURFACE MOUNT SUPER FAST RECOVERY RECTIFIERS
US1A-LFR FRONTIER-US1A-LFR Datasheet
132Kb / 2P
   1A SURFACE MOUNT ULTRA FAST RECOVERY RECTIFIERS
US1A FRONTIER-US1A Datasheet
131Kb / 2P
   1A SURFACE MOUNT ULTRA FAST RECOVERY RECTIFIERS
SFM11M FRONTIER-SFM11M Datasheet
64Kb / 2P
   1A SURFACE MOUNT SUPER FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com