Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX17603ASA+ Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX17603ASA+
Description  4A Sink /Source Current, 12ns, Dual MOSFET Drivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17603ASA+ Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX17603ASA+ Datasheet HTML 4Page - Maxim Integrated Products MAX17603ASA+ Datasheet HTML 5Page - Maxim Integrated Products MAX17603ASA+ Datasheet HTML 6Page - Maxim Integrated Products MAX17603ASA+ Datasheet HTML 7Page - Maxim Integrated Products MAX17603ASA+ Datasheet HTML 8Page - Maxim Integrated Products MAX17603ASA+ Datasheet HTML 9Page - Maxim Integrated Products MAX17603ASA+ Datasheet HTML 10Page - Maxim Integrated Products MAX17603ASA+ Datasheet HTML 11Page - Maxim Integrated Products MAX17603ASA+ Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MAX17600–MAX17605
4A Sink /Source Current, 12ns, Dual MOSFET Drivers
11
Ordering Information/Selector Guide
Note: All devices are specified over the -40°C to +125°C temperature range. Optional 8-pin 2mm x 3mm TDFN package is
available. Contact your Maxim sales representative for more information.
+Denotes a lead(Pb)-free/RoHS-compliant package.
*EP = Exposed pad.
Package Information
For the latest package outline information and land patterns
(footprints), go to www.maxim-ic.com/packages. Note that a
“+”, “#”, or “-” in the package code indicates RoHS status only.
Package drawings may show a different suffix character, but
the drawing pertains to the package regardless of RoHS status.
Chip Information
PROCESS: BiCMOS
PART
PIN-PACKAGE
CONFIGURATION
LOGIC LEVELS
TOP MARK
MAX17600ATA+
8 TDFN-EP* (3mm x 3mm)
Dual/Inverting
TTL
+BOJ
MAX17600ASA+
8 SO
Dual/Inverting
TTL
+
MAX17600AUA+
8 FMAX-EP*
Dual/Inverting
TTL
+AACI
MAX17601ATA+
8 TDFN-EP* (3mm x 3mm)
Dual/Noninverting
TTL
+BOK
MAX17601ASA+
8 SO
Dual/Noninverting
TTL
+
MAX17601AUA+
8 FMAX-EP*
Dual/Noninverting
TTL
+AACJ
MAX17602ATA+
8 TDFN-EP* (3mm x 3mm)
Inverting/Noninverting
TTL
+BOL
MAX17602ASA+
8 SO
Inverting/Noninverting
TTL
+
MAX17602AUA+
8 FMAX-EP*
Inverting/Noninverting
TTL
+AACK
MAX17603ATA+
8 TDFN-EP* (3mm x 3mm)
Dual/Inverting
HNM
+BOM
MAX17603ASA+
8 SO
Dual/Inverting
HNM
+
MAX17603AUA+
8 FMAX-EP*
Dual/Inverting
HNM
+AACL
MAX17604ATA+
8 TDFN-EP* (3mm x 3mm)
Dual/Noninverting
HNM
+BON
MAX17604ASA+
8 SO
Dual/Noninverting
HNM
+
MAX17604AUA+
8 FMAX-EP*
Dual/Noninverting
HNM
+AACM
MAX17605ATA+
8 TDFN-EP* (3mm x 3mm)
Inverting/Noninverting
HNM
+BOO
MAX17605ASA+
8 SO
Inverting/Noninverting
HNM
+
MAX17605AUA+
8 FMAX-EP*
Inverting/Noninverting
HNM
+AACN
PACKAGE
TYPE
PACKAGE
CODE
OUTLINE
NO.
LAND
PATTERN NO.
8 TDFN-EP
T833+2
21-0137
90-0059
8 SO
S8+2
21-0041
90-0096
8 FMAX
U8E+2
21-0107
90-0145


Similar Part No. - MAX17603ASA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17603ASA++ MAXIM-MAX17603ASA+ Datasheet
1Mb / 13P
   4A Sink/Source Current, 12ns, Dual MOSFET Drivers
Rev 2; 6/17
More results

Similar Description - MAX17603ASA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17600 MAXIM-MAX17600_17 Datasheet
1Mb / 13P
   4A Sink/Source Current, 12ns, Dual MOSFET Drivers
Rev 2; 6/17
MAX15070A MAXIM-MAX15070A_V01 Datasheet
829Kb / 10P
   7A Sink, 3A Source, 12ns, SOT23 MOSFET Drivers
2019
MAX15070A MAXIM-MAX15070A Datasheet
1Mb / 9P
   7A Sink, 3A Source, 12ns, SOT23 MOSFET Drivers
Rev 1; 11/11
MAX15070A MAXIM-MAX15070A_13 Datasheet
1Mb / 9P
   7A Sink, 3A Source, 12ns, SOT23 MOSFET Drivers
Rev 3; 5/13
MAX25615 MAXIM-MAX25615 Datasheet
808Kb / 9P
   7A Sink, 3A Source, 12ns, SOT23 MOSFET Driver
Rev 2; 11/18
logo
IXYS Corporation
IXD_604 IXYS-IXD_604 Datasheet
320Kb / 13P
   4A Peak Source/Sink Drive Current
logo
Maxim Integrated Produc...
MAX15024 MAXIM-MAX15024 Datasheet
247Kb / 16P
   Single/Dual, 16ns, High Sink/Source Current Gate Drivers
Rev 0; 10/07
MAX15024 MAXIM-MAX15024_10 Datasheet
217Kb / 16P
   Single/Dual, 16ns, High Sink/source Current Gate Drivers
Rev 2; 4/10
logo
Burr-Brown (TI)
REF200 BURR-BROWN-REF200_07 Datasheet
235Kb / 17P
   DUAL CURRENT SOURCE/CURRENT SINK
REF200 BURR-BROWN-REF200 Datasheet
250Kb / 15P
   DUAL CURRENT SOURCE/CURRENT SINK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com