Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAXQ618X-0000+ Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAXQ618X-0000+
Description  16-Bit Microcontroller with Infrared Module
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ618X-0000+ Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAXQ618X-0000+ Datasheet HTML 1Page - Maxim Integrated Products MAXQ618X-0000+ Datasheet HTML 2Page - Maxim Integrated Products MAXQ618X-0000+ Datasheet HTML 3Page - Maxim Integrated Products MAXQ618X-0000+ Datasheet HTML 4Page - Maxim Integrated Products MAXQ618X-0000+ Datasheet HTML 5Page - Maxim Integrated Products MAXQ618X-0000+ Datasheet HTML 6Page - Maxim Integrated Products MAXQ618X-0000+ Datasheet HTML 7Page - Maxim Integrated Products MAXQ618X-0000+ Datasheet HTML 8Page - Maxim Integrated Products MAXQ618X-0000+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
MAXQ618
16-Bit Microcontroller with Infrared Module
4
(All voltages with respect to GND.)
Voltage Range on VDD.........................................-0.3V to +3.6V
Voltage Range on Any Lead Except VDD -0.3V to (VDD + 0.5V)
Continuous Power Dissipation (TA = +70NC)
TQFN (single-layer board)
(derate 27mW/NC above +70NC) .........................2162.2mW
TQFN (multilayer board)
(derate 37mW/NC above +70NC) ............................2963mW
Operating Temperature Range............................. 0NC to +70NC
Storage Temperature Range............................ -65NC to +150NC
Lead Temperature (excluding dice; soldering, 10s) ......+300NC
Soldering Temperature (reflow) ......................................+260NC
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional opera-
tion of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
(VDD = VRST to 3.6V, TA = 0NC to +70NC, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VDD
VRST
3.6
V
1.8V Internal Regulator
VREG18
1.62
1.8
1.98
V
Power-Fail Warning Voltage for
Supply
VPFW
Monitors VDD (Note 2)
1.75
1.8
1.85
V
Power-Fail Reset Voltage
VRST
Monitors VDD (Note 3)
1.64
1.67
1.70
V
POR Voltage
VPOR
Monitors VDD
1.0
1.42
V
RAM Data-Retention Voltage
VDRV
(Note 4)
1.0
V
Active Current
IDD_1
Sysclk = 12MHz (Note 5)
2.5
3.75
mA
Stop-Mode Current
IS1
Power-Fail Off
TA = +25NC
0.15
2.0
F
A
TA = 0°C +70NC
0.15
8
IS2
Power-Fail On
TA = +25NC
22
31
TA = 0°C to +70NC
27.6
38
Current Consumption During
Power-Fail
IPFR
(Note 6)
[(3 x IS2) +
((PCI - 3) x (IS1 +
INANO))]/PCI
F
A
Power Consumption During
POR
IPOR
(Note 7)
100
nA
Stop-Mode Resume Time
tON
375 + (8192 x tHFXIN)
F
s
Power-Fail Monitor Startup Time
tPFM_ON
(Note 4)
150
F
s
Power-Fail Warning Detection
Time
tPFW
(Notes 4, 8)
10
F
s
Input Low Voltage for IRTX,
IRRX, RESET, and All Port Pins
VIL
VGND
0.3 x VDD
V
Input High Voltage for IRTX,
IRRX, RESET, and All Port Pins
VIH
0.7 x VDD
VDD
V
Input Hysteresis (Schmitt)
VIHYS
VDD = 3.3V, TA = +25NC
300
mV
Input Low Voltage for HFXIN
VIL_HFXIN
VGND
0.3 x VDD
V
Input High Voltage for HFXIN
VIH_HFXIN
0.7 x VDD
VDD
V
IRRX Input Filter Pulse-Width
Reject
tIRRX_R
50
ns


Similar Part No. - MAXQ618X-0000+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXQ610 MAXIM-MAXQ610 Datasheet
2Mb / 28P
   16-Bit Microcontroller with Infrared Module
Rev 1; 11/08
MAXQ610 MAXIM-MAXQ610 Datasheet
294Kb / 28P
   16-Bit Microcontroller with Infrared Module
Rev 3; 7/09
MAXQ610 MAXIM-MAXQ610 Datasheet
344Kb / 29P
   16-Bit Microcontroller with Infrared Module
Rev 5; 2/10
MAXQ610-KIT MAXIM-MAXQ610-KIT Datasheet
847Kb / 20P
   MAXQ610 Evaluation Kit
19-5765; Rev 3; 10/13
MAXQ610-KIT# MAXIM-MAXQ610-KIT# Datasheet
847Kb / 20P
   MAXQ610 Evaluation Kit
19-5765; Rev 3; 10/13
More results

Similar Description - MAXQ618X-0000+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXQ610 MAXIM-MAXQ610 Datasheet
2Mb / 28P
   16-Bit Microcontroller with Infrared Module
Rev 1; 11/08
MAXQ61H MAXIM-MAXQ61H_10 Datasheet
226Kb / 23P
   16-BIt Microcontroller with Infrared Module
19-4604; Rev 2; 5/10
MAXQ61H MAXIM-MAXQ61H_12 Datasheet
255Kb / 23P
   16-Bit Microcontroller with Infrared Module
Rev 3; 3/12
MAXQ614 MAXIM-MAXQ614 Datasheet
1Mb / 22P
   16-Bit Microcontroller with Infrared Module
Rev 2; 10/12
MAXQ610 MAXIM-MAXQ610_10 Datasheet
344Kb / 29P
   16-Bit Microcontroller with Infrared Module
Rev 5; 2/10
MAXQ61C MAXIM-MAXQ61C Datasheet
1Mb / 27P
   16-Bit Microcontroller with Infrared Module
Rev 0; 4/10
MAXQ613 MAXIM-MAXQ613 Datasheet
1Mb / 28P
   16-Bit Microcontroller with Infrared Module
Rev 4; 7/12
MAXQ61H MAXIM-MAXQ61H Datasheet
257Kb / 23P
   16-Bit Microcontroller with Infrared Module
Rev 1; 7/09
MAXQ610 MAXIM-MAXQ610_09 Datasheet
294Kb / 28P
   16-Bit Microcontroller with Infrared Module
Rev 3; 7/09
MAXQ610 MAXIM-MAXQ610_11 Datasheet
1Mb / 29P
   16-Bit Microcontroller with Infrared Module 1.70V to 3.6V Operating Voltage Range
Rev 6; 7/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com