Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX11122 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX11122
Description  1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11122 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX11122 Datasheet HTML 1Page - Maxim Integrated Products MAX11122 Datasheet HTML 2Page - Maxim Integrated Products MAX11122 Datasheet HTML 3Page - Maxim Integrated Products MAX11122 Datasheet HTML 4Page - Maxim Integrated Products MAX11122 Datasheet HTML 5Page - Maxim Integrated Products MAX11122 Datasheet HTML 6Page - Maxim Integrated Products MAX11122 Datasheet HTML 7Page - Maxim Integrated Products MAX11122 Datasheet HTML 8Page - Maxim Integrated Products MAX11122 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
3
MAX11120–MAX11128
1Msps, Low-Power, Serial 12-/10-/8-Bit,
4-/8-/16-Channel ADCs
ELECTRICAL CHARACTERISTICS (MAX11122/MAX11125/MAX11128) (continued)
(VDD = 2.35V to 3.6V, VOVDD = 1.5V to 3.6V, fSAMPLE = 1Msps, fSCLK = 16MHz, 50% duty cycle, VREF+ = VDD, TA = -40NC to +125NC,
unless otherwise noted. Typical values are at TA = +25NC.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Full-Power Bandwidth
-3dB
50
MHz
-0.1dB
7.5
Full-Linear Bandwidth
SINAD > 70dB
1.5
MHz
Crosstalk
-0.5dB below full scale of
249.878kHz sine wave input to the
channel being sampled, apply full-
scale 219.97kHz sine wave signal to
all 15 nonselected input channels
-88
dB
CONVERSION RATE
Power-Up Time
tPU
Conversion cycle, external clock
2
Cycles
Acquisition Time
tACQ
156
ns
Conversion Time
tCONV
Internally clocked (Note 8)
5.9
µs
Externally clocked, fSCLK = 16MHz,
16 cycles (Note 8)
1000
ns
External Clock Frequency
fSCLK
0.16
16
MHz
Aperture Delay
8
ns
Aperture Jitter
RMS
30
ps
ANALOG INPUT
Input Voltage Range
VINA
Unipolar (single-ended and pseudo
differential)
0
VREF+
V
Bipolar
(Note 9)
RANGE bit set to 0
-VREF+/2
VREF+/2
RANGE bit set to 1
-VREF+
VREF+
Absolute Input Voltage Range
AIN+, AIN- relative to GND
-0.1
VREF+ + 0.1
V
Static Input Leakage Current
IILA
VAIN_ = VDD, GND
-0.1
±1.5
F
A
Input Capacitance
CAIN
During acquisition time,
RANGE bit = 0 (Note 10)
15
pF
During acquisition time,
RANGE bit = 1 (Note 10)
7.5
EXTERNAL REFERENCE INPUT
REF- Input Voltage Range
VREF-
-0.3
+1
V
REF+ Input Voltage Range
VREF+
1
VDD + 50mV
V
REF+ Input Current
IREF+
VREF+ = 2.5V, fSAMPLE = 1Msps
36.7
F
A
VREF+ = 2.5V, fSAMPLE = 0
0.1


Similar Part No. - MAX11122

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11122 MAXIM-MAX11122 Datasheet
3Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
Rev 0; 12/11
MAX11122ATI++ MAXIM-MAX11122ATI+ Datasheet
3Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit,4-/8-/16-Channel ADCs
Rev 1; 4/12
MAX11122ATI++ MAXIM-MAX11122ATI+ Datasheet
1Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
2019
More results

Similar Description - MAX11122

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11120 MAXIM-MAX11120 Datasheet
3Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
Rev 0; 12/11
MAX11120 MAXIM-MAX11120_V01 Datasheet
1Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
2019
MAX11120 MAXIM-MAX11120_12 Datasheet
3Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit,4-/8-/16-Channel ADCs
Rev 1; 4/12
MAX11135_V1 MAXIM-MAX11135_V1 Datasheet
3Mb / 40P
   500ksps, Low-Power, Serial 12-/10-/8-Bit,4-/8-/16-Channel ADCs
Rev 1; 7/12
MAX11135 MAXIM-MAX11135 Datasheet
3Mb / 40P
   500ksps, Low-Power, Serial 12-/10-/8-Bit,4-/8-/16-Channel ADCs
Rev 0; 2/12
MAX11129 MAXIM-MAX11129 Datasheet
2Mb / 36P
   3Msps, Low-Power, Serial 12-/10-Bit, 8-/16-Channel ADCs
Rev 1; 11/11
MAX11129_V4 MAXIM-MAX11129_V4 Datasheet
2Mb / 36P
   3Msps, Low-Power, Serial 12-/10-Bit,8-/16-Channel ADCs
Rev 4; 6/12
MAX11129 MAXIM-MAX11129_12 Datasheet
3Mb / 36P
   3Msps, Low-Power, Serial 12-/10-Bit,8-/16-Channel ADCs
Rev 3; 4/12
MAX186 MAXIM-MAX186 Datasheet
245Kb / 24P
   Low-Power, 8-Channel, Serial 12-Bit ADCs
Rev. 4; 8/96
MAX186 MAXIM-MAX186_V01 Datasheet
394Kb / 25P
   Low-Power, 8-Channel, Serial 12-Bit ADCs
2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com