Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX11329 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX11329
Description  3Msps, 12-/10-Bit, 8-/16-Channel ADCs with Post-Mux External Signal Conditioning Access
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11329 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX11329 Datasheet HTML 1Page - Maxim Integrated Products MAX11329 Datasheet HTML 2Page - Maxim Integrated Products MAX11329 Datasheet HTML 3Page - Maxim Integrated Products MAX11329 Datasheet HTML 4Page - Maxim Integrated Products MAX11329 Datasheet HTML 5Page - Maxim Integrated Products MAX11329 Datasheet HTML 6Page - Maxim Integrated Products MAX11329 Datasheet HTML 7Page - Maxim Integrated Products MAX11329 Datasheet HTML 8Page - Maxim Integrated Products MAX11329 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
5
MAX11329–MAX11332
3Msps, 12-/10-Bit, 8-/16-Channel ADCs with
Post-Mux External Signal Conditioning Access
ELECTRICAL CHARACTERISTICS (MAX11331/MAX11332) (continued)
(VDD = 2.35V to 3.6V, VOVDD = 1.5V to 3.6V, fSAMPLE = 3Msps, fSCLK = 48MHz, 50% duty cycle, VREF+ = VDD, TA = -40NC to +125NC,
unless otherwise noted. Typical values are at TA = +25NC.) (Note 2)
ELECTRICAL CHARACTERISTICS (MAX11329/MAX11330)
(VDD = 2.35V to 3.6V, VOVDD = 1.5V to 3.6V, fSAMPLE = 3Msps, fSCLK = 48MHz, 50% duty cycle, VREF+ = VDD, TA = -40NC to +125NC,
unless otherwise noted. Typical values are at TA = +25NC.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
CS Fall to SCLK Fall Setup
tCSS
4
ns
SCLK Fall to CS Fall Hold
tCSH
1
ns
CNVST Pulse Width
tCSW
See Figure 6
5
ns
CS or CNVST Rise to EOC Low
(Note 6)
tCNV_INT
See Figure 7, fSAMPLE = 3Msps
1.7
2.4
F
s
CS Pulse Width
tCSBW
5
ns
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC ACCURACY (Notes 3 and 4)
Resolution
RES
10 bit
10
Bits
Integral Nonlinearity
INL
±0.4
LSB
Differential Nonlinearity
DNL
No missing codes
±0.4
LSB
Offset Error
0.7
±1.2
LSB
Gain Error
(Note 5)
0
±1.5
LSB
Offset Error Temperature
Coefficient
OETC
±2
ppm/NC
Gain Temperature Coefficient
GETC
±0.8
ppm/NC
Channel-to-Channel Offset
Matching
±0.5
LSB
Line Rejection
PSR
(Note 6)
0.2
±1.0
LSB/V
DYNAMIC PERFORMANCE (100kHz, input sine wave) (Notes 3 and 7)
Signal-to-Noise Plus Distortion
SINAD
61
61.5
dB
Signal-to-Noise Ratio
SNR
61
61.5
dB
Total Harmonic Distortion
(Up to the 5th Harmonic)
THD
-82.5
-75
dB
Spurious-Free Dynamic Range
SFDR
76
83.4
dB
Intermodulation Distortion
IMD
f1 = 99.2432kHz, f2 = 69.2139kHz
-83
dB
Full-Power Bandwidth
-3dB
30
MHz
-0.1dB
5
MHz
Full-Linear Bandwidth
SINAD ≥ 61dB
0.5
MHz


Similar Part No. - MAX11329

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11329 MAXIM-MAX11329 Datasheet
3Mb / 37P
   3Msps, 12-/10-Bit, 8-/16-Channel ADCs with Post-Mux External Signal Conditioning Access
Rev 0; 3/12
MAX11329ATJ++ MAXIM-MAX11329ATJ+ Datasheet
3Mb / 37P
   3Msps, 12-/10-Bit, 8-/16-Channel ADCs with Post-Mux External Signal Conditioning Access
Rev 0; 3/12
More results

Similar Description - MAX11329

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11329 MAXIM-MAX11329 Datasheet
3Mb / 37P
   3Msps, 12-/10-Bit, 8-/16-Channel ADCs with Post-Mux External Signal Conditioning Access
Rev 0; 3/12
MAX11335 MAXIM-MAX11335_V01 Datasheet
2Mb / 37P
   500ksps, 12-/10-Bit, 4-/8-/16-Channel ADCs with Post-Mux External Signal Conditioning AccessPost-Mux External Signal Conditioning Access
2021
MAX11321 MAXIM-MAX11321_V01 Datasheet
1Mb / 37P
   1Msps, 10-/12-Bit, 4-/8-/16-Channel ADCs with Post-Mux External Signal Conditioning Access
2014
MAX11321 MAXIM-MAX11321 Datasheet
3Mb / 37P
   1Msps, 10-/12-Bit, 4-/8-/16-Channel ADCs with Post-Mux External Signal Conditioning Access
Rev 0; 9/12
MAX11129 MAXIM-MAX11129 Datasheet
2Mb / 36P
   3Msps, Low-Power, Serial 12-/10-Bit, 8-/16-Channel ADCs
Rev 1; 11/11
MAX11129_V4 MAXIM-MAX11129_V4 Datasheet
2Mb / 36P
   3Msps, Low-Power, Serial 12-/10-Bit,8-/16-Channel ADCs
Rev 4; 6/12
MAX11129 MAXIM-MAX11129_12 Datasheet
3Mb / 36P
   3Msps, Low-Power, Serial 12-/10-Bit,8-/16-Channel ADCs
Rev 3; 4/12
logo
Analog Devices
AD7273 AD-AD7273 Datasheet
243Kb / 20P
   3MSPS,10-/12-Bit ADCs in 8-Lead TSOT
REV. PrB (6/04)
logo
Maxim Integrated Produc...
MAX11102 MAXIM-MAX11102_V01 Datasheet
2Mb / 30P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
2013
MAX11102_1108 MAXIM-MAX11102_1108 Datasheet
2Mb / 30P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 5; 8/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com